Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS-40LB Datasheet(PDF) 1 Page - Total Power International

Part # TPS-40LB
Description  Universal input
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPS-40LB Datasheet(HTML) 1 Page - Total Power International

  TPS-40LB Datasheet HTML 1Page - Total Power International TPS-40LB Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
* Universal input
* Built-in EMI filter
* Low Cost
* Telecommunications
* Computerperipherals / LAN& Hub
* Test & industrial equipments
* Medical instruments
* Business machines
KEY FEATURES
APPLICATIONS
TPS40LB SERIES
BOX TYPE
ORDERING INFORMATION
ENVIRONMENTAL
EMI & EMC
SAFETY APPROVAL
* UL 1950 / cUL
* Optional CSA 22.2, LEVEL 3 (COMPLY WITH)
* TUV EN60950
* Optional UL 2601(EMI Class A) (COMPLY WITH)
* Operating temperature:
0 to 50 C ambient; derate each output at 2.5% per
degree from 50 C to 70 C
* Electromagnetic susceptibility:
Designed to meet IEC 801 -2, -3, -4, -5, Level 3
* Humidity:
Operating; non-condensing 5% to 95%
* Vibration:
10 ~ 55 Hz at 1G 3 minutes period, 30 minutes along
X, Y and Z axis
* Storage temperature:
-40 to 85 C
* Temperature coefficient:
+/- 0.05% per degree C
* MTBF demonstrated:
> 100,000 hours at full load and 25 C ambient
conditions
Series Name
TPS 40 LB - X X
Output wattage
Low Cost Box Type
1 for single output, 2 for dual outputs
3 for triple outputs
Model extension
* FCC part 15, Class B
* CISPR 22 / EN55022, Class B
* VCCI, Class 2
* CE, EN61000-3-2 (Class A) and-3;
EN61000-4-2, -3, -4, -5, -6 and -11
ELECTRICAL SPECIFICATIONS
INPUT
* Input range ----------- 90 ~ 264 VAC, universal
* Frequency ------------ 47 ~ 63Hz
* Inrush current -------- 30A Typ. Cold start @ 25 C, 115VAC
* Efficiency ------------ 65%~80% typical at full load
* EMI filter ------------- FCC Class B, CISPR 22 Class B,
EN55022 class B
* Line regulation ------ +/- 0.5%
OUTPUT
* Maximum power ----- 25W for convection
(Refer to next page)
* Hold-up time ---------- 10ms at full load and 115 VAC
nominal line
* Overload protection -- Short circuit protection.
* Ripple/Noise ----------- +/- 1% Max. @ full load
(Optional +/- 0.5% per inquiry)
* Overvoltage
protection -------------- Main output 20% to 40% above
nominal output
TOTAL POWER INTERNATIONAL, INC.
TOLL FREE (USA): 877-646-0900 PH# 978-453-7272
SALES@TOTAL-POWER.COM
WWW.TOTAL-POWER.COM
Total Power International, Inc.


Similar Part No. - TPS-40LB

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
TPS-40LB EATON-TPS-40LB Datasheet
865Kb / 4P
   TPS DC non-indicating power distribution fuses
More results

Similar Description - TPS-40LB

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LPT25 EMERSON-NETWORKPOWER-LPT25 Datasheet
102Kb / 3P
   Universal input
LPT40 EMERSON-NETWORKPOWER-LPT40 Datasheet
541Kb / 3P
   Universal input
NLP65 EMERSON-NETWORKPOWER-NLP65 Datasheet
343Kb / 4P
   Universal Input
LPS50 EMERSON-NETWORKPOWER-LPS50 Datasheet
515Kb / 3P
   Universal input
LPS41 EMERSON-NETWORKPOWER-LPS41_09 Datasheet
314Kb / 3P
   Universal input
LPS40 EMERSON-NETWORKPOWER-LPS40 Datasheet
124Kb / 3P
   Universal input
LPT42-M EMERSON-NETWORKPOWER-LPT42-M Datasheet
568Kb / 3P
   Universal input
LPT40-M EMERSON-NETWORKPOWER-LPT40-M Datasheet
541Kb / 3P
   Universal input
LPS60 EMERSON-NETWORKPOWER-LPS60 Datasheet
121Kb / 3P
   Universal input
LPS110 EMERSON-NETWORKPOWER-LPS110 Datasheet
203Kb / 2P
   Universal input
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com