Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI8461DB Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI8461DB
Description  P-Channel 20 V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI8461DB Datasheet(HTML) 1 Page - Vishay Siliconix

  SI8461DB Datasheet HTML 1Page - Vishay Siliconix SI8461DB Datasheet HTML 2Page - Vishay Siliconix SI8461DB Datasheet HTML 3Page - Vishay Siliconix SI8461DB Datasheet HTML 4Page - Vishay Siliconix SI8461DB Datasheet HTML 5Page - Vishay Siliconix SI8461DB Datasheet HTML 6Page - Vishay Siliconix SI8461DB Datasheet HTML 7Page - Vishay Siliconix SI8461DB Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Si8461DB
www.vishay.com
Vishay Siliconix
S15-1510-Rev. C, 29-Jun-15
1
Document Number: 65001
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
P-Channel 20 V (D-S) MOSFET
Marking Code: xxxx = 8461
xxx = Date / lot traceability code
Ordering Information:
Si8461DB-T2-E1 (lead (Pb)-free and halogen-free)
FEATURES
• TrenchFET® power MOSFET
• Ultra small 1 mm x 1 mm maximum outline
• Ultra-thin 0.548 mm maximum height
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
•Load switch
• Battery switch
• Charger switch
Notes
a. Surface mounted on 1" x 1" FR4 board with full copper, t = 10 s.
b. Surface mounted on 1" x 1" FR4 board with minimum copper, t = 10 s.
c. Refer to IPC/JEDEC® (J-STD-020), no manual or hand soldering.
d. In this document, any reference to case represents the body of the MICRO FOOT device and foot is the bump.
e. Based on TA = 25 °C.
f. Surface mounted on 1" x 1" FR4 board with full copper.
g. Maximum under steady state conditions is 100 °C/W.
h. Surface mounted on 1" x 1" FR4 board with minimum copper.
i. Maximum under steady state conditions is 190 °C/W.
PRODUCT SUMMARY
VDS (V)
RDS(on) (
Ω)ID (A) a, e Qg (TYP.)
-20
0.100 at VGS = -4.5 V
-3.7
9.5 nC
0.118 at VGS = -2.5 V
-3.4
0.140 at VGS = -1.8 V
-3.1
0.205 at VGS = -1.5 V
-2
MICRO FOOT® 1 x 1
Bump Side View
1
G
4
D
S
3
S
2
Backside View
1
1 mm
xxxx
xxx
S
G
D
P-Channel MOSFET
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
-20
V
Gate-Source Voltage
VGS
± 8
Continuous Drain Current (TJ = 150 °C)
TA = 25 °C
ID
-3.7 a
A
TA = 70 °C
-3 a
TA = 25 °C
-2.5 b
TA = 70 °C
-1.9 b
Pulsed Drain Current
IDM
-20
Continuous Source-Drain Diode Current
TC = 25 °C
IS
-1.5 a
TA = 25 °C
-0.65 b
Maximum Power Dissipation
TA = 25 °C
PD
1.8 a
W
TA = 70 °C
1.1 a
TA = 25 °C
0.78 b
TA = 70 °C
0.5 b
Operating Junction and Storage Temperature Range
TJ, Tstg
-55 to +150
°C
Package Reflow Conditions c
VPR
260
IR/Convection
260
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
TYPICAL
MAXIMUM
UNIT
Maximum Junction-to-Ambient f, g
t = 10 s
RthJA
55
70
°C/W
Maximum Junction-to-Ambient h, i
t = 10 s
125
160


Similar Part No. - SI8461DB

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI8461 SKYWORKS-SI8461 Datasheet
1Mb / 35P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
Rev. 1.6
SI8461AA-A-IS1 SKYWORKS-SI8461AA-A-IS1 Datasheet
1Mb / 35P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
Rev. 1.6
logo
Silicon Laboratories
SI8461AA-B-IS1 SILABS-SI8461AA-B-IS1 Datasheet
451Kb / 36P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
Si8461AA-B-IS1 SILABS-Si8461AA-B-IS1 Datasheet
1Mb / 36P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
logo
Skyworks Solutions Inc.
SI8461AA-B-IS1 SKYWORKS-SI8461AA-B-IS1 Datasheet
1Mb / 35P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
Rev. 1.6
More results

Similar Description - SI8461DB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com