Electronic Components Datasheet Search |
|
2N3810U Datasheet(PDF) 2 Page - Microsemi Corporation |
|
2N3810U Datasheet(HTML) 2 Page - Microsemi Corporation |
2 / 2 page 2N3810, 2N3810L, 2N3811, 2N3811L JAN SERIES ELECTRICAL CHARACTERISTICS (con’t) Characteristics Symbol Min. Max. Unit ON CHARACTERISTICS (3) Forward-Current Transfer Ratio IC = 10 µAdc, VCE = 5.0 Vdc 2N3810, 2N3810L IC = 100 µAdc, VCE = 5.0 Vdc IC = 500 µAdc, VCE = 5.0 Vdc IC = 1.0 mAdc, VCE = 5.0 Vdc IC = 10 mAdc, VCE = 5.0 Vdc IC = 1.0 µAdc, VCE = 5.0Vdc 2N3811, 2N3811L IC = 10 µAdc, VCE = 5.0 Vdc IC = 100 µAdc, VCE = 5.0 Vdc IC = 500 µAdc, VCE = 5.0 Vdc IC = 1.0 mAdc, VCE = 5.0 Vdc IC = 10 mAdc, VCE = 5.0 Vdc hFE 100 150 150 150 125 75 225 300 300 300 250 450 450 450 900 900 900 Collector-Emitter Saturation Voltage IC = 100 µAdc, IB = 10 µAdc IC = 1.0 mAdc, IB = 100 µAdc VCE(sat) 0.2 0.25 Vdc Base-Emitter Saturation Voltage IC = 100 µAdc, IB = 10 µAdc IC = 1.0 mAdc, IB = 100 µAdc VBE(sat) 0.7 0.8 Vdc Base-Emitter Non-Saturation Voltage VCE = 5.0 Adc, IC = 100 µAdc VBE 0.7 Vdc DYNAMIC CHARACTERISTICS Forward Current Transfer Ratio, Magnitude IC = 500 µAdc, VCE = 5.0 Vdc, f = 30 MHz IC = 1.0 mAdc, VCE = 5.0 Vdc, f = 100 MHz h fe 1.0 1.0 5.0 Small-Signal Short Circuit Forward Current Transfer Ratio IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz 2N3810, L 2N3811, L hfe 150 300 600 900 Small-Signal Short Circuit Input Impedance IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz 2N3810, L 2N3811, L hje 3.0 3.0 30 40 k Ω Small-Signal Short Circuit Output Admittance IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz hoe 5.0 60 µmhos Output Capacitance VCB = 5.0 Vdc, IE = 0, 100 kHz ≤ f ≤ 1.0 MHz Cobo 5.0 pF Input Capacitance VEB = 0.5 Vdc, IC = 0, 100 kHz ≤ f ≤ 1.0 MHz Cibo 8.0 pF Noise Figure 2N3810, L IC = 100 µAdc, VCE = 10 Vdc, f = 100 Hz, RG = 3.0 kΩ IC = 100 µAdc, VCE = 10 Vdc, f = 1.0 kHz, RG = 3.0 kΩ IC = 100 µAdc, VCE = 10 Vdc, f = 10 kHz, RG = 3.0 kΩ IC = 100 µAdc, VCE = 10 Vdc, f = 10 Hz to 15.7 kHz, RG = 3.0 kΩ 2N3811, L IC = 100 µAdc, VCE = 10 Vdc, f = 100 Hz, RG = 3.0 kΩ IC = 100 µAdc, VCE = 10 Vdc, f = 1.0 kHz, RG = 3.0 kΩ IC = 100 µAdc, VCE = 10 Vdc, f = 10 kHz, RG = 3.0 kΩ IC = 100 µAdc, VCE = 10 Vdc, f = 10 Hz to 15.7 kHz, RG = 3.0 kΩ F1 F2 F3 F4 F1 F2 F3 F4 7.0 3.0 2.5 3.5 4.0 1.5 2.0 2.5 dB dB (3) Pulse Test: Pulse Width = 300 µs, Duty Cycle ≤ 2.0%. 6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803 120101 Page 2 of 2 |
Similar Part No. - 2N3810U |
|
Similar Description - 2N3810U |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |