Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N1770A Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # 2N1770A
Description  SCRs
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N1770A Datasheet(HTML) 1 Page - Central Semiconductor Corp

  2N1770A Datasheet HTML 1Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SCRs
(Continued)
182
www.centralsemi.com
IT (AMPS)
8.0
10
12
@ TC (oC)
90
100
100
90
90
ITSM (AMPS)
90
100
100
100
120
CASE
TO-220
TO-64
TO-220**
VRRM (VOLTS)
25
2N1770,A
2N4167
50
2N1771,A
2N4168
100
2N1772,A
2N4169
150
2N1773,A
200
CS220-8B
2N1774,A
2N4170
CS220-10B
CS220-12B
250
2N1775,A
300
2N1776,A
2N4171
400
CS220-8D
2N1777,A
2N4172
CS220-10D
CS220-12D
500
2N1778,A
2N4173
600
CS220-8M
2N2619
2N4174
CS220-10M
CS220-12M
800
CS220-8N
CS220-10N
CS220-12N
1000
CS220-12P
IGT
15mA
15mA
30mA
15mA
15mA
VGT
1.5V
1.5V
1.5V
1.5V
1.5V
IH
30mA
25mA
30mA
30mA
30mA
**Available in TO-220FP Full Pak upon request.


Similar Part No. - 2N1770A

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
2N1770A DIGITRON-2N1770A Datasheet
1Mb / 4P
   PHASE CONTROL SCR
More results

Similar Description - 2N1770A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BT169B-T92-B UTC-BT169B-T92-B Datasheet
345Kb / 6P
   SCRS
logo
Central Semiconductor C...
2N660 CENTRAL-2N660 Datasheet
58Kb / 1P
   SCRs
logo
Unisonic Technologies
BT151 UTC-BT151_10 Datasheet
211Kb / 5P
   SCRS
logo
HAOPIN MICROELECTRONICS...
MCR25 HAOPIN-MCR25 Datasheet
444Kb / 5P
   SCRs
HP20C60 HAOPIN-HP20C60 Datasheet
314Kb / 5P
   SCRs
C106D HAOPIN-C106D Datasheet
236Kb / 4P
   SCRs
logo
Teccor Electronics
S201E TECCOR-S201E Datasheet
222Kb / 12P
   SCRs
logo
Unisonic Technologies
US108S UTC-US108S_11 Datasheet
131Kb / 3P
   SCRS
logo
New Jersey Semi-Conduct...
2N4149 NJSEMI-2N4149 Datasheet
68Kb / 2P
   SCRs
logo
HAOPIN MICROELECTRONICS...
PCR406 HAOPIN-PCR406 Datasheet
110Kb / 4P
   SCRs
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com