Electronic Components Datasheet Search |
|
0402500VF104G4T2A Datasheet(PDF) 1 Page - AVX Corporation |
|
0402500VF104G4T2A Datasheet(HTML) 1 Page - AVX Corporation |
1 / 5 page 58 012517 GENERAL DESCRIPTION AVX Corporation has supported the Automotive Industry requirements for Multilayer Ceramic Capacitors consistently for more than 10 years. Products have been developed and tested specifically for automotive applications and all manufacturing facilities are QS9000 and VDA 6.4 approved. As part of our sustained investment in capacity and state of the art technology, we are now transitioning from the established Pd/Ag electrode system to a Base Metal Electrode system (BME). AVX is using AECQ200 as the qualification vehicle for this transition. A detailed qualification package is available on request and contains results on a range of part numbers including: • X7R dielectric components containing BME electrode and copper terminations with a Ni/Sn plated overcoat. • X7R dielectric components, BME electrode with epoxy finish for conduc- tive glue mounting. • X7R dielectric components BME electrode and soft terminations with a Ni/Sn plated overcoat. • NP0 dielectric components containing Pd/Ag electrode and silver termina- tion with a Ni/Sn plated overcoat. Automotive MLCC Automotive HOW TO ORDER 0805 Size 0402 0603 0805 1206 1210 1812 5 Voltage 10V = Z 16V = Y 25V = 3 50V = 5 100V = 1 200V = 2 500V = 7 2 Packaging 2 = 7" Reel 4 = 13" Reel A Dielectric NP0 = A X7R = C X8R = F 104 Capacitance Code (In pF) 2 Significant Digits + Number of Zeros e.g. 10μF = 106 K Capacitance Tolerance F = ±1% (≥10pF)* G = ±2% (≥10pF)* J = ±5% (≤1μF) K = ±10% M = ±20% *NPO only 4 Failure Rate 4 = Automotive A Special Code A = Std. Product Commercial Automotive Administrative Standard Part Numbers. Specific Automotive Part Number. Used to control No restriction on who purchases these parts. supply of product to Automotive customers. Design Minimum ceramic thickness of 0.020" Minimum Ceramic thickness of 0.029" (0.74mm) on all X7R product. Dicing Side & End Margins = 0.003" min Side & End Margins = 0.004" min Cover Layers = 0.003" min Lot Qualification As per EIA RS469 Increased sample plan – (Destructive Physical stricter criteria. Analysis - DPA) Visual/Cosmetic Quality Standard process and inspection 100% inspection Application Robustness Standard sampling for accelerated Increased sampling for accelerated wave solder on wave solder on X7R dielectrics X7R and NP0 followed by lot by lot reliability testing. COMMERCIAL VS AUTOMOTIVE MLCC PROCESS COMPARISON All Tests have Accept/Reject Criteria 0/1 T Terminations T = Plated Ni and Sn Z = FLEXITERM®** U = Conductive Epoxy** **X7R & X8R only NOTE: Contact factory for non-specified capacitance values. 0402 case size available in T termination only. Contact factory for availability of Tolerance Options for Specific Part Numbers. |
Similar Part No. - 0402500VF104G4T2A |
|
Similar Description - 0402500VF104G4T2A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |