Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLV610-C1000 Datasheet(PDF) 2 Page - SICK AG

Part # CLV610-C1000
Description  BAR CODE SCANNERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

CLV610-C1000 Datasheet(HTML) 2 Page - SICK AG

  CLV610-C1000 Datasheet HTML 1Page - SICK AG CLV610-C1000 Datasheet HTML 2Page - SICK AG CLV610-C1000 Datasheet HTML 3Page - SICK AG CLV610-C1000 Datasheet HTML 4Page - SICK AG CLV610-C1000 Datasheet HTML 5Page - SICK AG CLV610-C1000 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
CLV610-C1000 | CLV61x
BAR CODE SCANNERS
Ordering information
Type
Part no.
CLV610-C1000
1062846
Other models and accessories
www.sick.com/CLV61x
Detailed technical data
Features
Version
Mid Range
Connection type
Cable
Reading field
Front
Scanner design
Raster scanner
Focus
Fixed focus
Light source
Visible red light (655 nm)
MTBF
40,000 h
Laser class
2 (EN 60825-1 (2008-05), IEC 60825-1 : 2007-03, Ed. 2.0)
Aperture angle
≤ 50°
Scanning frequency
400 Hz ... 1,000 Hz
Code resolution
0.2 mm ... 1 mm
Reading distance
60 mm ... 365 mm 1)
Raster height, number of lines, at distance
15 mm, 8, 200 mm
1) For details see reading field diagram.
Performance
Bar code types
All current code types, Code 39, Code 128, Code 93, Codabar, UPC / GTIN / EAN, Interleaved
2 of 5
Print ratio
2:1 ... 3:1
No. of codes per scan
1 ... 10 (Standard decoder)
1 ... 6 (SMART620)
No. of codes per reading interval
1 ... 50 (auto-discriminating)
No. of characters per reading interval
1,500
500 (for multiplexer function in CAN operation)
No. of multiple readings
1 ... 99
2
IDENTIFICATION SOLUTIONS | SICK
Online data sheet | 2017-03-21 14:30:08
Subject to change without notice


Similar Part No. - CLV610-C1000

ManufacturerPart #DatasheetDescription
logo
SICK AG
CLV610-C0000 SICK-CLV610-C0000 Datasheet
562Kb / 6P
   BAR CODE SCANNERS
CLV610-C3000 SICK-CLV610-C3000 Datasheet
570Kb / 6P
   BAR CODE SCANNERS
More results

Similar Description - CLV610-C1000

ManufacturerPart #DatasheetDescription
logo
SICK AG
CLV631-3000 SICK-CLV631-3000 Datasheet
470Kb / 7P
   BAR CODE SCANNERS
CLV631-2000 SICK-CLV631-2000 Datasheet
470Kb / 7P
   BAR CODE SCANNERS
CLV630-1120 SICK-CLV630-1120 Datasheet
658Kb / 7P
   BAR CODE SCANNERS
CLV640-3000 SICK-CLV640-3000 Datasheet
473Kb / 7P
   BAR CODE SCANNERS
CLV640-2000 SICK-CLV640-2000 Datasheet
473Kb / 7P
   BAR CODE SCANNERS
CLP100-0010 SICK-CLP100-0010 Datasheet
208Kb / 4P
   BAR CODE SCANNERS
CLV412-2010 SICK-CLV412-2010 Datasheet
573Kb / 6P
   BAR CODE SCANNERS
CLV480-0010 SICK-CLV480-0010 Datasheet
820Kb / 6P
   BAR CODE SCANNERS
CLV490-0010 SICK-CLV490-0010 Datasheet
807Kb / 6P
   BAR CODE SCANNERS
CLV490-1011 SICK-CLV490-1011 Datasheet
660Kb / 6P
   BAR CODE SCANNERS
CLV490-3011 SICK-CLV490-3011 Datasheet
660Kb / 6P
   BAR CODE SCANNERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com