Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCAS121026F400DP Datasheet(PDF) 4 Page - AVX Corporation

Part # VCAS121026F400DP
Description  Multilayer Varistors for Automotive Applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VCAS121026F400DP Datasheet(HTML) 4 Page - AVX Corporation

  VCAS121026F400DP Datasheet HTML 1Page - AVX Corporation VCAS121026F400DP Datasheet HTML 2Page - AVX Corporation VCAS121026F400DP Datasheet HTML 3Page - AVX Corporation VCAS121026F400DP Datasheet HTML 4Page - AVX Corporation VCAS121026F400DP Datasheet HTML 5Page - AVX Corporation VCAS121026F400DP Datasheet HTML 6Page - AVX Corporation VCAS121026F400DP Datasheet HTML 7Page - AVX Corporation VCAS121026F400DP Datasheet HTML 8Page - AVX Corporation VCAS121026F400DP Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
17
012317
TransGuard
® Automotive Series
Multilayer Varistors for Automotive Applications
AUTOMOTIVE SERIES – LOAD DUMP TEST
According to ISO DP7637 rev 2 Pulse 5
When using the test method indicated below, the
amount of Energy dissipated by the varistor must not
exceed the Load Dump Energy value specified in the
product table.
Automotive Load Dump Pulse
(According to ISO 7637 Pulse 5)
Time (msec)
VCAS060316B400
0.5Ω
100ms
37
38
42
200ms
36
37
41
400ms
35
36
39
VCAS120616K380
0.5Ω
100ms
42
45
55
200ms
40
43
50
400ms
39
40
45
VCAS121016J390
0.5Ω
100ms
48
53
74
200ms
46
50
64
400ms
43
46
56
VGAS181216P400
0.5Ω
100ms
46
52
72
200ms
37
41
59
400ms
32
35
51
VGAS222016Y400
0.5Ω
100ms
53
60
77
200ms
50
55
73
400ms
47
50
66
VCAS040218X400
0.5Ω
100ms
38
39
40
200ms
37
37
38
400ms
34
35
36
VCAS060318A400
0.5Ω
100ms
37
38
42
200ms
36
37
41
400ms
35
36
39
VCAS080518A400
0.5Ω
100ms
37
39
40
200ms
35
38
39
400ms
33
37
38
VCAS080518C400
0.5Ω
100ms
40
41
48
200ms
39
40
45
400ms
38
39
42
VCAS120618A400
0.5Ω
100ms
43
45
55
200ms
41
43
48
400ms
40
41
45
VCAS120618D400
0.5Ω
100ms
42
45
55
200ms
40
42
50
400ms
39
40
45
VCAS120618E380
0.5Ω
100ms
42
45
55
200ms
40
43
50
400ms
39
40
45
VCAS121018J390
0.5Ω
100ms
48
53
74
200ms
46
50
64
400ms
43
46
56
LOAD DUMP LIBRARY
Typical max Vz versus Pulse duration and Ri
12V SYSTEMS
VCAS060326A580
100ms
51
56
58
200ms
50
54
56
400ms
49
51
53
VCAS080526A580
100ms
51
53
59
200ms
49
51
57
400ms
48
50
51
VCAS080526C580
100ms
51
54
62
200ms
49
51
56
400ms
48
49
51
VCAS120626D580
100ms
52
60
68
200ms
50
57
65
400ms
47
54
61
VCAS121026H560
100ms
61
74
91
200ms
59
69
82
400ms
55
64
70
VCAS060330A650
100ms
57
59
63
200ms
56
58
61
400ms
54
57
58
VCAS080530A650
100ms
58
62
66
200ms
56
61
64
400ms
53
57
61
VCAS080530C650
100ms
58
61
63
200ms
57
58
62
400ms
55
56
59
VCAS120630D650
100ms
61
70
75
200ms
57
66
69
400ms
56
62
64
VCAS121030H620
100ms
70
77
98
200ms
64
70
89
400ms
56
65
70
VGAS181234U770
100ms
87
110
125
200ms
82
97
114
400ms
75
85
95
VGAS222034Y770
100ms
100
125
165
200ms
91
115
155
400ms
84
104
120
24V SYSTEMS


Similar Part No. - VCAS121026F400DP

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VCAS121026H560 AVX-VCAS121026H560 Datasheet
669Kb / 8P
   TransGuard Automotive Series
VCAS121026H560 AVX-VCAS121026H560 Datasheet
763Kb / 8P
   Multilayer Varistors for Automotive Applications
More results

Similar Description - VCAS121026F400DP

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VCAS060318A400DP AVX-VCAS060318A400DP Datasheet
763Kb / 8P
   Multilayer Varistors for Automotive Applications
VGAS181216P400RP AVX-VGAS181216P400RP Datasheet
116Kb / 2P
   Multilayer Varistors for Automotive Applications
VCAS06LC18X500RP AVX-VCAS06LC18X500RP Datasheet
515Kb / 3P
   StaticGuard Automotive Series Multilayer Varistors for Automotive Applications
VCAS06AG183R0YATRP AVX-VCAS06AG183R0YATRP Datasheet
362Kb / 3P
   AntennaGuard Automotive Series Multilayer Varistors for Automotive Applications
logo
Panasonic Semiconductor
EZJPZV6R8GANIL PANASONIC-EZJPZV6R8GANIL Datasheet
452Kb / 13P
   Multilayer Varistors
EZJZ0V80010 PANASONIC-EZJZ0V80010_17 Datasheet
172Kb / 8P
   Multilayer Varistors
EZJ-Z0V80010 PANASONIC-EZJ-Z0V80010 Datasheet
169Kb / 5P
   Multilayer Varistors
EZJZSV270EAK PANASONIC-EZJZSV270EAK Datasheet
592Kb / 7P
   Multilayer Varistors
logo
Littelfuse
V30MLA0805LNA LITTELFUSE-V30MLA0805LNA Datasheet
729Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Automotive Series
V9MLA0603LNR LITTELFUSE-V9MLA0603LNR Datasheet
1,013Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) MLA Automotive Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com