Electronic Components Datasheet Search |
|
TMS27PC128-12FME4 Datasheet(PDF) 7 Page - Texas Instruments |
|
TMS27PC128-12FME4 Datasheet(HTML) 7 Page - Texas Instruments |
7 / 14 page TMS27C128 131 072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY TMS27PC128 131 072-BIT PROGRAMMABLE READ-ONLY MEMORY SMLS128E–OCTOBER 1984–REVISED JANUARY 1993 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 7 logic symbol† A0 10 G 22 DQ0 11 DQ1 DQ2 DQ3 DQ4 DQ5 DQ6 12 13 15 16 17 18 EPROM 16 384 × 8 A ∇ A ∇ A ∇ A ∇ A ∇ A ∇ A ∇ 0 13 [PWR DWN] EN & A 0 16 383 DQ7 19 A ∇ 9 8 7 6 5 4 3 25 24 21 23 2 A1 A2 A3 A4 A5 A6 A7 A8 A9 A10 A11 A12 0 16 383 A0 10 G 22 DQ0 11 DQ1 DQ2 DQ3 DQ4 DQ5 DQ6 12 13 15 16 17 18 PROM 16 384 × 8 A ∇ A ∇ A ∇ A ∇ A ∇ A ∇ A ∇ 0 13 [PWR DWN] EN & A DQ7 19 A ∇ 9 8 7 6 5 4 3 25 24 21 23 2 A1 A2 A3 A4 A5 A6 A7 A8 A9 A10 A11 A12 •• 26 A13 26 A13 20 E E 20 PGM 27 PGM 27 † These symbols are in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12. Pin numbers shown are J and N packages. absolute maximum ratings over operating free-air temperature range (unless otherwise noted)‡ Supply voltage range, VCC (see Note 1) – 0.6 V to 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Supply voltage range, VPP (see Note 1) – 0.6 V to 14 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage range (see Note 1), All inputs except A9 – 0.6 V to VCC + 1 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . A9 – 0.6 V to 13.5 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output voltage range (see Note 1) – 0.6 V to VCC + 1 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating free-air temperature range (’27C128-_ _JL and JL4, ’27PC128-_ _NL, and NL4 FML, and FML4) 0 °C to 70°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating free-air temperature range (’27C128- _ _JE and JE4, ’27PC128-_ _NE, NE4, FME, and FME4) – 40 °C to 85°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range – 65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ‡ Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTE 1: Under absolute maximum ratings, voltage values are with respect to GND. |
Similar Part No. - TMS27PC128-12FME4 |
|
Similar Description - TMS27PC128-12FME4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |