Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF10CCN Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MF10CCN
Description  Universal Monolithic Dual Switched Capacitor Filter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MF10CCN Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button MF10CCN Datasheet HTML 6Page - National Semiconductor (TI) MF10CCN Datasheet HTML 7Page - National Semiconductor (TI) MF10CCN Datasheet HTML 8Page - National Semiconductor (TI) MF10CCN Datasheet HTML 9Page - National Semiconductor (TI) MF10CCN Datasheet HTML 10Page - National Semiconductor (TI) MF10CCN Datasheet HTML 11Page - National Semiconductor (TI) MF10CCN Datasheet HTML 12Page - National Semiconductor (TI) MF10CCN Datasheet HTML 13Page - National Semiconductor (TI) MF10CCN Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
20 Modes of Operation (Continued)
MODE 2 Notch 2 Bandpass Lowpass fnotch k fO
(See
Figure 9 )
fO
e
center frequency
e
fCLK
100
0R2R4a1or fCLK50 0R2R4a1
fnotch e
fCLK
100
or
fCLK
50
Q
e
quality factor of the complex pole pair
e 0
R2R4 a 1
R2R3
HOLP e Lowpass output gain (as f
x 0)
eb
R2R1
R2R4 a 1
HOBP e Bandpass output gain (at f e fO) ebR3R1
HON1 e Notch output gain (as f x 0)
eb
R2R1
R2R4 a 1
HON2 e Notch output gain
asfxfCLK2J ebR2R1
Filter dynamics HOBP e Q
0HOLP HON2 e 0HON1 HON2
MODE 3 Highpass Bandpass Lowpass Outputs
(See
Figure 10 )
fO
e
fCLK
100
c
0R2R4 or fCLK50c0R2R4
Q
e
quality factor of the complex pole pair
e
0R2R4cR3R2
HOHP e Highpass Gain
asfxfCLK2J ebR2R1
HOBP e Lowpass Gain
atfefOJ ebR3R1
HOLP e Lowpass Gain
asfx0J ebR4R1
Circuit dynamics
R2
R4
e
HOHP
HOLP
HOBP e
0HOHP c HOLP c Q
HOLP(peak) j Q c HOLP (for high Q’s)
HOHP(peak) j Q c HOHP (for high Q’s)
TLH10399 – 18
FIGURE 9 MODE 2
TLH10399 – 19
In Mode 3 the feedback loop is closed around the input summing amplifier the finite GBW product of this op amp causes a slight Q enhancement If this is a
problem connect a small capacitor (10 pF b 100 pF) across R4 to provide some phase lead
FIGURE 10 MODE 3
10


Similar Part No. - MF10CCN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MF10CCN TI1-MF10CCN Datasheet
770Kb / 30P
[Old version datasheet]   Universal Monolithic Dual Switched Capacitor Filter
MF10CCN TI1-MF10CCN Datasheet
1Mb / 36P
[Old version datasheet]   MF10-N Universal Monolithic Dual Switched Capacitor Filter
MF10CCN-NOPB TI-MF10CCN-NOPB Datasheet
1Mb / 35P
[Old version datasheet]   Easy to Use, Filter Cutoff Frequency Stability Directly
MF10CCNNOPB TI1-MF10CCNNOPB Datasheet
1Mb / 36P
[Old version datasheet]   MF10-N Universal Monolithic Dual Switched Capacitor Filter
More results

Similar Description - MF10CCN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MF10-N TI1-MF10-N_17 Datasheet
2Mb / 36P
[Old version datasheet]   Universal Monolithic Dual Switched Capacitor Filter
MF10 TI1-MF10 Datasheet
770Kb / 30P
[Old version datasheet]   Universal Monolithic Dual Switched Capacitor Filter
MF5 TI1-MF5 Datasheet
542Kb / 18P
[Old version datasheet]   Universal Monolithic Switched Capacitor Filter
MF10-N TI1-MF10-N_14 Datasheet
1Mb / 36P
[Old version datasheet]   MF10-N Universal Monolithic Dual Switched Capacitor Filter
MF10-N TI-MF10-N_15 Datasheet
1Mb / 35P
[Old version datasheet]   MF10-N Universal Monolithic Dual Switched Capacitor Filter
logo
National Semiconductor ...
MF5CN NSC-MF5CN Datasheet
293Kb / 16P
   MF5 Universal Monolithic Switched Capacitor Filter
logo
Maxim Integrated Produc...
MF10 MAXIM-MF10 Datasheet
683Kb / 16P
   Kual Universal Switched Capacitor Filter
19-1067; Rev 1; 7/96
MAX7490 MAXIM-MAX7490 Datasheet
343Kb / 18P
   Dual Universal Switched-Capacitor Filters
Rev 0; 7/00
MAX7490 MAXIM-MAX7490_09 Datasheet
360Kb / 18P
   Dual Universal Switched-Capacitor Filters
Rev 1; 4/09
logo
Linear Technology
LTC1059 LINER-LTC1059_09 Datasheet
120Kb / 8P
   High Performance Switched Capacitor Universal Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com