Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT-HT-309-2830-12 Datasheet(PDF) 3 Page - Samtec, Inc

Part # CAT-HT-309-2830-12
Description  Parallel Action Hand Tool
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

CAT-HT-309-2830-12 Datasheet(HTML) 3 Page - Samtec, Inc

  CAT-HT-309-2830-12 Datasheet HTML 1Page - Samtec, Inc CAT-HT-309-2830-12 Datasheet HTML 2Page - Samtec, Inc CAT-HT-309-2830-12 Datasheet HTML 3Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Instruction Sheet
STS-M-309-2830-12
Parallel Action Hand Tool
Rev. C
CAT-HT-309-2830-12
Date: 5/16/2014
©Samtec, Inc.
CUSTOMER SERVICE +1-800-726-8329 (+1-812-944-6733)
Page 3
Adjusting the Handle Pre-Load
The tool is calibrated at the factory to the optimum pre-load required to achieve a proper crimp. It may
become necessary, over the life of the tool, to adjust the handle pre-load force.
Follow the steps below to adjust the crimping force of the hand tool to obtain proper crimp parameters
(Figure 5):
• Remove 2mm locking screw
from the adjustment wheel using
TORX head wrench.
• Using a small screwdriver, turn
the adjustment wheel to the next
marked position.
• The tool uses an eccentric axle
linkage mechanism. To increase
the handle pre-load, move the
wheel clockwise to the next
highest odd number, or
counterclockwise to the next
highest even number.
• Turn the wheel until the desired number is located over the 2mm tapped hole.
• Replace the 2mm locking screw, aligning the nearest notch in the setting wheel.
• Check the crimp against the specifications, and conduct a pull test after the tool handle pre-load force
is adjusted. Repeat the steps until the desired crimp performance is obtained.
Figure 5


Similar Part No. - CAT-HT-309-2830-12

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
CAT-HT-309-2830-12 SAMTEC-CAT-HT-309-2830-12 Datasheet
605Kb / 3P
   Parallel Action Hand Tool
More results

Similar Description - CAT-HT-309-2830-12

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
STS-M-309-2830-12 SAMTEC-STS-M-309-2830-12 Datasheet
605Kb / 3P
   Parallel Action Hand Tool
CAT-HT-144-2830-12 SAMTEC-CAT-HT-144-2830-12 Datasheet
605Kb / 3P
   Parallel Action Hand Tool
STS-M-203-2830-12 SAMTEC-STS-M-203-2830-12 Datasheet
678Kb / 3P
   Parallel Action Hand Tool
CAT-HT-203-2830-12 SAMTEC-CAT-HT-203-2830-12 Datasheet
678Kb / 3P
   Parallel Action Hand Tool
STS-M-396-3232-12 SAMTEC-STS-M-396-3232-12 Datasheet
637Kb / 3P
   Parallel Action Hand Tool
logo
Molex Electronics Ltd.
69008-1090 MOLEX-69008-1090 Datasheet
110Kb / 2P
   Parallel action hand tool for Picoflex Connectors.
logo
Samtec, Inc
STS-M-MNT-01 SAMTEC-STS-M-MNT-01 Datasheet
410Kb / 1P
   Parallel Action Hand Tool Bench Mount Clamp
logo
Tyco Electronics
408-4485 MACOM-408-4485 Datasheet
112Kb / 5P
   Double Action Hand Tool
logo
Samtec, Inc
STS-M-246-1416-14 SAMTEC-STS-M-246-1416-14 Datasheet
765Kb / 3P
   Straight Action Hand Tool
STS-M-393-2430-13 SAMTEC-STS-M-393-2430-13 Datasheet
819Kb / 3P
   Straight Action Hand Tool
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com