Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI7138DP Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SI7138DP
Description  N-Channel 60 V (D-S) Reduced Qgd, Fast Switching MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7138DP Datasheet(HTML) 4 Page - Vishay Siliconix

  SI7138DP Datasheet HTML 1Page - Vishay Siliconix SI7138DP Datasheet HTML 2Page - Vishay Siliconix SI7138DP Datasheet HTML 3Page - Vishay Siliconix SI7138DP Datasheet HTML 4Page - Vishay Siliconix SI7138DP Datasheet HTML 5Page - Vishay Siliconix SI7138DP Datasheet HTML 6Page - Vishay Siliconix SI7138DP Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
4
Document Number: 73530
S11-0212-Rev. C, 14-Feb-11
Vishay Siliconix
Si7138DP
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Source-Drain Diode Forward Voltage
Threshold Voltage
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2
1
VSD - Source-to-Drain Voltage (V)
10
100
TJ = 25 °C
TJ = 150 °C
1.2
1.7
2.2
2.7
3.2
3.7
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
TJ - Temperature (°C)
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power, Junction-to-Ambient
456789
10
VGS - Gate-to-Source Voltage (V)
TJ = 125 °C
ID = 19.7 A
TJ = 25 °C
0.005
0.010
0.015
0.020
1000
Time (s)
1
0.1
0.001
10
100
0.01
0
20
40
60
80
100
Safe Operating Area, Junction-to-Ambient
100
1
0.1
1
10
100
0.01
10
0.1
TA = 25 °C
Single Pulse
VDS - Drain-to-Source Voltage (V)
* VGS > minimum VGS at which RDS(on) is specified
1 ms
10 ms
100 ms
1 s
10 s
100 µs
DC
Limited by RDS(on)*
BVDSS limited
ID(on) limited
IDM limited


Similar Part No. - SI7138DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7135DP VISHAY-SI7135DP Datasheet
316Kb / 13P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 07-Jul-08
SI7135DP-T1-GE3 VISHAY-SI7135DP-T1-GE3 Datasheet
364Kb / 13P
   P-Channel 30 V (D-S) MOSFET
01-Jan-2022
SI7135DP VISHAY-SI7135DP_V01 Datasheet
364Kb / 13P
   P-Channel 30 V (D-S) MOSFET
01-Jan-2022
logo
Vaishali Semiconductor
SI7136DP VAISH-SI7136DP Datasheet
228Kb / 3P
   N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI7136DP VISHAY-SI7136DP Datasheet
318Kb / 13P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 09-Feb-09
More results

Similar Description - SI7138DP

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
SI4362BDY VAISH-SI4362BDY Datasheet
186Kb / 3P
   N-Channel 30-V (D-S) Reduced Qgd, Fast Switching WFET
logo
Vishay Siliconix
SI7460DP VISHAY-SI7460DP_09 Datasheet
500Kb / 12P
   N-Channel 60-V (D-S) Fast Switching MOSFET
Rev. D, 09-Feb-09
SI7850DP VISHAY-SI7850DP_15 Datasheet
313Kb / 12P
   N-Channel 60-V (D-S) Fast Switching MOSFET
Rev. E, 09-Feb-09
SI7850DP VISHAY-SI7850DP Datasheet
45Kb / 4P
   N-Channel 60-V (D-S) Fast Switching MOSFET
Rev. A, 28-May-01
SI7460DP VISHAY-SI7460DP Datasheet
64Kb / 5P
   N-Channel 60-V (D-S) Fast Switching MOSFET
Rev. A, 03-Mar-03
SI7850DP VISHAY-SI7850DP_09 Datasheet
485Kb / 11P
   N-Channel 60-V (D-S) Fast Switching MOSFET
Rev. E, 09-Feb-09
logo
Vishay Telefunken
SI7850DP TFUNK-SI7850DP Datasheet
317Kb / 11P
   N-Channel 60-V (D-S) Fast Switching MOSFET
logo
Vishay Siliconix
SI7452DP VISHAY-SI7452DP Datasheet
230Kb / 3P
   N-Channel 60-V (D-S) Fast Switching MOSFET
Rev. B, 13-Feb-06
SI7460DP VISHAY-SI7460DP_V01 Datasheet
333Kb / 12P
   N-Channel 60-V (D-S) Fast Switching MOSFET
01-Jan-2022
SI7460DP VISHAY-SI7460DP_15 Datasheet
328Kb / 13P
   N-Channel 60-V (D-S) Fast Switching MOSFET
Rev. D, 09-Feb-09
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com