Electronic Components Datasheet Search |
|
R71PN2100AA10J Datasheet(PDF) 1 Page - Kemet Corporation |
|
R71PN2100AA10J Datasheet(HTML) 1 Page - Kemet Corporation |
1 / 21 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com F3030_R71 • 2/24/2016 1 One world. One KEMET Benefits • Voltage range: 420 – 1,000 VDC • Capacitance range: 0.01 µF – 22 µF • Lead Spacing: 10 – 37.5 mm • Capacitance tolerance: ±10%, ±20%, ±5% (on request) • Climatic category: 55/105/56 IEC 60068-1 • Operatingtemperaturerangeof−55˚Cto+105˚C • RoHS compliance and lead-free terminations • Tape and reel packaging in accordance with IEC 60286–2 • Self-healing Overview TheR71Seriesisconstructedofmetallizedpolypropylenefilm with radial leads of tinned wire. The radial leads are electrically welded to the metal layer on the ends of the capacitor winding. The capacitor is encapsulated in a self-extinguishing solvent resistant plastic case with thermosetting resin material meeting UL 94V–0 requirements. Applications Typical applications include power factor correction and pulse applications. Not suitable for across-the-line application (see Suppressor Capacitors). Polypropylene Pulse/High Frequency Capacitors R71 Series Single Metallized Polypropylene Film, Radial, SMPS PFC Applications Part Number System R71 M F 2100 AA 00 J Series Rated Voltage (VDC) Lead Spacing (mm) Capacitance Code (pF) Packaging Internal Use Capacitance Tolerance Metallized Polypropylene M = 420 V = 520 P = 630 Q = 1,000 F = 10.0 I = 15.0 N = 22.5 R = 27.5 W = 37.5 The last three digits representsignificant figures.Thefirst digitspecifiesthe total number of zeros to be added. See Ordering Options Table 00, 10, 20, 30, 40 (Standard) J = ±5% K = ±10% M = ±20% Click image above for interactive 3D content Open PDF in Adobe Reader for full functionality |
Similar Part No. - R71PN2100AA10J |
|
Similar Description - R71PN2100AA10J |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |