Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15ETX06-1 Datasheet(PDF) 1 Page - International Rectifier

Part # 15ETX06-1
Description  Hyperfast Rectifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

15ETX06-1 Datasheet(HTML) 1 Page - International Rectifier

  15ETX06-1 Datasheet HTML 1Page - International Rectifier 15ETX06-1 Datasheet HTML 2Page - International Rectifier 15ETX06-1 Datasheet HTML 3Page - International Rectifier 15ETX06-1 Datasheet HTML 4Page - International Rectifier 15ETX06-1 Datasheet HTML 5Page - International Rectifier 15ETX06-1 Datasheet HTML 6Page - International Rectifier 15ETX06-1 Datasheet HTML 7Page - International Rectifier 15ETX06-1 Datasheet HTML 8Page - International Rectifier 15ETX06-1 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Bulletin PD-20652 rev. B 02/04
Description/ Applications
Absolute Maximum Ratings
Hyperfast Rectifier
VRRM
Peak Repetitive Reverse Voltage 600
V
IF(AV)
Average Rectified Forward Current @ TC = 133°C
15
A
@ TC = 62°C (FULLPACK)
IFSM
Non Repetitive Peak Surge Current @ TJ = 25°C
170
IFM
Peak Repetitive Forward Current
30
TJ, TSTG Operating Junction and Storage Temperatures
- 65 to 175
°C
Parameters
Max
Units
trr = 18 ns
IF(AV) = 15Amp
VR = 600V
15ETX06
15ETX06S
15ETX06-1
15ETX06FP
• Benchmark Ultra-low Forward Voltage Drop
• Hyperfast Recovery Time
• Low Leakage Current
• 175°C Operating Junction Temperature
• Fully Isolated package (V
INS = 2500 VRMS)
Features
1
15ETX06
TO-220AC
Case Styles
15ETX06S
D2PAK
15ETX06-1
TO-262
Anode
1
3
Base
Cathode
2
N/C
Anode
1
3
Cathode
Base
Cathode
2
Anode
1
3
2
N/C
15ETX06FP
TO-220 FULLPACK
Anode
1
3
Cathode
State of the art Hyperfast recovery rectifiers designed with optimized performance of forward voltage drop,
Hyperfast recover time, and soft recovery.
The planar structure and the platinum doped life time control guarantee the best overall performance, ruggedness
and reliability characteristics.
These devices are intended for use in PFC Boost stage in the AC-DC section of SMPS, inverters or as
freewheeling diodes.
The IR extremely optimized stored charge and low recovery current minimize the switching losses and reduce
over dissipation in the switching element and snubbers.
www.irf.com


Similar Part No. - 15ETX06-1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
15ETX06-1 VISHAY-15ETX06-1 Datasheet
126Kb / 7P
   Hyperfast Rectifier, 15 A FRED PtTM
Revision: 08-Sep-08
15ETX06-1PBF VISHAY-15ETX06-1PBF Datasheet
121Kb / 7P
   Hyperfast Rectifier, 15 A FRED PtTM
Revision: 21-May-08
15ETX06-1PBF VISHAY-15ETX06-1PBF Datasheet
176Kb / 9P
   Hyperfast Rectifier, 15 A FRED Pt
Revision: 11-Mar-10
15ETX06-1TRL VISHAY-15ETX06-1TRL Datasheet
126Kb / 7P
   Hyperfast Rectifier, 15 A FRED PtTM
Revision: 08-Sep-08
15ETX06-1TRLPBF VISHAY-15ETX06-1TRLPBF Datasheet
121Kb / 7P
   Hyperfast Rectifier, 15 A FRED PtTM
Revision: 21-May-08
More results

Similar Description - 15ETX06-1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30ETH06 IRF-30ETH06 Datasheet
207Kb / 8P
   Hyperfast Rectifier
logo
Vishay Siliconix
VS-4ESH02-M3 VISHAY-VS-4ESH02-M3 Datasheet
121Kb / 7P
   Hyperfast Rectifier
Revision: 24-Nov-14
VS-2EFH02HM3 VISHAY-VS-2EFH02HM3 Datasheet
114Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
VS-2EJH01-M3 VISHAY-VS-2EJH01-M3 Datasheet
122Kb / 7P
   Hyperfast Rectifier
Revision: 20-Nov-14
VS-6CSH02-M3 VISHAY-VS-6CSH02-M3 Datasheet
122Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
VS-8CSH01-M3 VISHAY-VS-8CSH01-M3 Datasheet
122Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
VS-8CSH02-M3 VISHAY-VS-8CSH02-M3 Datasheet
122Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
VS-10CSH01-M3 VISHAY-VS-10CSH01-M3 Datasheet
121Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
logo
International Rectifier
30EPH06PBF IRF-30EPH06PBF Datasheet
165Kb / 7P
   Hyperfast Rectifier
logo
Fairchild Semiconductor
RHRA1560CC FAIRCHILD-RHRA1560CC Datasheet
156Kb / 5P
   Hyperfast Rectifier
logo
International Rectifier
15ETX06PBF IRF-15ETX06PBF Datasheet
236Kb / 8P
   Hyperfast Rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com