Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T498C227K010ATE500 Datasheet(PDF) 11 Page - Kemet Corporation

Part # T498C227K010ATE500
Description  T498 Series Automotive Grade MnO2 150째C
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T498C227K010ATE500 Datasheet(HTML) 11 Page - Kemet Corporation

Back Button T498C227K010ATE500 Datasheet HTML 7Page - Kemet Corporation T498C227K010ATE500 Datasheet HTML 8Page - Kemet Corporation T498C227K010ATE500 Datasheet HTML 9Page - Kemet Corporation T498C227K010ATE500 Datasheet HTML 10Page - Kemet Corporation T498C227K010ATE500 Datasheet HTML 11Page - Kemet Corporation T498C227K010ATE500 Datasheet HTML 12Page - Kemet Corporation T498C227K010ATE500 Datasheet HTML 13Page - Kemet Corporation T498C227K010ATE500 Datasheet HTML 14Page - Kemet Corporation T498C227K010ATE500 Datasheet HTML 15Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2053_T498_AUTO • 8/10/2016 11
11
Tantalum Surface Mount Capacitors – Automotive Grade
T498 Series Automotive Grade MnO2 150°C
Soldering Process
KEMET’s families of surface mount capacitors are
compatible with wave (single or dual), convection, IR,
orvaporphasereflowtechniques.Preheatingofthese
components is recommended to avoid extreme thermal
stress.KEMET'srecommendedprofileconditionsfor
convectionandIRreflowreflecttheprofileconditionsofthe
IPC/J–STD–020D standard for moisture sensitivity testing.
Thedevicescansafelywithstandamaximumofthreereflow
passes at these conditions.
PleasenotethatalthoughtheX/7343–43casesizecan
withstandwavesoldering,thetallprofile(4.3mmmaximum)
dictates care in wave process development.
Hand soldering should be performed with care due to the
difficultyinprocesscontrol.Ifperformed,careshouldbe
taken to avoid contact of the soldering iron to the molded
case. The iron should be used to heat the solder pad,
applying solder between the pad and the termination, until
reflowoccurs.Oncereflowoccurs,theironshouldbe
removed immediately. “Wiping” the edges of a chip and
heating the top surface is not recommended.
Duringtypicalreflowoperations,aslightdarkeningofthe
gold-colored epoxy may be observed. This slight darkening is
normal and not harmful to the product. Marking permanency
is not affected by this change.
Profile Feature
SnPb Assembly Pb-Free Assembly
Preheat/Soak
Temperature Minimum (TSmin)
100°C
150°C
Temperature Maximum (TSmax)
150°C
200°C
Time (ts) from Tsmin to Tsmax)
60 – 120 seconds
60 – 120 seconds
Ramp-up Rate (TL to TP)
3°C/seconds maximum 3°C/seconds maximum
Liquidous Temperature (TL)
183°C
217°C
Time Above Liquidous (tL)
60 – 150 seconds
60 – 150 seconds
Peak Temperature (TP)
220°C*
235°C**
250°C*
260°C**
Time within 5°C of Maximum
Peak Temperature (tP)
20 seconds maximum
30 seconds maximum
Ramp-down Rate (TP to TL) 6°C/seconds maximum 6°C/seconds maximum
Time 25°C to Peak
Temperature
6 minutes maximum
8 minutes maximum
Note: All temperatures refer to the center of the package, measured on the
package body surface that is facing up during assembly reflow.
*Case Size D, E, P, Y, and X
**Case Size A, B, C, H, I, K, M, R, S, T, U, V, W, and Z
Storage
Tantalum chip capacitors should be stored in normal working environments. While the chips themselves are quite robust in
other environments, solderability will be degraded by exposure to high temperatures, high humidity, corrosive atmospheres,
and long term storage. In addition, packaging materials will be degraded by high temperature – reels may soften or warp
and tape peel force may increase. KEMET recommends that maximum storage temperature not exceed 40ºC and maximum
storagehumiditynotexceed60%relativehumidity.Temperaturefluctuationsshouldbeminimizedtoavoidcondensation
onthepartsandatmospheresshouldbefreeofchlorineandsulphurbearingcompounds.Foroptimizedsolderabilitychip
stock should be used promptly, preferably within three years of receipt.
Time
T
smin
25
T
smax
T
L
T
P
Maximum Ramp Up Rate = 3ºC/sec
Maximum Ramp Down Rate = 6ºC/sec
t
P
t
L
t
s
25ºC to Peak


Similar Part No. - T498C227K010ATE500

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T498C227K010ATE500 KEMET-T498C227K010ATE500 Datasheet
959Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
More results

Similar Description - T498C227K010ATE500

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T499B474K035ATE8K0 KEMET-T499B474K035ATE8K0 Datasheet
2Mb / 17P
   Tantalum Surface Mount Capacitors . Automotive Grade T499 Series Automotive Grade MnO2 175C
T498D106K050ATE1K0 KEMET-T498D106K050ATE1K0 Datasheet
1Mb / 18P
   Tantalum Surface Mount Capacitors ??High Temperature T498 150C Rated MnO2 Series
T510X477M006ATA030 KEMET-T510X477M006ATA030 Datasheet
1Mb / 15P
   T510 Series Automotive Grade Multiple Anode Low ESR MnO2
logo
ATMEL Corporation
ATMEGA16M1AUTO ATMEL-ATMEGA16M1AUTO Datasheet
413Kb / 12P
   Automotive Specification at 150째C
logo
Kemet Corporation
T491C105K050AT KEMET-T491C105K050AT Datasheet
2Mb / 25P
   T491 Series Industrial Grade MnO2
T491C226K006AT KEMET-T491C226K006AT Datasheet
1Mb / 23P
   T491 Industrial Grade MnO2 Series
T491A106M006AT KEMET-T491A106M006AT Datasheet
2Mb / 24P
   T491 Industrial Grade MnO2 Series
T491A106M010AT KEMET-T491A106M010AT Datasheet
1Mb / 24P
   T491 Industrial Grade MnO2 Series
T491C107K016ZT KEMET-T491C107K016ZT Datasheet
1Mb / 24P
   T491 Industrial Grade MnO2 Series
T491A475M016AT KEMET-T491A475M016AT Datasheet
1Mb / 24P
   T491 Industrial Grade MnO2 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com