Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R71VW2100AA00K Datasheet(PDF) 2 Page - Kemet Corporation

Part # R71VW2100AA00K
Description  R71 Series Single Metallized Polypropylene Film, Radial, SMPS PFC Applications
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R71VW2100AA00K Datasheet(HTML) 2 Page - Kemet Corporation

  R71VW2100AA00K Datasheet HTML 1Page - Kemet Corporation R71VW2100AA00K Datasheet HTML 2Page - Kemet Corporation R71VW2100AA00K Datasheet HTML 3Page - Kemet Corporation R71VW2100AA00K Datasheet HTML 4Page - Kemet Corporation R71VW2100AA00K Datasheet HTML 5Page - Kemet Corporation R71VW2100AA00K Datasheet HTML 6Page - Kemet Corporation R71VW2100AA00K Datasheet HTML 7Page - Kemet Corporation R71VW2100AA00K Datasheet HTML 8Page - Kemet Corporation R71VW2100AA00K Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3030_R71 • 2/24/2016
2
Film Capacitors
Polypropylene Pulse/High Frequency Capacitors – R71 Series Single Metallized Polypropylene Film, Radial, SMPS PFC Applications
Ordering Options Table
Lead Spacing
Nominal (mm)
Type of Leads and Packaging
Lead Length
(mm)
Lead and
Packaging
Code
10
15
22.5
Standard Lead and Packaging Options
Bulk (Bag) – Short Leads
4+2/-0
AA
Ammo Pack
H
0= 18.5+/-0.5
DQ
Other Lead and Packaging Options
Tape & Reel (Standard Reel)
H
0=18.5+/-0.5
GY
Tape & Reel (Large Reel)
H
0=18.5+/-0.5
CK
Bulk (Bag)–Short Leads
3.5+0.5/-0
JB
Bulk (Bag)–Short Leads
4.0+0.5/-0
JE
Bulk (Bag)–Short Leads
3.2+0.3/-0.2
JH
Bulk (Bag)–Long Leads
18+1/-1
JM
Bulk (Bag)–Long Leads
30+5/-0
40
Bulk (Bag)–Long Leads
25+2/-1
50
27.5
Standard Lead and Packaging Options
Bulk (Tray) – Straight Leads
4+2/-0
AA
Other Lead and Packaging Options
Tape & Reel (Large Reel)
H
0=18.5+/-0.5
CK
Bulk (Bag)–Short Leads
3.5+0.5/-0
JB
Bulk (Bag)–Short Leads
4.0+0.5/-0
JE
Bulk (Bag)–Short Leads
3.2+0.3/-0.2
JH
Bulk (Bag)–Long Leads
18+1/-1
JM
Bulk (Bag)–Long Leads
30+5/-0
40
Bulk (Bag) – Long Leads
25+2/-1
50
37.5
Standard Lead and Packaging Options
Bulk (Tray) – Straight Leads
4+2/-0
AA
Other Lead and Packaging Options
Bulk (Bag)–Short Leads
3.5+0.5/-0
JB
Bulk (Bag)–Short Leads
4.0+0.5/-0
JE
Bulk (Bag)–Short Leads
3.2+0.3/-0.2
JH
Bulk (Bag)–Long Leads
18+1/-1
JM
Bulk (Bag)–Long Leads
30+5/-0
40
Bulk (Bag) – Long Leads
25+2/-1
50


Similar Part No. - R71VW2100AA00K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R71VF24704030K KEMET-R71VF24704030K Datasheet
56Kb / 1P
   Capacitor, film, 0.047 uF, /-10% Tol, -40/110C, General Purpose, 520 VDC@105C, Lead Spacing=10 mm
R71VF24704030K KEMET-R71VF24704030K Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Commercial Grade, R71, 0.047 uF, 10%, 520 V, 105C, Lead Spacing = 10mm
R71VF24704030K KEMET-R71VF24704030K_17 Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Commercial Grade, R71, 0.047 uF, 10%, 520 V, 105C, Lead Spacing = 10mm
R71VF26804030K KEMET-R71VF26804030K Datasheet
56Kb / 1P
   Capacitor, film, 0.068 uF, /-10% Tol, -40/110C, General Purpose, 520 VDC@105C, Lead Spacing=10 mm
R71VF26804030K KEMET-R71VF26804030K_17 Datasheet
55Kb / 1P
   Film, Metallized Polypropylene, Commercial Grade, R71, 0.068 uF, 10%, 520 V, 105C, Lead Spacing = 10mm
More results

Similar Description - R71VW2100AA00K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
102PPB202K ILLINOISCAPACITOR-102PPB202K_13 Datasheet
554Kb / 3P
   Radial leaded metallized polypropylene film capacitors for Pulse applications
logo
Kemet Corporation
R75PN2820AA30K KEMET-R75PN2820AA30K Datasheet
722Kb / 26P
   R75 Series Single Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade)
R79GC2390AA40K KEMET-R79GC2390AA40K Datasheet
1Mb / 16P
   R79 Series Single Metallized Polypropylene Film, Radial, 5 mm Lead Spacing, Multipurpose Applications
R75PN2820AA30K KEMET-R75PN2820AA30K_16 Datasheet
1Mb / 27P
   R75 Series Single Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade)
R75 KEMET-R75 Datasheet
2Mb / 34P
   R75, Single Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade)
3/26/2021
logo
Illinois Capacitor, Inc...
103MPR400K ILLINOISCAPACITOR-103MPR400K_13 Datasheet
200Kb / 2P
   Radial leaded metallized polypropylene film capacitors
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J Datasheet
373Kb / 3P
   Radial Leaded Metallized Polypropylene Film Capacitors
472PSB302K2G ILLINOISCAPACITOR-472PSB302K2G_13 Datasheet
806Kb / 7P
   Radial leaded metallized polypropylene film capacitors
logo
Vishay Siliconix
MKP386M VISHAY-MKP386M Datasheet
255Kb / 19P
   Metallized Polypropylene Film Capacitor Radial Snubber Type
Revision: 11-Nov-13
logo
Illinois Capacitor, Inc...
222PPR202KE ILLINOISCAPACITOR-222PPR202KE_13 Datasheet
435Kb / 3P
   Small size Radial leaded metallized polypropylene film capacitors for Pulse applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com