Electronic Components Datasheet Search |
|
T498B227K006AGE500 Datasheet(PDF) 2 Page - Kemet Corporation |
|
T498B227K006AGE500 Datasheet(HTML) 2 Page - Kemet Corporation |
2 / 18 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com T2053_T498_AUTO • 8/10/2016 22 Tantalum Surface Mount Capacitors – Automotive Grade T498 Series Automotive Grade MnO2 150°C SPICE Foradetailedanalysisofspecificpartnumbers,pleasevisitwww.kemet.comforafreedownloadofKEMET'sSPICE software.TheKEMETSPICEprogramisfreewareintendedtoaiddesignengineersinanalyzingtheperformanceofthese capacitors over frequency, temperature, ripple, and DC bias conditions. Ordering Information T 498 X 227 M 010 A T E500 Capacitor Class Series Case Size Capacitance Code(pF) Capacitance Tolerance Rated Voltage (VDC) FailureRate/ Design TerminationFinish ESR Packaging (C-Spec) T = Tantalum High Temperature 150ºC A B C D X Firsttwodigits represent significant figures.Thirddigit specifiesnumber ofzeros. K = ±10% M = ±20% 004 = 4 006 = 6.3 010 = 10 015 = 15 020 = 20 025 = 25 035 = 35 050 = 50 A = N/A T = 100% Matte Tin (Sn) plated* G = Gold plated H = Standard solder coated (SnPb 5% Pb minimum) E = ESR Last three digits specify ESRinmΩ (500 = 500 mΩ) Blank = 7" Reel 7280 = 13" Reel Performance Characteristics Item Performance Characteristics Operating Temperature −55°Cto150°C Rated Capacitance Range 0.33–220μFat120Hz/25°C Capacitance Tolerance K Tolerance (10%), M Tolerance (20%) Rated Voltage Range 4 – 50 V DF(120Hz) RefertoPartNumberElectricalSpecificationTable ESR(100kHz) RefertoPartNumberElectricalSpecificationTable Leakage Current ≤0.01CV(µA)atratedvoltageafter5minutes |
Similar Part No. - T498B227K006AGE500 |
|
Similar Description - T498B227K006AGE500 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |