Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIHB22N65E Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SIHB22N65E
Description  E Series Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIHB22N65E Datasheet(HTML) 3 Page - Vishay Siliconix

  SIHB22N65E Datasheet HTML 1Page - Vishay Siliconix SIHB22N65E Datasheet HTML 2Page - Vishay Siliconix SIHB22N65E Datasheet HTML 3Page - Vishay Siliconix SIHB22N65E Datasheet HTML 4Page - Vishay Siliconix SIHB22N65E Datasheet HTML 5Page - Vishay Siliconix SIHB22N65E Datasheet HTML 6Page - Vishay Siliconix SIHB22N65E Datasheet HTML 7Page - Vishay Siliconix SIHB22N65E Datasheet HTML 8Page - Vishay Siliconix SIHB22N65E Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SiHB22N65E
www.vishay.com
Vishay Siliconix
S15-0291-Rev. B, 23-Feb-15
3
Document Number: 91538
For technical questions, contact: hvm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Fig. 1 - Typical Output Characteristics
Fig. 2 - Typical Output Characteristics
Fig. 3 - Typical Transfer Characteristics
Fig. 4 - Normalized On-Resistance vs. Temperature
Fig. 5 - Typical Capacitance vs. Drain-to-Source Voltage
Fig. 6 - Coss and Eoss vs. VDS
VDS, Drain-to-Source Voltage (V)
0
20
40
60
T
J = 25 °C
TOP 15 V
14 V
13 V
12 V
11 V
10 V
9 V
8 V
7 V
5 V
6 V
0
5
10
15
20
25
30
10
30
50
VDS, Drain-to-Source Voltage (V)
10
010
20
0
40
5 V
6 V
7 V
TOP 15 V
14 V
13 V
12 V
11 V
10 V
9 V
8 V
20
30
T
J = 150 °C
515
25
30
VGS, Gate-to-Source Voltage (V)
40
10
010
25
60
30
20
50
515
20
0
T
J = 25 °C
T
J = 150 °C
V
DS = 30 V
TJ, Junction Temperature (°C)
2.5
0.5
- 60
3
2
1.5
1
0
- 40 - 20 0
20 40 60 80 100 120 140 160
V
GS = 10 V
I
D = 11 A
VDS, Drain-to-Source Voltage (V)
100
10
0
200
400
10 000
1
1000
100
300
500
600
C
iss
C
oss
C
rss
V
GS = 0 V, f = 1 MHz
C
iss = Cgs + Cgd, Cds Shorted
C
rss = Cgd
C
oss = Cds + Cgd
0
2
4
6
8
10
12
14
16
50
500
5000
0
100
200
300
400
500
600
V
DS
C
oss
E
oss


Similar Part No. - SIHB22N65E

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
SIHB22N65E ISC-SIHB22N65E Datasheet
322Kb / 2P
   iscN-Channel MOSFET Transistor
logo
Vishay Siliconix
SIHB22N65E VISHAY-SIHB22N65E Datasheet
212Kb / 9P
   E Series Power MOSFET
01-Jan-2022
SIHB22N65E-GE3 VISHAY-SIHB22N65E-GE3 Datasheet
212Kb / 9P
   E Series Power MOSFET
01-Jan-2022
SIHB22N65E-T1-GE3 VISHAY-SIHB22N65E-T1-GE3 Datasheet
212Kb / 9P
   E Series Power MOSFET
01-Jan-2022
SIHB22N65E VISHAY-SIHB22N65E_V01 Datasheet
212Kb / 9P
   E Series Power MOSFET
01-Jan-2022
More results

Similar Description - SIHB22N65E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIHP12N50E VISHAY-SIHP12N50E Datasheet
159Kb / 9P
   E Series Power MOSFET
Rev. B, 23-Feb-15
SIHA14N60E VISHAY-SIHA14N60E Datasheet
154Kb / 7P
   E Series Power MOSFET
Rev. B, 15-Aug-16
SIHD14N60E VISHAY-SIHD14N60E Datasheet
136Kb / 7P
   E Series Power MOSFET
Rev. A, 18-Apr-16
SIHW47N60E VISHAY-SIHW47N60E Datasheet
243Kb / 8P
   E Series Power MOSFET
Rev. D, 18-Nov-13
SIHG40N60E VISHAY-SIHG40N60E Datasheet
145Kb / 7P
   E Series Power MOSFET
Rev. A, 18-Apr-16
SIHG47N60AE VISHAY-SIHG47N60AE Datasheet
145Kb / 7P
   E Series Power MOSFET
Rev. A, 04-Jul-16
SIHF12N65E VISHAY-SIHF12N65E Datasheet
148Kb / 7P
   E Series Power MOSFET
Rev. E, 15-Aug-16
SIHJ8N60E VISHAY-SIHJ8N60E Datasheet
224Kb / 11P
   E Series Power MOSFET
Rev. A, 19-Oct-15
SIHB35N60E VISHAY-SIHB35N60E Datasheet
162Kb / 7P
   E Series Power MOSFET
Rev. A, 13-Jun-16
SIHA22N60E VISHAY-SIHA22N60E Datasheet
180Kb / 8P
   E Series Power MOSFET
Rev. F, 15-Aug-16
SIHG47N65E VISHAY-SIHG47N65E Datasheet
157Kb / 7P
   E Series Power MOSFET
Rev. D, 23-Feb-15
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com