Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC3046 Datasheet(PDF) 1 Page - Teledyne Technologies Incorporated

Part # AC3046
Description  10 TO 3000 MHz TO-8 CASCADABLE AMPLIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

AC3046 Datasheet(HTML) 1 Page - Teledyne Technologies Incorporated

  AC3046 Datasheet HTML 1Page - Teledyne Technologies Incorporated AC3046 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIMENSIONS ARE IN INCHES [MILLIMETERS]
SPECIFICATIONS*
INTERMODULATION PERFORMANCE
ABSOLUTE MAXIMUM RATINGS
Rev. 5/10
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
TO-8 Package for Amplifiers
SMTO-8 Package for Amplifiers
10 TO 3000 MHz
TO-8 CASCADABLE AMPLIFIER
AC3046
Typical Values
AC3046
Ultra Broad Bandwidth . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
10-3000 MHz
Medium Output Level . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
+16.0 dBm
Low Noise Figure above 1.0 GHz. . . . . . . . . . . . . . . . . . . . .
< 3.0 dB
High Performance Thin Film
Standard Size TO-8 Package
Small Signal Gain (Min.)
10.5 dB
10.0 dB
9.5 dB
Gain Flatness (Max.)
±0.25 dB
±0.5 dB
±0.8 dB
Noise Figure (Max.)
1.0-3.0 GHz
2.7 dB
3.5 dB
4.0 dB
0.2-1.0 GHz
3.5 dB
5.0 dB
5.5 dB
SWR (Max.)
Input/Output
< 1.5:1
1.9:1†
2.0:1†
Power Output (Min.)
@ 1dB comp.
+16.0 dBm
+15.5^ dBm
+15.0^ dBm
Reverse Isolation
17.0 dB
——
DC Current (Max.)
56.0 mA
62.0 mA
65.0 mA
Guaranteed
Parameter
Typical
0 to 50 °C
-55 to +85 °C
Frequency (Min.)
10-3600 MHz
10-3000 MHz
10-3000 MHz
Typical @ 25 °C
AC3046
Second Order Harmonic Intercept Point . . . . . . . . . . . . . . .
+41 dBm
Second Order Two Tone Intercept Point . . . . . . . . . . . . . . .
+35 dBm
Third Order Two Tone Intercept Point . . . . . . . . . . . . . . . . .
+27 dBm
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
-62 to +125 °C
Maximum Case Temperature . . . . . . . . . . . . . . . . . . . . . . . .
+125 °C
Maximum DC Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
+17 Volts
Maximum Continuous RF Input Power . . . . . . . . . . . . . . . .
+10 dBm
Maximum Short Term Input Power (1 Minute Max.) . . . . . . .
50 Milliwatts
Maximum Peak Power (3 µsec Max.) . . . . . . . . . . . . . . . . . .
0.5 Watt
Burn-in Temperature
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
+105 °C
Thermal Resistance1 (θjc) . . . . . . . . . . . . . . . . . . . . . . . . . .
+31 °C/Watt
Junction Temperature Rise Above Case (Tjc) . . . . . . . . . . .
+28.4 °C
1 Thermal resistance is based on total power dissipation.
AC3046
AS3046
* Measured in a 50-ohm system at +15 Vdc unless otherwise specified.
^ 1.0 dBm less above 2500 MHz. † 0/50 °C ≤2.0:1, +85 °C ≤2.1:1 below 50 MHz.


Similar Part No. - AC3046

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AC30 ALLIED-AC30 Datasheet
967Kb / 1P
   Axial Coated Inductors
AC30-100K-RC ALLIED-AC30-100K-RC Datasheet
927Kb / 1P
   Axial Coated Inductors
AC30-100K-RC ALLIED-AC30-100K-RC Datasheet
1,003Kb / 1P
   Axial Coated Inductors
AC30-100K-RC ALLIED-AC30-100K-RC Datasheet
967Kb / 1P
   Axial Coated Inductors
AC30-101K-RC ALLIED-AC30-101K-RC Datasheet
927Kb / 1P
   Axial Coated Inductors
More results

Similar Description - AC3046

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
AC3057 TELEDYNE-AC3057 Datasheet
172Kb / 2P
   10 TO 3000 MHz TO-8 CASCADABLE AMPLIFIER
logo
List of Unclassifed Man...
AC3055 ETC-AC3055 Datasheet
118Kb / 2P
   10 TO 3000 MHz TO-8 CASCADABLE AMPLIFIER
logo
Teledyne Technologies I...
AC3055 TELEDYNE-AC3055 Datasheet
172Kb / 2P
   10 TO 3000 MHz TO-8 CASCADABLE AMPLIFIER
AC3064 TELEDYNE-AC3064 Datasheet
173Kb / 2P
   100 TO 3000 MHz TO-8 CASCADABLE AMPLIFIER
AC3033 TELEDYNE-AC3033 Datasheet
176Kb / 2P
   1000 TO 3000 MHz TO-8 CASCADABLE AMPLIFIER
AC3056 TELEDYNE-AC3056 Datasheet
184Kb / 2P
   500 TO 3000 MHz TO-8 CASCADABLE AMPLIFIER
AC3035 TELEDYNE-AC3035 Datasheet
131Kb / 1P
   1000 TO 3000 MHz TO-8 CASCADABLE AMPLIFIER
AC3586 TELEDYNE-AC3586 Datasheet
131Kb / 1P
   3000 TO 3600 MHz TO-8 CASCADABLE AMPLIFIER
AC3556 TELEDYNE-AC3556 Datasheet
131Kb / 1P
   3000 TO 3600 MHz TO-8 CASCADABLE AMPLIFIER
logo
List of Unclassifed Man...
AP2008 ETC-AP2008 Datasheet
108Kb / 2P
   10 TO 2000 MHz TO-8 CASCADABLE AMPLIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com