Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

704-15K36 Datasheet(PDF) 1 Page - Protek Devices

Part # 704-15K36
Description  HIGH POWER AIRCRAFT/VEHICLE DC BUS VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

704-15K36 Datasheet(HTML) 1 Page - Protek Devices

  704-15K36 Datasheet HTML 1Page - Protek Devices 704-15K36 Datasheet HTML 2Page - Protek Devices 704-15K36 Datasheet HTML 3Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
704-15K36
&
704-15K36T
1
05021.R7 11/04
www.protekdevices.com
HIGH POWER AIRCRAFT/VEHICLE DC BUS VOLTAGE SUPPRESSOR
Only One Name Means ProTek’Tion™
APPLICATIONS
✔ DC Power Supply Protection
✔ MIL-STD-704 Power Bus Protection
IEC COMPATIBILITY (EN61000-4)
✔ 61000-4-5 (Surge): 95A, 8/20µs - Level 4 (Line-Gnd) & 48A, Level 4 (Line-Line)
FEATURES
✔ Meets the Following Military Specifications:
- MIL-STD-704
- MIL-PRF-19500
✔ 15 kilowatts Peak Pulse Power per Line (tp=10/1000µs)
✔ Each Device 100% Tested
✔ 28 Volt Power Supply Protection
MECHANICAL CHARACTERISTICS
✔ Molded Plastic Case
✔ Weight 38 grams: 704-15K36 & 65 grams: 704-15K36T (Approximate)
✔ Flammability Rating UL 94V-0
✔ Device Marking: Logo, Date Code & Part Number
✔ Positive Terminal Indicated By Polarity Dot
✔ Screening for Military Requirements IAW MIL-PRF-19500 is Available
✔ Screening Available Upon Request - The 704 series can be screened upon
request for military requirements in accordance with MIL-PRF-19500 (applicable
test). Standard screening is available based on the following options:
H1 - Submodule Screening per test plans 05231 & 05232
H2 - Submodule & Module Screening per test plan 05233
H3 - Submodule & Module Screening, Module Group B & C Lot Testing
per test plans 05234 & 05235
704-15K36
704-15K36T
15,000 WATTS
15,000 WATTS
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
Operating Temperature
SYMBOL
VALUE
-55°C to 150°C
°C
°C
-55°C to 150°C
UNITS
T
J
TSTG
PARAMETER
Storage Temperature
Peak Pulse Power (tp = 10/1000µs) - See Figure 1
P
PP
15
kilowatts
Forward Surge Rating @ 25°C 1/120 seconds
Amps
300
FI
Steady State Power Dissipation @ 25°C
Watts
10
TA


Similar Part No. - 704-15K36

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
704-15K36 SEMTECH-704-15K36 Datasheet
28Kb / 2P
   15,000 Watt TVS Module
logo
Microsemi Corporation
704-15K36 MICROSEMI-704-15K36 Datasheet
68Kb / 2P
   TRANSIENT VOLTAGE SUPPESSOR
logo
Sensitron
704-15K36 SENSITRON-704-15K36 Datasheet
170Kb / 7P
   Transient Voltage Suppressor, Unidirectional
logo
Protek Devices
704-15K36 PROTEC-704-15K36 Datasheet
68Kb / 3P
   HIGH POWER AIRCRAFT/ VEHICLE DC BUS VOLTAGE SUPPRESSOR
704-15K36 PROTEC-704-15K36 Datasheet
453Kb / 6P
   HIGH POWER AIRCRAFT/ VEHCILE DC BUS VOLTAGE SUPPRESSOR
More results

Similar Description - 704-15K36

ManufacturerPart #DatasheetDescription
logo
Protek Devices
704-15K36 PROTEC-704-15K36_07 Datasheet
68Kb / 3P
   HIGH POWER AIRCRAFT/ VEHICLE DC BUS VOLTAGE SUPPRESSOR
704-15K36P PROTEC-704-15K36P Datasheet
228Kb / 5P
   HIGH POWER AIRCRAFT / VEHCILE DC BUS VOLTAGE SUPPRESSOR
704-15K36 PROTEC-704-15K36_11 Datasheet
453Kb / 6P
   HIGH POWER AIRCRAFT/ VEHCILE DC BUS VOLTAGE SUPPRESSOR
704-15K36 PROTEC-704-15K36_12 Datasheet
455Kb / 6P
   HIGH POWER AIRCRAFT/ VEHCILE DC BUS VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
RT100KP33A MICROSEMI-RT100KP33A Datasheet
138Kb / 4P
   Preferred 100 kW Transient Voltage Suppressor for AIRCRAFT POWER BUS PROTECTION
LTW-593DS MICROSEMI-LTW-593DS Datasheet
191Kb / 3P
   AIRCRAFT AC POWER BUS PROTECTION
logo
Protek Devices
2700SM78CA PROTEC-2700SM78CA_12 Datasheet
364Kb / 5P
   POWER BUS VOLTAGE SUPPRESSOR
2700SM78CA PROTEC-2700SM78CA Datasheet
364Kb / 5P
   POWER BUS VOLTAGE SUPPRESSOR
2700SM78CAN PROTEC-2700SM78CAN Datasheet
329Kb / 6P
   POWER BUS VOLTAGE SUPPRESSOR
PHP8.4-PHP500 PROTEC-PHP8.4-PHP500 Datasheet
61Kb / 4P
   AC POWER BUS VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com