Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M21012 Datasheet(PDF) 6 Page - M/A-COM Technology Solutions, Inc.

Part # M21012
Description  Quad Multi-Rate CDR (42 Mbps - 3.2 Gbps)
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M21012 Datasheet(HTML) 6 Page - M/A-COM Technology Solutions, Inc.

Back Button M21012_17 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M21012_17 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M21012_17 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M21012_17 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M21012_17 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M21012_17 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M21012_17 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M21012_17 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M21012_17 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 74 page
background image
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
M21011-12/M21012-12
6
Quad Multi-Rate CDR (42 Mbps - 3.2 Gbps)
Rev V4
1.0 Product Specifications
1.1
Absolute Maximum Ratings
These are the absolute maximum ratings beyond which the device can be expected to fail or be damaged. Reliable
operation at these extremes for any length of time is not warranted.
Table 1-1.
Absolute Maximum Ratings
Symbol
Parameter
Notes
Minimum
Typical
Maximum
Units
DVdd_I/O
Digital I/O power
0
1.8/2.5/3.3
3.6
V
AVdd_I/O
Analog I/O power
0
1.8/2.5/3.3
3.6
V
AVdd_Core
Analog core power
2
0
1.2
1.5
V
DVdd_Core
Digital core power
2
0
1.2
1.5
V
High-speed signal pins
3
Vss - 0.5
AVdd_I/O + 0.5
V
Control, interface, and alarm pins
4
Vss - 0.5
DVdd_I/O + 0.5
V
Tst
Storage temperature
–65
+150
°
C
ESD
Human body model (low-speed)
2000
V
ESD
Human body model (high-speed)
1000
V
ESD
Charged device model
100
V
2. Apply voltage to core pins if internal regulator is disabled. If enabled, pins should be floating with
by-pass to Vss.
3. High-speed signal pins are shown in Table 2-18.
4. Control, interface, and alarm pins are shown in Table 2-19.
NOTES:
1.
No damage under typical conditions.


Similar Part No. - M21012_17

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M21012-12 MA-COM-M21012-12 Datasheet
1Mb / 73P
   Quad Multi-Rate CDR
More results

Similar Description - M21012_17

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M21050 MA-COM-M21050_17 Datasheet
839Kb / 70P
   Duplex Quad (Octal) Multi-Rate CDR (1.0 Gbps - 3.2 Gbps)
M21012 MA-COM-M21012 Datasheet
1Mb / 73P
   Quad Multi-Rate CDR
M21050 MA-COM-M21050 Datasheet
839Kb / 70P
   Duplex Quad Multi-Rate CDR
logo
National Semiconductor ...
SCAN50C400A NSC-SCAN50C400A Datasheet
1Mb / 30P
   1.25/2.5/5.0 Gbps Quad Multi-Rate Backplane Transceiver
logo
Silicon Laboratories
SI5023 SILABS-SI5023 Datasheet
781Kb / 28P
   MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
List of Unclassifed Man...
SI5022 ETC1-SI5022 Datasheet
399Kb / 22P
   MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMP
logo
Silicon Laboratories
SI5022 SILABS-SI5022 Datasheet
333Kb / 28P
   MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
Analog Devices
AD8159 AD-AD8159 Datasheet
595Kb / 24P
   3.2 Gbps Quad Buffer Mux/Demux
REV. A
logo
Vitesse Semiconductor C...
VSC8222 VITESSE-VSC8222 Datasheet
388Kb / 2P
   Multi-rate SONET/SDH, Fibre Channel, and Gigabit Ethernet CDR
logo
Texas Instruments
ONET4291VARGPR TI-ONET4291VARGPR Datasheet
981Kb / 23P
[Old version datasheet]   1 GBPS TO 4.25 GBPS MULTI-RATE VCSEL DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com