Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE09P0103J Datasheet(PDF) 4 Page - AVX Corporation

Part # NE09P0103J
Description  NTC Disc Thermistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

NE09P0103J Datasheet(HTML) 4 Page - AVX Corporation

  NE09P0103J Datasheet HTML 1Page - AVX Corporation NE09P0103J Datasheet HTML 2Page - AVX Corporation NE09P0103J Datasheet HTML 3Page - AVX Corporation NE09P0103J Datasheet HTML 4Page - AVX Corporation NE09P0103J Datasheet HTML 5Page - AVX Corporation NE09P0103J Datasheet HTML 6Page - AVX Corporation NE09P0103J Datasheet HTML 7Page - AVX Corporation NE09P0103J Datasheet HTML 8Page - AVX Corporation NE09P0103J Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
NTC Disc Thermistors
ND/NE/NV 09
TABLE OF VALUES
ND09/NE09/NV09
9.5 (.374) max
3.5 (.138) max
ø 0.6 (.024)
+10%
-0.05
5.08 (.02)
NV09
9.5 (.375) max
5 (.197) max
ø 0.6 (.024)
+10%
-0.05
5.08 (.02)
ND09/NE09
Part Number
Rn at 25°C (Ω)
Material Code
B (K)
at 25°C (%/°C)
( B/B
)
N_09J00680
68
J
3480 (2)
– 3.9
N_09J00101
100
N_09K00151
150
K
3630 (2)
– 4.0
N_09K00221
220
N_09L00331
330
L
3790 (2)
– 4.2
N_09M00471
470
M
3950 (2)
– 4.4
N_09M00681
680
N_09N00102
1,000
N
4080 (2)
– 4.6
N_09N00152
1,500
N_09P00222
2,200
N_09P00332
3,300
P
4220 (2)
– 4.7
N_09Q00472
4,700
Q
4300 (2)
– 4.7
N_09Q00682
6,800
N_09R00103
10,000
R
4400 (2)
– 4.8
N_09R00153
15,000
N_09S00223
22,000
S
4520 (2)
– 5.0
N_09T00333
33,000
T
4630 (2)
– 5.1
N_09T00473
47,000
N_09U00683
68,000
N_09U00104
100,000
U
4840 (2)
– 5.3
N_09U00154
150,000
(1) ± 5%
(2) ± 3%


Similar Part No. - NE09P0103J

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE004 RENESAS-NE004 Datasheet
350Kb / 6P
   GaAs MES FET
1988
NE004100-6 RENESAS-NE004100-6 Datasheet
350Kb / 6P
   GaAs MES FET
1988
NE0041600-6 RENESAS-NE0041600-6 Datasheet
350Kb / 6P
   GaAs MES FET
1988
NE004200-6 RENESAS-NE004200-6 Datasheet
350Kb / 6P
   GaAs MES FET
1988
NE004800-6 RENESAS-NE004800-6 Datasheet
350Kb / 6P
   GaAs MES FET
1988
More results

Similar Description - NE09P0103J

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERT-D2FFL400S PANASONIC-ERT-D2FFL400S Datasheet
695Kb / 5P
   NTC Thermistors (Disc Type)
logo
AVX Corporation
NR55300299 AVX-NR55300299 Datasheet
102Kb / 7P
   NTC Leadless Disc Thermistors
logo
Panasonic Semiconductor
ERTD PANASONIC-ERTD Datasheet
689Kb / 5P
   Disc Type NTC Thermistors
logo
Murata Manufacturing Co...
NCP03WF333J05RL MURATA-NCP03WF333J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL104J05RL MURATA-NCP03WL104J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL224E05RL MURATA-NCP03WL224E05RL Datasheet
197Kb / 3P
   NTC Thermistors
NCP15WB333J03RC MURATA-NCP15WB333J03RC Datasheet
206Kb / 3P
   NTC Thermistors
NCP15WL223E03RC MURATA-NCP15WL223E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15WL683E03RC MURATA-NCP15WL683E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15XH103F03RC MURATA-NCP15XH103F03RC Datasheet
208Kb / 3P
   NTC Thermistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com