Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCX55-10 Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # BCX55-10
Description  NPN Silicon AF Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BCX55-10 Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  BCX55-10 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BCX55-10 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited BCX55-10 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited BCX55-10 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited BCX55-10 Datasheet HTML 5Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Production specification
NPN Silicon AF Transistors
BCX54/BCX55/BCX56
E033
www.gmicroelec.com
Rev.A
2
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Test conditions
MIN
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=100μA IB=0
BCX54
BCX55
BCX56
45
60
100
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=10mA IB=0
BCX54
BCX55
BCX56
45
60
80
V
Emitter-base breakdown voltage
V(BR)EBO
IE=10μA IC=0
5
V
VCB=30V IE=0
100
nA
Collector cut-off current
ICBO
VCB=30V IE=0,TA=150℃
20
μA
VCE=2V IC=5mA
25
VCE=2V IC=150mA
BCX54…56
40
250
VCE=2V IC=150mA
-10
-16
63
100
160
250
DC current gain
hFE
VCE=2V IC=500mA
25
Collector-emitter saturation voltage
VCE(sat)
IC=500mA IB=50mA
0.5
V
Base-emitter voltage
VBE
IC=500mA ,VCE=2V
1
V
Transition frequency
fT
VCE=10V, IC=50mA,
f=20MHz
100
MHz


Similar Part No. - BCX55-10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCX55-10 PHILIPS-BCX55-10 Datasheet
42Kb / 8P
   NPN medium power transistors
Rev. 07 - 4 June 2007
logo
Nexperia B.V. All right...
BCX55-10 NEXPERIA-BCX55-10 Datasheet
1Mb / 22P
   60 V, 1 A NPN medium power transistors
Rev. 8 - 24 October 2011
logo
Siemens Semiconductor G...
BCX55-10 SIEMENS-BCX55-10 Datasheet
146Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
logo
Nexperia B.V. All right...
BCX55-10 NEXPERIA-BCX55-10 Datasheet
241Kb / 12P
   60 V, 1 A NPN medium power transistors
Rev. 9 - 1 July 2022
logo
Infineon Technologies A...
BCX55-10 INFINEON-BCX55-10 Datasheet
48Kb / 5P
   NPN Silicon AF Transistors
Jul-10-2001
More results

Similar Description - BCX55-10

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC817 SIEMENS-BC817 Datasheet
130Kb / 5P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC817W INFINEON-BC817W Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
logo
Tiger Electronic Co.,Lt...
BC817 TGS-BC817 Datasheet
461Kb / 1P
   NPN Silicon AF Transistors
logo
Guangdong Kexin Industr...
KC817 KEXIN-KC817 Datasheet
40Kb / 1P
   NPN Silicon AF Transistors
KC818W KEXIN-KC818W Datasheet
67Kb / 1P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC846AE6327 INFINEON-BC846AE6327 Datasheet
881Kb / 13P
   NPN Silicon AF Transistors
2011-09-09
BCP54E-6327 INFINEON-BCP54E-6327 Datasheet
827Kb / 7P
   NPN Silicon AF Transistors
2011-10-13
BCP54 INFINEON-BCP54_08 Datasheet
530Kb / 7P
   NPN Silicon AF Transistors
2008-10-10
BC817 INFINEON-BC817 Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
BC846 INFINEON-BC846 Datasheet
216Kb / 8P
   NPN Silicon AF Transistors
Nov-20-2002
BCP54 INFINEON-BCP54 Datasheet
48Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com