Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74FCT273PCQB Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74FCT273PCQB
Description  Octal D Flip-Flop
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74FCT273PCQB Datasheet(HTML) 8 Page - National Semiconductor (TI)

  74FCT273PCQB Datasheet HTML 1Page - National Semiconductor (TI) 74FCT273PCQB Datasheet HTML 2Page - National Semiconductor (TI) 74FCT273PCQB Datasheet HTML 3Page - National Semiconductor (TI) 74FCT273PCQB Datasheet HTML 4Page - National Semiconductor (TI) 74FCT273PCQB Datasheet HTML 5Page - National Semiconductor (TI) 74FCT273PCQB Datasheet HTML 6Page - National Semiconductor (TI) 74FCT273PCQB Datasheet HTML 7Page - National Semiconductor (TI) 74FCT273PCQB Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Physical Dimensions inches (millimeters) (Continued)
Lit
114706
20-Lead Ceramic Flatpak (F)
NS Package Number W20A
LIFE SUPPORT POLICY
NATIONAL’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF NATIONAL
SEMICONDUCTOR CORPORATION As used herein
1 Life support devices or systems are devices or
2 A critical component is any component of a life
systems which (a) are intended for surgical implant
support device or system whose failure to perform can
into the body or (b) support or sustain life and whose
be reasonably expected to cause the failure of the life
failure to perform when properly used in accordance
support device or system or to affect its safety or
with instructions for use provided in the labeling can
effectiveness
be reasonably expected to result in a significant injury
to the user
National Semiconductor
National Semiconductor
National Semiconductor
National Semiconductor
Corporation
Europe
Hong Kong Ltd
Japan Ltd
1111 West Bardin Road
Fax (a49) 0-180-530 85 86
13th Floor Straight Block
Tel 81-043-299-2309
Arlington TX 76017
Email cnjwge tevm2nsccom
Ocean Centre 5 Canton Rd
Fax 81-043-299-2408
Tel 1(800) 272-9959
Deutsch Tel (a49) 0-180-530 85 85
Tsimshatsui Kowloon
Fax 1(800) 737-7018
English
Tel (a49) 0-180-532 78 32
Hong Kong
Fran ais Tel (a49) 0-180-532 93 58
Tel (852) 2737-1600
Italiano
Tel (a49) 0-180-534 16 80
Fax (852) 2736-9960
National does not assume any responsibility for use of any circuitry described no circuit patent licenses are implied and National reserves the right at any time without notice to change said circuitry and specifications


Similar Part No. - 74FCT273PCQB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
74FCT273AT IDT-74FCT273AT Datasheet
81Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
74FCT273AT IDT-74FCT273AT Datasheet
81Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
74FCT273AT IDT-74FCT273AT Datasheet
81Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
74FCT273CT IDT-74FCT273CT Datasheet
81Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
74FCT273CT IDT-74FCT273CT Datasheet
81Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
More results

Similar Description - 74FCT273PCQB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74AC273 ONSEMI-MC74AC273 Datasheet
187Kb / 7P
   OCTAL D FLIP-FLOP
May, 2001 ??Rev. 5
logo
National Semiconductor ...
54F273DM NSC-54F273DM Datasheet
167Kb / 8P
   Octal D Flip-Flop
logo
ON Semiconductor
MC74AC273 ONSEMI-MC74AC273_16 Datasheet
97Kb / 8P
   Octal D Flip-Flop
December, 2016 ??Rev. 8
logo
NXP Semiconductors
74F273A PHILIPS-74F273A Datasheet
79Kb / 10P
   Octal D flip-flop
1996 Mar 12
logo
Hitachi Semiconductor
HD74AC273 HITACHI-HD74AC273 Datasheet
60Kb / 10P
   Octal D Flip-Flop
logo
National Semiconductor ...
54AC273 NSC-54AC273 Datasheet
157Kb / 8P
   Octal D Flip-Flop
logo
NXP Semiconductors
74LVT273 PHILIPS-74LVT273 Datasheet
94Kb / 11P
   3.3V Octal D flip-flop
1998 Feb 19
logo
STMicroelectronics
M54HC377 STMICROELECTRONICS-M54HC377 Datasheet
252Kb / 11P
   OCTAL D TYPE FLIP FLOP
logo
Fairchild Semiconductor
74VHC273 FAIRCHILD-74VHC273_07 Datasheet
625Kb / 13P
   Octal D-Type Flip-Flop
74VHC273 FAIRCHILD-74VHC273_05 Datasheet
532Kb / 10P
   Octal D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com