Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR8618ARU Datasheet(PDF) 7 Page - Analog Devices

Part # AR8618ARU
Description  Precision 20 MHz CMOS Rail-to-Rail Input/Output Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AR8618ARU Datasheet(HTML) 7 Page - Analog Devices

Back Button AR8618ARU Datasheet HTML 3Page - Analog Devices AR8618ARU Datasheet HTML 4Page - Analog Devices AR8618ARU Datasheet HTML 5Page - Analog Devices AR8618ARU Datasheet HTML 6Page - Analog Devices AR8618ARU Datasheet HTML 7Page - Analog Devices AR8618ARU Datasheet HTML 8Page - Analog Devices AR8618ARU Datasheet HTML 9Page - Analog Devices AR8618ARU Datasheet HTML 10Page - Analog Devices AR8618ARU Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD8616/AD8618
Rev. A | Page 7 of 16
–40
–20
0
20
40
60
80
100
–90
–45
0
45
90
135
180
225
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
VS = ±2.5V
TA = 25°C
φ
M = 74°
Figure 11. Open-Loop Gain and Phase vs. Frequency
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
FREQUENCY (Hz)
10k
1k
100k
1M
10M
VS = 5.0V
VIN = 4.9V p-p
TA = 25°C
RL = 2kΩ
AV = 1
Figure 12. Closed-Loop Output Voltage Swing
0
10
20
30
40
50
60
70
80
90
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
AV = 100
AV = 1
AV = 10
VS = ±2.5V
Figure 13. Output Impedance vs. Frequency
0
20
40
60
80
100
120
FREQUENCY (Hz)
10k
1k
100k
1M
10M
VS = ±2.5V
Figure 14. Common-Mode Rejection Ratio vs. Frequency
0
20
40
60
80
100
120
FREQUENCY (Hz)
10k
1k
100k
1M
10M
VS = ±2.5V
Figure 15. PSRR vs. Frequency
5
0
10
15
20
25
30
35
40
45
50
CAPACITANCE (pF)
10
100
1000
VS = 5V
RL = ∞
TA =25°C
AV = 1
+OS
–OS
Figure 16. Small-Signal Overshoot vs. Load Capacitance


Similar Part No. - AR8618ARU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AR8609ARU-REEL AD-AR8609ARU-REEL Datasheet
457Kb / 20P
   Precision Micropower, Low Noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. B
AR8609ARUZ-REEL AD-AR8609ARUZ-REEL Datasheet
457Kb / 20P
   Precision Micropower, Low Noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. B
logo
FIBOX Enclosing innovat...
AR864CHFLF FIBOX-AR864CHFLF Datasheet
68Kb / 2P
   PC Enclosure
20.01.2023
AR864CHFLM FIBOX-AR864CHFLM Datasheet
68Kb / 2P
   PC Enclosure
20.01.2023
AR864CHFSC FIBOX-AR864CHFSC Datasheet
68Kb / 2P
   PC Enclosure
20.01.2023
More results

Similar Description - AR8618ARU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8615 AD-AD8615_05 Datasheet
403Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. C
AD8615 AD-AD8615 Datasheet
190Kb / 5P
   Precision 20 MHz CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. PrA
AD8616ARMZ AD-AD8616ARMZ Datasheet
442Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8615 AD-AD8615_08 Datasheet
442Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
OP-184 AD-OP-184 Datasheet
522Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
OP184 AD-OP184 Datasheet
291Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
logo
List of Unclassifed Man...
TSV994AIYPT ETC2-TSV994AIYPT Datasheet
989Kb / 25P
   Rail-to-rail input/output 20 MHz GBP operational amplifiers
logo
STMicroelectronics
TSV991 STMICROELECTRONICS-TSV991_08 Datasheet
515Kb / 18P
   Rail-to-rail input/output 20 MHz GBP operational amplifiers
logo
Analog Devices
AD8605ARTZ AD-AD8605ARTZ Datasheet
836Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. N
AD8605 AD-AD8605 Datasheet
559Kb / 20P
   Precision Low noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com