Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C317C101J1G5TA Datasheet(PDF) 1 Page - Kemet Corporation

Part # C317C101J1G5TA
Description  Ceramic, Commercial Grade, GoldMax, 100 pF, 5%, 100 V, C0G, Lead Spacing = 5.08mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C317C101J1G5TA Datasheet(HTML) 1 Page - Kemet Corporation

  C317C101J1G5TA Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated - c56ef040-6403-4e1d-87c0-82aef4fd7184
KEMET Part Number: C317C101J1G5TA
Ceramic, Commercial Grade, GoldMax, 100 pF, 5%, 100 V, C0G, Lead Spacing = 5.08mm
Dimensions
L
3.81mm MAX
H
5.08mm MAX
T
2.54mm MAX
S
5.08mm NOM
LL
7mm MIN
F
0.51mm NOM
Packaging Specifications
Packaging: Bulk, Bag
Packaging Quantity: 500
General Information
Style: Radial
Series: GoldMax
Description: GoldMax, Commercial Standard
RoHS: Yes
Termination: Tin
Failure Rate: N/A
Specifications
Capacitance: 100 pF
Capacitance Tolerance: 5%
Voltage DC: 100 VDC
Temperature Range: -55/+125C
Temperature Coefficient: C0G
Dissipation Factor: 0.1%
Aging Rate: 0% Loss/Decade Hour
Insulation Resistance: 100 GOhms
Dielectric Strength: 250 V
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C317C101J1G5TA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C317C101J2G5TA KEMET-C317C101J2G5TA Datasheet
54Kb / 1P
   Ceramic, Commercial Grade, GoldMax, 100 pF, 5%, 200 V, C0G, Lead Spacing = 5.08mm
C317C101J2G5TA7301 KEMET-C317C101J2G5TA7301 Datasheet
55Kb / 1P
   Ceramic, Commercial Grade, GoldMax, 100 pF, 5%, 200 V, C0G, Lead Spacing = 5.08mm
2017/04/20
C317C101J5G5TA KEMET-C317C101J5G5TA Datasheet
55Kb / 1P
   Ceramic, GoldMax, 100 pF, 5%, 50 V, C0G, GoldMax, Commercial Standard, Lead Spacing = 5.08mm
More results

Similar Description - C317C101J1G5TA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C322C101J1G5TA KEMET-C322C101J1G5TA Datasheet
55Kb / 1P
   Ceramic, GoldMax, 100 pF, 5%, 100 V, C0G, GoldMax, Commercial Standard, Lead Spacing = 5.08mm
C317C101J2G5TA7301 KEMET-C317C101J2G5TA7301 Datasheet
55Kb / 1P
   Ceramic, Commercial Grade, GoldMax, 100 pF, 5%, 200 V, C0G, Lead Spacing = 5.08mm
2017/04/20
C317C102J1G5TA KEMET-C317C102J1G5TA Datasheet
54Kb / 1P
   Ceramic, Commercial Grade, GoldMax, 1000 pF, 5%, 100 V, C0G, Lead Spacing = 5.08mm
C322C472J1G5TA KEMET-C322C472J1G5TA Datasheet
55Kb / 1P
   Ceramic, Commercial Grade, GoldMax, 4700 pF, 5%, 100 V, C0G, Lead Spacing = 5.08mm
C322C222J1G5TA KEMET-C322C222J1G5TA Datasheet
54Kb / 1P
   Ceramic, Commercial Grade, GoldMax, 2200 pF, 5%, 100 V, C0G, Lead Spacing = 5.08mm
C317C221J1G5TA KEMET-C317C221J1G5TA Datasheet
54Kb / 1P
   Ceramic, Commercial Grade, GoldMax, 220 pF, 5%, 100 V, C0G, Lead Spacing = 5.08mm
C317C470J1G5TA7301 KEMET-C317C470J1G5TA7301 Datasheet
55Kb / 1P
   Ceramic, Commercial Grade, GoldMax, 47 pF, 5%, 100 V, C0G, Lead Spacing = 5.08mm
C317C101J2G5TA KEMET-C317C101J2G5TA Datasheet
54Kb / 1P
   Ceramic, Commercial Grade, GoldMax, 100 pF, 5%, 200 V, C0G, Lead Spacing = 5.08mm
C315C180J1G5TA7303 KEMET-C315C180J1G5TA7303 Datasheet
55Kb / 1P
   Ceramic, Commercial Grade, GoldMax, 18 pF, 5%, 100 V, C0G, Lead Spacing = 2.54mm
C315C680J1G5TA7303 KEMET-C315C680J1G5TA7303 Datasheet
55Kb / 1P
   Ceramic, Commercial Grade, GoldMax, 68 pF, 5%, 100 V, C0G, Lead Spacing = 2.54mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com