Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1112IDRCR Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS1112IDRCR
Description  16-Bit Analog-to-Digital Converter with Input Multiplexer and Onboard Reference
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS1112IDRCR Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button ADS1112IDRCR Datasheet HTML 2Page - Burr-Brown (TI) ADS1112IDRCR Datasheet HTML 3Page - Burr-Brown (TI) ADS1112IDRCR Datasheet HTML 4Page - Burr-Brown (TI) ADS1112IDRCR Datasheet HTML 5Page - Burr-Brown (TI) ADS1112IDRCR Datasheet HTML 6Page - Burr-Brown (TI) ADS1112IDRCR Datasheet HTML 7Page - Burr-Brown (TI) ADS1112IDRCR Datasheet HTML 8Page - Burr-Brown (TI) ADS1112IDRCR Datasheet HTML 9Page - Burr-Brown (TI) ADS1112IDRCR Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
ADS1112
SBAS282D − JUNE 2003 − REVISED MARCH 2004
www.ti.com
6
TYPICAL CHARACTERISTICS (continued)
At TA = 25°C and VDD = 5V, unless otherwise noted.
THEORY OF OPERATION
The ADS1112 is a 16-bit, self-calibrating, delta-sigma A/D
converter with an input multiplexer. Extremely easy to de-
sign with and configure, the ADS1112 allows precise mea-
surements to be obtained with a minimum of effort.
The ADS1112 consists of a delta-sigma A/D converter
core with adjustable gain, a 2.048V reference, a clock os-
cillator, and an I2C interface. Each of these blocks are de-
scribed in detail in the sections that follow.
ANALOG-TO-DIGITAL CONVERTER
The ADS1112 A/D converter core consists of a differential
switched-capacitor delta-sigma modulator followed by a
digital filter. The modulator measures the voltage differ-
ence between the positive and negative analog inputs se-
lected by the input multiplexer and compares it to a refer-
ence voltage, which, in the ADS1112, is 2.048V. The digital
filter receives a high-speed bitstream from the modulator
and outputs a code, which is a number proportional to the
input voltage.
MULTIPLEXER
The ADS1112 has an input multiplexer that provides for
two differential or three single-ended input channels. Two
bits in the configuration register control the multiplexer
setting.
VOLTAGE REFERENCE
The ADS1112 contains an onboard 2.048V voltage refer-
ence. This reference is always used as the ADC voltage
reference; an external reference cannot be connected.
The ADS1112 voltage reference is internal only, and can-
not be measured directly or used by external circuitry.
The onboard reference specifications are part of the over-
all gain and drift specifications of the ADS1112. The con-
verter drift and gain error specifications reflect the perfor-
mance of the onboard reference as well as the
performance of the A/D converter core. There are no sepa-
rate specifications for the onboard reference itself.
OUTPUT CODE CALCULATION
The output code is a scaled value that is proportional, ex-
cept for clipping, to the voltage difference between the two
analog inputs. The output code is confined to a finite range
of numbers; this range depends on the number of bits
needed to represent the code. The number of bits needed
to represent the output code for the ADS1112 depends on
the data rate, as shown in Table 1.
DATA RATE
NUMBER OF
BITS
MINIMUM
CODE
MAXIMUM
CODE
15SPS
16
−32,768
32,767
30SPS
15
−16,384
16,383
60SPS
14
−8192
8191
240SPS
12
−2048
2047
Table 1. Minimum and Maximum Codes
For a minimum output code of Min Code, gain setting of the
PGA, and positive and negative input voltages of VIN+ and
VIN−, the output code is given by the expression:
Output Code
+ −1
Min Code
PGA
(V
IN
)) * (VIN*)
2.048V
In the previous expression, it is important to note that the
negated minimum output code is used. The ADS1112
outputs codes in binary two’s complement format, so the


Similar Part No. - ADS1112IDRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1112IDRCR TI1-ADS1112IDRCR Datasheet
1Mb / 26P
[Old version datasheet]   16-Bit Analog-to-Digital Converter with Input Multiplexer and Onboard Reference
ADS1112IDRCRG4 TI1-ADS1112IDRCRG4 Datasheet
1Mb / 26P
[Old version datasheet]   16-Bit Analog-to-Digital Converter with Input Multiplexer and Onboard Reference
More results

Similar Description - ADS1112IDRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1112 TI1-ADS1112_14 Datasheet
1Mb / 26P
[Old version datasheet]   16-Bit Analog-to-Digital Converter with Input Multiplexer and Onboard Reference
ADS1110 TI1-ADS1110_13 Datasheet
1Mb / 23P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
ADS1110 TI1-ADS1110_14 Datasheet
1Mb / 24P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
ADS1110 TI1-ADS1110_16 Datasheet
1Mb / 23P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
ADS1110 TI1-ADS1110_10 Datasheet
742Kb / 22P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
NOVEMBER 2003
ADS1110 TI-ADS1110 Datasheet
520Kb / 17P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
logo
NXP Semiconductors
TDA8706 PHILIPS-TDA8706 Datasheet
76Kb / 16P
   6-bit analog-to-digital converter with multiplexer and clamp
1996 Aug 20
TDA8706A PHILIPS-TDA8706A Datasheet
136Kb / 20P
   6-bit analog-to-digital converter with multiplexer and clamp
1996 Jul 30
logo
Microchip Technology
MCP3425 MICROCHIP-MCP3425 Datasheet
497Kb / 30P
   16-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
2007
MCP3425 MICROCHIP-MCP3425_09 Datasheet
734Kb / 38P
   16-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com