Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD2010S020S0R5 Datasheet(PDF) 1 Page - AVX Corporation

Part # SD2010S020S0R5
Description  Schottky Barrier Rectifier Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SD2010S020S0R5 Datasheet(HTML) 1 Page - AVX Corporation

  SD2010S020S0R5 Datasheet HTML 1Page - AVX Corporation SD2010S020S0R5 Datasheet HTML 2Page - AVX Corporation SD2010S020S0R5 Datasheet HTML 3Page - AVX Corporation SD2010S020S0R5 Datasheet HTML 4Page - AVX Corporation SD2010S020S0R5 Datasheet HTML 5Page - AVX Corporation SD2010S020S0R5 Datasheet HTML 6Page - AVX Corporation SD2010S020S0R5 Datasheet HTML 7Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
083116
Schottky Barrier Rectifier Diode
Lead-less Chip Form
GENERAL DESCRIPTION
AVX Schottky rectifier diodes offer unique lead-less chip
packaging technology which eliminates the lead frame wire
bond to give the chip top-bottom symmetry for fewer
mounting problems, better heat transfer, and current
handling capability (compared to SOD devices).
FEATURES
• Lead-less chip form
• Low Vf
• High current capability
• Low power loss/high efficiency
• UL 94V-0 class package material
• Halogen free
APPLICATIONS
• Switch mode power supplies
• High frequency rectification
• Portable battery powered devices
• Reverse bias protection
MECHANICAL DATA
Case: FRP substrate with epoxy underfill
Terminations: 100% Sn plated (Pb-free), solderable
per MIL-STD-750, Method 2026.
Operating Temperature: -55°C to 125°C
Storage Temperature: -55°C to 150°C
AVX SCHOTTKY DIODE CURRENTS BY CASE SIZE
Size
Max Forward Current
EIAJ
JEDEC
.1A
.2A
.3A
.5A
1A
2A
3A
5A
8A
0603
SOD-523
••
0805
SOD-323
••
1206
SOD-123
•••
2010
SMA (D0-214AC)
••
2114
SMB (D0-214AA)
••
3220
SMC (D0-214AB)
LEAD-FREE COMPATIBLE
COMPONENT
SD
Series
Schottky
Diodes
HOW TO ORDER
3220
Size
3220
2114
2010
1206
0805
0603
S
Thickness
S = Standard
T = Thin
020
Voltage
020 = 20V
030 = 30V
040 = 40V
060 = 60V
100 = 100V
150 = 150V
200 = 200V
S
Vf
S = Standard
L = Low
3R0
Current
0R1 = 0.1
0R2 = 0.2
0R3 = 0.3
0R5 = 0.5
1R0 = 1.0
Schottky Barrier Rectifier Diode
Lead-less Chip Form
••


Similar Part No. - SD2010S020S0R5

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
SD2010S020S0R1 AVX-SD2010S020S0R1 Datasheet
615Kb / 6P
   Schottky Barrier Rectifier Diode
SD2010S020S0R2 AVX-SD2010S020S0R2 Datasheet
615Kb / 6P
   Schottky Barrier Rectifier Diode
SD2010S020S0R3 AVX-SD2010S020S0R3 Datasheet
615Kb / 6P
   Schottky Barrier Rectifier Diode
More results

Similar Description - SD2010S020S0R5

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
1N5831 NAINA-1N5831_1 Datasheet
99Kb / 2P
   Schottky Barrier Rectifier Diode
SD41 NAINA-SD41_1 Datasheet
99Kb / 2P
   Schottky Barrier Rectifier Diode
logo
EIC discrete Semiconduc...
ERA83-006 EIC-ERA83-006_11 Datasheet
66Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODE
MBR1660CT EIC-MBR1660CT Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODE
ERB84-009 EIC-ERB84-009 Datasheet
41Kb / 2P
   SCHOTTKY-BARRIER RECTIFIER DIODE
logo
Naina Semiconductor ltd...
1N6391 NAINA-1N6391_1 Datasheet
99Kb / 2P
   Schottky Barrier Rectifier Diode
logo
EIC discrete Semiconduc...
ERC81-004 EIC-ERC81-004 Datasheet
35Kb / 2P
   SCHOTTKY-BARRIER RECTIFIER DIODE
logo
AVX Corporation
SD2114S040S8R0 AVX-SD2114S040S8R0 Datasheet
615Kb / 6P
   Schottky Barrier Rectifier Diode
logo
EIC discrete Semiconduc...
SD3030MR EIC-SD3030MR Datasheet
132Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODE
ERA83-004 EIC-ERA83-004_11 Datasheet
60Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com