Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29LV065D Datasheet(PDF) 9 Page - Advanced Micro Devices

Part # AM29LV065D
Description  64 Megabit (8 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIOTM Control
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV065D Datasheet(HTML) 9 Page - Advanced Micro Devices

Back Button AM29LV065D Datasheet HTML 5Page - Advanced Micro Devices AM29LV065D Datasheet HTML 6Page - Advanced Micro Devices AM29LV065D Datasheet HTML 7Page - Advanced Micro Devices AM29LV065D Datasheet HTML 8Page - Advanced Micro Devices AM29LV065D Datasheet HTML 9Page - Advanced Micro Devices AM29LV065D Datasheet HTML 10Page - Advanced Micro Devices AM29LV065D Datasheet HTML 11Page - Advanced Micro Devices AM29LV065D Datasheet HTML 12Page - Advanced Micro Devices AM29LV065D Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
8
Am29LV065D
January 10, 2002
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is
formed by a combination of the following:
Valid Combinations
Valid Combinations list configurations planned to be sup-
ported in volume for this device. Consult the local AMD sales
office to confirm availability of specific valid combinations and
to check on newly released combinations.
Am29LV065D
U
90R
WH
I
N
OPTIONAL PROCESSING
Blank =
Standard Processing
N
=
16-byte ESN devices
(Contact an AMD representative for more information)
TEMPERATURE RANGE
I
=
Industrial (–40
°C to +85°C)
E
=
Extended (–55
°C to +125°C)
PACKAGE TYPE
E
=
48-Pin Standard Pinout Thin Small Outline Package (TS 048)
F
=
48-Pin Reverse Pinout Thin Small Outline Package (TSR048)
WH
=
63-Ball Fine-Pitch Ball Grid Array (FBGA)
0.80 mm pitch, 11 x 12 mm package (FBE063)
SPEED OPTION
See Product Selector Guide and Valid Combinations
SECTOR ARCHITECTURE
U
=
Uniform sector device
DEVICE NUMBER/DESCRIPTION
Am29LV065D
64 Megabit (8 M x 8-Bit) CMOS Uniform Sector Flash Memory with VersatileIO
 Control
3.0 Volt-only Read, Program, and Erase
Valid Combinations for TSOP
Packages
Speed/V
IO Range
AM29LV065DU90R,
AM29LV065DU90R
EI, FI
90ns,
V
IO = 3.0 V – 5.0 V
AM29LV065DU101R,
AM29LV065DU101R
100 ns,
V
IO = 1.8 V – 2.9 V
AM29LV065DU120R,
AM29LV065DU120R
EI, EE,
FI, FE
120 ns,
V
IO = 3.0 V – 5.0 V
AM29LV065DU121R,
AM29LV065DU121R
120 ns,
V
IO = 1.8 V – 2.9 V
Valid Combinations for FBGA Packages
Speed/
V
IO Range
Order Number
Package
Marking
AM29LV065DU90R
WHI
L065DU90R
I
90 ns, V
IO =
3.0 V – 5.0 V
AM29LV065DU101R
L065DU01R
100 ns, V
IO =
1.8 V – 2.9 V
AM29LV065DU120R
WHI,
WHE
L065DU12R
I,
E
120 ns, V
IO =
3.0 V – 5.0 V
AM29LV065DU121R
L065DU21R
120 ns, V
IO =
1.8 V – 2.9 V


Similar Part No. - AM29LV065D

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV065D AMD-AM29LV065D Datasheet
1Mb / 54P
   64 Megabit (8 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIOTM Control
AM29LV065DU101REF AMD-AM29LV065DU101REF Datasheet
1Mb / 54P
   64 Megabit (8 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIOTM Control
AM29LV065DU101REI AMD-AM29LV065DU101REI Datasheet
1Mb / 54P
   64 Megabit (8 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIOTM Control
AM29LV065DU101RWHF AMD-AM29LV065DU101RWHF Datasheet
1Mb / 54P
   64 Megabit (8 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIOTM Control
AM29LV065DU101RWHI AMD-AM29LV065DU101RWHI Datasheet
1Mb / 54P
   64 Megabit (8 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIOTM Control
More results

Similar Description - AM29LV065D

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV065D AMD-AM29LV065D_06 Datasheet
1Mb / 54P
   64 Megabit (8 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIOTM Control
AM29LV081B AMD-AM29LV081B_06 Datasheet
952Kb / 40P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29LV081 AMD-AM29LV081 Datasheet
439Kb / 35P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29LV065M AMD-AM29LV065M Datasheet
499Kb / 11P
   64 Megabit (8 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
AM29LV065MU AMD-AM29LV065MU Datasheet
1Mb / 62P
   64 Megabit (8 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
AM29LV033C AMD-AM29LV033C_06 Datasheet
1,009Kb / 49P
   32 Megabit (4 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29LV017B AMD-AM29LV017B Datasheet
510Kb / 39P
   16 Megabit (2 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29LV017D AMD-AM29LV017D_05 Datasheet
948Kb / 48P
   16 Megabit (2 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29LV033C AMD-AM29LV033C Datasheet
1,023Kb / 48P
   32 Megabit (4 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29LV017D AMD-AM29LV017D Datasheet
955Kb / 45P
   16 Megabit (2 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com