Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLCC261-PF6 Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # SLCC261-PF6
Description  Clamp Fibre and power cable
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

SLCC261-PF6 Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  SLCC261-PF6 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG SLCC261-PF6 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Data Sheet
Clamp
Fibre and power cable
SLCC2X1-PF6
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
Tel. : +49 8684 18-0
Fax
: +49 8684 18-499
www.rosenberger.de
Email : info@rosenberger.de
Rosenberger Asia Pacific Electronic Co., Ltd., China
Tianzhu Airport Industrial Zone, Beijing, China
Tel.: +86 10 80481995
Fax:
+86 10 80497052
www.rosenbergerap.com
Email: info@rosenbergerap.com
Page
2 / 2
Parts list
Number Piece parts
Material
1
Threaded rod M8×L
Stainless steel SUS304
2
Nut M8
Stainless steel SUS304
3
Plain washer
Stainless steel SUS304
4
Insert
Rubber
5
Plastic cable clamp
Polypropylene
6
Spring washer
Stainless steel SUS304
7
Bowl washer
Stainless steel SUS304
8
C-Frame
Stainless steel SUS304
9
Bolt M8×45
Stainless steel SUS304
Environmental data
Temperature
-25°C to +70°C
UV resistance
ASTM G154-06 Cycle 1
2002/95/EC (RoHS)
Compliant
Tooling
Wrench
14#
Packing
Standard
1pce in plastic bag
Installation Note: Recommended installation distance between two clamps: 1 metre
Draft
Date
Checker
Approved
Date
Rev.
Engineering change number
Name
Date
Alex
21/08/2013
Sky
Lucy
21/08/2013
1.0
Initial
Alex
21/08/2013
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on our
part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our products, we
reserve the right to make changes judged to be necessary.


Similar Part No. - SLCC261-PF6

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
SLCC261-PF14 ROSENBERGER-SLCC261-PF14 Datasheet
82Kb / 2P
   Cable Clamp
SLCC261-PF20 ROSENBERGER-SLCC261-PF20 Datasheet
106Kb / 2P
   Cable Clamp
More results

Similar Description - SLCC261-PF6

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
SLCC223-PF22 ROSENBERGER-SLCC223-PF22 Datasheet
226Kb / 2P
   Clamp Fiber and power cable
logo
ON Semiconductor
MC10SX1189 ONSEMI-MC10SX1189_06 Datasheet
128Kb / 5P
   Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit
January, 2006 ??Rev. 4
MC10SX1190 ONSEMI-MC10SX1190_06 Datasheet
142Kb / 6P
   Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit
January, 2006 ??Rev. 3
MC10SX1189 ONSEMI-MC10SX1189_16 Datasheet
144Kb / 6P
   Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit
August, 2016 ??Rev. 5
logo
Micrel Semiconductor
SY10EL1189 MICREL-SY10EL1189_03 Datasheet
60Kb / 4P
   FIBRE CHANNEL COAXIAL CABLE DRIVER AND LOOP RESILIENCY CIRCUIT
logo
Glenair, Inc.
IT3057-16AF2 GLENAIR-IT3057-16AF2 Datasheet
249Kb / 1P
   Cable Clamp
logo
Rosenberger Hochfrequen...
SLCC221-PF20 ROSENBERGER-SLCC221-PF20 Datasheet
106Kb / 2P
   Cable Clamp
SLCC111-C05 ROSENBERGER-SLCC111-C05 Datasheet
238Kb / 2P
   Cable Clamp
SLCC112-C03 ROSENBERGER-SLCC112-C03 Datasheet
74Kb / 2P
   Cable Clamp
SLCC112-2029 ROSENBERGER-SLCC112-2029 Datasheet
177Kb / 1P
   Cable Clamp
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com