Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI7446BDP Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI7446BDP
Description  N-Channel 30-V (D-S) Fast Switching MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7446BDP Datasheet(HTML) 3 Page - Vishay Siliconix

  SI7446BDP Datasheet HTML 1Page - Vishay Siliconix SI7446BDP Datasheet HTML 2Page - Vishay Siliconix SI7446BDP Datasheet HTML 3Page - Vishay Siliconix SI7446BDP Datasheet HTML 4Page - Vishay Siliconix SI7446BDP Datasheet HTML 5Page - Vishay Siliconix SI7446BDP Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Document Number: 72554
S09-1819-Rev. E, 14-Sep-09
www.vishay.com
3
Vishay Siliconix
Si7446BDP
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
On-Resistance vs. Drain Current
Gate Charge
Source-Drain Diode Forward Voltage
0.000
0.003
0.006
0.009
0.012
0.015
0
1020304050
VGS = 10 V
ID - Drain Current (A)
VGS = 4.5 V
0
1
2
3
4
5
6
0
6
12
18
24
30
VDS = 15 V
ID = 19 A
Qg - Total Gate Charge (nC)
VSD - Source-to-Drain Voltage (V)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
TJ = 150 °C
TJ = 25 °C
60
10
1
Capacitance
On-Resistance vs. Junction Temperature
On-Resistance vs. Gate-to-Source Voltage
Crss
0
800
1600
2400
3200
4000
04
8
12
16
20
Ciss
VDS - Drain-to-Source Voltage (V)
Coss
0.6
0.8
1.0
1.2
1.4
1.6
- 50
- 25
0
25
50
75
100
125
150
VGS = 10 V
ID = 19 A
TJ - Junction Temperature (°C)
0.000
0.004
0.008
0.012
0.016
0.020
02468
10
VGS - Gate-to-Source Voltage (V)
ID = 19 A


Similar Part No. - SI7446BDP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7446DP VISHAY-SI7446DP Datasheet
186Kb / 3P
   SPICE Device Model Si7446DP
24-May-04
logo
VBsemi Electronics Co.,...
SI7446DP-T1-GE3 VBSEMI-SI7446DP-T1-GE3 Datasheet
1Mb / 7P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - SI7446BDP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7840DP VISHAY-SI7840DP Datasheet
51Kb / 4P
   N-Channel 30-V (D-S) Fast Switching MOSFET
Rev. C, 25-Feb-02
SI7840BDP VISHAY-SI7840BDP Datasheet
220Kb / 3P
   N-Channel 30-V (D-S) Fast Switching MOSFET
04-Dec-04
SI7112DN VISHAY-SI7112DN Datasheet
554Kb / 12P
   N-Channel 30 V (D-S) Fast Switching MOSFET
Rev. G, 02-May-11
SI7114DN VISHAY-SI7114DN Datasheet
534Kb / 12P
   N-Channel 30-V (D-S) Fast Switching MOSFET
Rev. E, 17-Mar-08
SI7326DN-T1-E3 VISHAY-SI7326DN-T1-E3 Datasheet
538Kb / 12P
   N-Channel 30-V (D-S) Fast Switching MOSFET
Rev. C, 29-Dec-08
SI7440DP VISHAY-SI7440DP Datasheet
41Kb / 4P
   N-Channel 30-V (D-S) Fast Switching MOSFET
Rev. B, 18-Aug-03
SI7326DN VISHAY-SI7326DN Datasheet
534Kb / 12P
   N-Channel 30-V (D-S) Fast Switching MOSFET
Rev. C, 29-Dec-08
SI7804DN VISHAY-SI7804DN_V01 Datasheet
562Kb / 12P
   N-Channel 30-V (D-S) Fast Switching MOSFET
01-Jan-2022
SI7112DN VISHAY-SI7112DN_V01 Datasheet
549Kb / 12P
   N-Channel 30 V (D-S) Fast Switching MOSFET
01-Jan-2022
SI7840BDP-T1-E3 VISHAY-SI7840BDP-T1-E3 Datasheet
150Kb / 8P
   N-Channel 30-V (D-S) Fast Switching MOSFET
Rev. C, 16-Feb-09
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com