Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI7446BDP Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SI7446BDP
Description  N-Channel 30-V (D-S) Fast Switching MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7446BDP Datasheet(HTML) 4 Page - Vishay Siliconix

  SI7446BDP Datasheet HTML 1Page - Vishay Siliconix SI7446BDP Datasheet HTML 2Page - Vishay Siliconix SI7446BDP Datasheet HTML 3Page - Vishay Siliconix SI7446BDP Datasheet HTML 4Page - Vishay Siliconix SI7446BDP Datasheet HTML 5Page - Vishay Siliconix SI7446BDP Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.vishay.com
4
Document Number: 72554
S09-1819-Rev. E, 14-Sep-09
Vishay Siliconix
Si7446BDP
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Threshold Voltage
- 1.0
- 0.8
- 0.6
- 0.4
- 0.2
0.0
0.2
0.4
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
TJ - Temperature (°C)
Single Pulse Power
0
60
100
20
40
Time (s)
1
600
10
80
0.1
0.01
100
Safe Operating Area, Junction-to-Case
100
1
0.1
1
10
100
0.01
10
1 ms
0.1
Limited by RDS(on)*
TC = 25 °C
Single Pulse
10 ms
100 ms
DC
10 µs
100 µs
V
- Drain-to-Source Voltage (V)
*VGS > minimum VGS at which RDS(on) is specified
DS
Normalized Thermal Transient Impedance, Junction-to-Ambient
10-3
10-2
1
10
600
10-1
10-4
100
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
1. Duty Cycle, D =
2. Per Unit Base = R thJA = 55 °C/W
3. T JM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM


Similar Part No. - SI7446BDP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7446DP VISHAY-SI7446DP Datasheet
186Kb / 3P
   SPICE Device Model Si7446DP
24-May-04
logo
VBsemi Electronics Co.,...
SI7446DP-T1-GE3 VBSEMI-SI7446DP-T1-GE3 Datasheet
1Mb / 7P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - SI7446BDP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7840DP VISHAY-SI7840DP Datasheet
51Kb / 4P
   N-Channel 30-V (D-S) Fast Switching MOSFET
Rev. C, 25-Feb-02
SI7840BDP VISHAY-SI7840BDP Datasheet
220Kb / 3P
   N-Channel 30-V (D-S) Fast Switching MOSFET
04-Dec-04
SI7112DN VISHAY-SI7112DN Datasheet
554Kb / 12P
   N-Channel 30 V (D-S) Fast Switching MOSFET
Rev. G, 02-May-11
SI7114DN VISHAY-SI7114DN Datasheet
534Kb / 12P
   N-Channel 30-V (D-S) Fast Switching MOSFET
Rev. E, 17-Mar-08
SI7326DN-T1-E3 VISHAY-SI7326DN-T1-E3 Datasheet
538Kb / 12P
   N-Channel 30-V (D-S) Fast Switching MOSFET
Rev. C, 29-Dec-08
SI7440DP VISHAY-SI7440DP Datasheet
41Kb / 4P
   N-Channel 30-V (D-S) Fast Switching MOSFET
Rev. B, 18-Aug-03
SI7326DN VISHAY-SI7326DN Datasheet
534Kb / 12P
   N-Channel 30-V (D-S) Fast Switching MOSFET
Rev. C, 29-Dec-08
SI7804DN VISHAY-SI7804DN_V01 Datasheet
562Kb / 12P
   N-Channel 30-V (D-S) Fast Switching MOSFET
01-Jan-2022
SI7112DN VISHAY-SI7112DN_V01 Datasheet
549Kb / 12P
   N-Channel 30 V (D-S) Fast Switching MOSFET
01-Jan-2022
SI7840BDP-T1-E3 VISHAY-SI7840BDP-T1-E3 Datasheet
150Kb / 8P
   N-Channel 30-V (D-S) Fast Switching MOSFET
Rev. C, 16-Feb-09
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com