Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSBS851835 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # WSBS851835
Description  Power Metal Strip® Shunt Resistor With Sense Pins, Low TCR (Down to < ± 10 ppm/°C), Very Low Value (100 μΩ, 500 μΩ, and 1000 μΩ)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WSBS851835 Datasheet(HTML) 2 Page - Vishay Siliconix

  WSBS851835 Datasheet HTML 1Page - Vishay Siliconix WSBS851835 Datasheet HTML 2Page - Vishay Siliconix WSBS851835 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
WSBS8518...35
www.vishay.com
Vishay Dale
Revision: 09-Mar-17
2
Document Number: 30355
For technical questions, contact: ww2cresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in inches (millimeters)
DERATING
Note
(1) Minimum pull strength of 200 N
(1)
70
120
100
80
60
40
20
0
175
150
125
100
75
50
25
0
- 25
- 50
- 65
Ambient Temperature in °C
TOLERANCES ON DECIMALS
.xxx ± 0.005 [.x ± 0.1]
UNLESS OTHERWISE LISTED
RESISTANCE
VALUE (μ
)
ELEMENT
MATERIAL
A
REFERENCE
B
± 0.005 [± 0.13]
100
Ni-Cr
0.120 [3.05]
0.135 [3.43]
500
Ni-Cr
0.615 [15.62]
0.695 [17.65]
1000
Ni-Cr
0.900 [22.86]
0.980 [24.89]
PERFORMANCE
TEST
CONDITIONS OF TEST
TEST LIMITS
Thermal shock
-55 °C to +150 °C, 1000 cycles, 15 min at each extreme
± 0.5 %
R
Short time overload
5x rated power for 5 s
± 0.5 %
R
Low temperature storage
-65 °C for 24 h
± 0.2 %
R
High temperature exposure
1000 h at +170 °C
± 1.0 %
R
Bias humidity
+85 °C, 85 % RH, 10 % bias, 1000 h
± 0.5 %
R
Mechanical shock
100 g’s for 6 ms, 5 pulses
± 0.2 %
R
Vibration
Frequency varied 10 Hz to 2000 Hz in 1 min, 3 directions, 12 h
± 0.2 %
R
Load life
1000 h at +70 °C, 1.5 h “ON”, 0.5 h “OFF”
± 1.0 %
R
Moisture resistance
MIL-STD-202, method 106, 0 % power, 7b not required
± 0.2 %
R


Similar Part No. - WSBS851835

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSBS851834 VISHAY-WSBS851834 Datasheet
144Kb / 3P
   Power Metal Strip® Shunt Resistor, Low TCR (Down to < ± 10 ppm/°C), Very Low Value (100 μΩ, 500 μΩ, and 1000 μΩ)
Revision: 09-Mar-17
More results

Similar Description - WSBS851835

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSBS851834 VISHAY-WSBS851834 Datasheet
144Kb / 3P
   Power Metal Strip® Shunt Resistor, Low TCR (Down to < ± 10 ppm/°C), Very Low Value (100 μΩ, 500 μΩ, and 1000 μΩ)
Revision: 09-Mar-17
WSBS851820 VISHAY-WSBS851820 Datasheet
205Kb / 3P
   Power Metal Strip® Shunt Resistor With Two Sense Pins, Very Low Value (50 μΩ, 100 μΩ, 125 μΩ, and 250 μΩ)
Revision: 24-Feb-17
WSBS851840 VISHAY-WSBS851840 Datasheet
184Kb / 3P
   Power Metal Strip® Shunt Resistor With Three Sense Pins, Very Low Value (50 μΩ, 100 μΩ, and 125 μΩ)
Revision: 24-Feb-17
WSBS8518 VISHAY-WSBS8518_10 Datasheet
89Kb / 3P
   Power Metal Strip® Battery Shunt Resistor, Very Low Value (100 μΩ, 125 μΩ, and 250 μΩ)
Revision: 02-Jul-10
WSBS851814 VISHAY-WSBS851814 Datasheet
117Kb / 3P
   Power Metal Strip® Battery Shunt Resistor, Sn Plated, Very Low Value (50 μΩ, 100 μΩ, 125 μΩ, and 250 μΩ)
Revision: 15-Feb-17
WSBS5216 VISHAY-WSBS5216_V01 Datasheet
93Kb / 3P
   Power Metal Strip® Battery Shunt Resistor, Very Low Value (100 μΩ)
01-Jan-2022
WSBS5216...14 VISHAY-WSBS5216...14 Datasheet
94Kb / 3P
   Power Metal Strip® Battery Shunt Resistor, Very Low Value (100 μΩ), Sn Plated
01-Jan-2022
WSBS8518...60 VISHAY-WSBS8518...60 Datasheet
108Kb / 3P
   Power Metal Strip® Shunt Resistor With Two Sense Pins and Sn Plated Terminals, Very Low Value
01-Jan-2022
WSBS8518...80 VISHAY-WSBS8518...80 Datasheet
108Kb / 3P
   Power Metal Strip® Shunt Resistor With Three Sense Pins,Sn Plated Terminals, Very Low Value
01-Jan-2022
WSBS8518 VISHAY-WSBS8518_V01 Datasheet
99Kb / 3P
   Power Metal Strip® Battery Shunt Resistor, Very Low Value
01-Jan-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com