Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1041971 Datasheet(PDF) 6 Page - SICK AG

Part # 1041971
Description  BAR CODE SCANNERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1041971 Datasheet(HTML) 6 Page - SICK AG

  1041971 Datasheet HTML 1Page - SICK AG 1041971 Datasheet HTML 2Page - SICK AG 1041971 Datasheet HTML 3Page - SICK AG 1041971 Datasheet HTML 4Page - SICK AG 1041971 Datasheet HTML 5Page - SICK AG 1041971 Datasheet HTML 6Page - SICK AG 1041971 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
CLV630-1120 | CLV63x
BAR CODE SCANNERS
Reading field diagram
800
(31.5)
600
(23.62)
400
(15.75)
200
(7.87)
0
Reading distance in mm (inch)
Resolution
a: 0.35 mm (13.8 mil)
c: 1.0 mm (39.4 mil)
b: 0.50 mm (19.7 mil)
–400
(–15.75)
–300
(–11.81)
–200
(–7.87)
–100
(–3.94)
100
(3.94)
200
(7.87)
300
(11.81)
400
(15.75)
0
Reading field height in mm (inch)
a
b
c
For devices with plastic reading window, the depth of
field is reduced by approx. 10 %.
Recommended accessories
Other models and accessories
www.sick.com/CLV63x
Brief description
Type
Part no.
Mounting brackets and plates
Hanger-shaped mounting bracket, mounting hardware included
Mounting bracket
2042800
Hanger-shaped mounting bracket, thermally isolated for use with heating devices,
mounting hardware included
Mounting bracket
2050705
Modules
Small connection module for one sensor, 4 cable glands, base for CMC600
CDB620-001
1042256
Modular connection module for one sensor
CDM420-0001
1025362
Plug connectors and cables
Head A: female connector, M12, 12-pin, straight
Head B: male connector, D-Sub-HD, 15-pin, straight
Cable: Power, serial, CAN, digital I/Os, shielded, 2 m
Connection cable
(male connector -
female connector)
2041834
Head A: male connector, M12, 4-pin, straight, D-coded
Head B: male connector, RJ45, 8-pin, straight
Cable: Ethernet, drag chain use, PUR, shielded, 2 m
SSL-2J04-G02ME
6034414
6
IDENTIFICATION SOLUTIONS | SICK
Online data sheet | 2017-03-21 14:30:08
Subject to change without notice


Similar Part No. - 1041971

ManufacturerPart #DatasheetDescription
logo
SICK AG
1041970 SICK-1041970 Datasheet
452Kb / 7P
   BAR CODE SCANNERS
1041973 SICK-1041973 Datasheet
687Kb / 7P
   BAR CODE SCANNERS
1041974 SICK-1041974 Datasheet
470Kb / 7P
   BAR CODE SCANNERS
1041975 SICK-1041975 Datasheet
687Kb / 7P
   BAR CODE SCANNERS
1041976 SICK-1041976 Datasheet
497Kb / 7P
   BAR CODE SCANNERS
More results

Similar Description - 1041971

ManufacturerPart #DatasheetDescription
logo
SICK AG
CLV631-3000 SICK-CLV631-3000 Datasheet
470Kb / 7P
   BAR CODE SCANNERS
CLV631-2000 SICK-CLV631-2000 Datasheet
470Kb / 7P
   BAR CODE SCANNERS
CLV640-3000 SICK-CLV640-3000 Datasheet
473Kb / 7P
   BAR CODE SCANNERS
CLV640-2000 SICK-CLV640-2000 Datasheet
473Kb / 7P
   BAR CODE SCANNERS
CLP100-0010 SICK-CLP100-0010 Datasheet
208Kb / 4P
   BAR CODE SCANNERS
CLV412-2010 SICK-CLV412-2010 Datasheet
573Kb / 6P
   BAR CODE SCANNERS
CLV480-0010 SICK-CLV480-0010 Datasheet
820Kb / 6P
   BAR CODE SCANNERS
CLV490-0010 SICK-CLV490-0010 Datasheet
807Kb / 6P
   BAR CODE SCANNERS
CLV490-1011 SICK-CLV490-1011 Datasheet
660Kb / 6P
   BAR CODE SCANNERS
CLV490-3011 SICK-CLV490-3011 Datasheet
660Kb / 6P
   BAR CODE SCANNERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com