Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C335C473KZR5TA7301 Datasheet(PDF) 11 Page - Kemet Corporation

Part # C335C473KZR5TA7301
Description  High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C335C473KZR5TA7301 Datasheet(HTML) 11 Page - Kemet Corporation

Back Button C335C473KZR5TA7301 Datasheet HTML 7Page - Kemet Corporation C335C473KZR5TA7301 Datasheet HTML 8Page - Kemet Corporation C335C473KZR5TA7301 Datasheet HTML 9Page - Kemet Corporation C335C473KZR5TA7301 Datasheet HTML 10Page - Kemet Corporation C335C473KZR5TA7301 Datasheet HTML 11Page - Kemet Corporation C335C473KZR5TA7301 Datasheet HTML 12Page - Kemet Corporation C335C473KZR5TA7301 Datasheet HTML 13Page - Kemet Corporation C335C473KZR5TA7301 Datasheet HTML 14Page - Kemet Corporation C335C473KZR5TA7301 Datasheet HTML 15Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1055_HV_GOLDMAX_300_X7R • 11/29/2016 11
Radial Leaded Multilayer Ceramic Capacitors
High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 – 3,000 VDC (Commercial Grade)
Table 1E – C34X Style/Size, Capacitance Range Waterfall cont'd
*Capacitorissuppliedwitha"Shoulder-Bend"leadconfigurationinStyle/SizeC340.
C340, C346 Style/Size (0.200" Lead Spacing)
Rated Voltage (VDC)
500
630
1000
1500
2000
2500
3000
Voltage Code
C
B
D
F
G
Z
H
Capacitance Capacitance
Tolerance
Capacitance Code (Available Capacitance)
0.01µF
J = ±5%
K = ±10%
M = ±20%
103*
103*
103*
103*
103
103
103
0.012µF
123*
123*
123*
123*
123
123
123
0.015µF
153*
153*
153*
153*
153
0.018µF
183*
183*
183*
183*
183
0.022µF
223*
223*
223*
223*
0.027µF
273*
273*
273*
273*
0.033µF
333*
333*
333*
333*
0.039µF
393*
393*
393*
393*
0.047µF
473*
473*
473*
473
0.056µF
563*
563*
563*
563
0.068µF
683*
683*
683*
683
0.082µF
823*
823*
823
0.1µF
104*
104*
104
0.12µF
124*
124
124
0.15µF
154*
154
154
0.18µF
184
184
0.22µF
224
224
0.27µF
274
274
0.33µF
334
334
0.39µF
394
0.47µF
474
0.50μF
504
Rated Voltage (VDC)
500
630
1000
1500
2000
2500
3000
Voltage Code
C
B
D
F
G
Z
H


Similar Part No. - C335C473KZR5TA7301

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C335C473KZR5TA7301 KEMET-C335C473KZR5TA7301 Datasheet
3Mb / 20P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
C335C473KZR5TA7301 KEMET-C335C473KZR5TA7301 Datasheet
1Mb / 19P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 – 3,000 VDC (Commercial Grade)
12/15/2022
More results

Similar Description - C335C473KZR5TA7301

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301 Datasheet
3Mb / 20P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301_V01 Datasheet
1Mb / 19P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 – 3,000 VDC (Commercial Grade)
12/15/2022
C320C332JCG5TA7301 KEMET-C320C332JCG5TA7301 Datasheet
1Mb / 22P
   High Voltage Goldmax, 300 Series, Conformally Coated, C0G Dielectric, 500 ??3,000 VDC (Commercial Grade)
C320C153J5G5TA7301 KEMET-C320C153J5G5TA7301_V01 Datasheet
2Mb / 19P
   Goldmax, 300 Series, Conformally Coated, C0G Dielectric, 25 – 250 VDC (Commercial Grade)
9/29/2020
C1210C154KCRACTU KEMET-C1210C154KCRACTU_V01 Datasheet
816Kb / 24P
   High Voltage X7R Dielectric, 500 – 3,000 VDC (Commercial Grade)
2/23/2023
C1210C154KCRACTU KEMET-C1210C154KCRACTU Datasheet
1Mb / 23P
   High Voltage X7R Dielectric, 500 - 3,000 VDC(Commercial Grade)
C1210C154KCRACAUTO KEMET-C1210C154KCRACAUTO Datasheet
1Mb / 21P
   High Voltage X7R Dielectric, 500 - 3,000 VDC (Automotive Grade)
C1210C154KCRACAUTO KEMET-C1210C154KCRACAUTO_V01 Datasheet
795Kb / 22P
   High Voltage X7R Dielectric, 500 – 3,000 VDC (Automotive Grade)
2/23/2023
C410C105K3R5TA7200 KEMET-C410C105K3R5TA7200 Datasheet
2Mb / 15P
   Aximax, 400 Series, Conformally Coated, X7R Dielectric, 25 - 250 VDC (Commercial Grade)
C1812C102JCGACTU KEMET-C1812C102JCGACTU Datasheet
1Mb / 20P
   High Voltage C0G Dielectric, 500 ??3,000 VDC (Commercial & Automotive Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com