Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C323C473JCR5HA7301 Datasheet(PDF) 1 Page - Kemet Corporation

Part # C323C473JCR5HA7301
Description  High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C323C473JCR5HA7301 Datasheet(HTML) 1 Page - Kemet Corporation

  C323C473JCR5HA7301 Datasheet HTML 1Page - Kemet Corporation C323C473JCR5HA7301 Datasheet HTML 2Page - Kemet Corporation C323C473JCR5HA7301 Datasheet HTML 3Page - Kemet Corporation C323C473JCR5HA7301 Datasheet HTML 4Page - Kemet Corporation C323C473JCR5HA7301 Datasheet HTML 5Page - Kemet Corporation C323C473JCR5HA7301 Datasheet HTML 6Page - Kemet Corporation C323C473JCR5HA7301 Datasheet HTML 7Page - Kemet Corporation C323C473JCR5HA7301 Datasheet HTML 8Page - Kemet Corporation C323C473JCR5HA7301 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1055_HV_GOLDMAX_300_X7R • 11/29/2016
1
One world. One KEMET
Overview
KEMET’s 300 Series High Voltage Goldmax conformally
coated radial leaded ceramic capacitors in X7R dielectric
feature a 125°C maximum operating temperature. The
Electronics Industries Alliance (EIA) characterizes X7R
dielectric as a Class II "temperature stable" material. Com-
ponents of this classification are fixed, ceramic dielectric
capacitors suited for bypass and decoupling applications
or for frequency discriminating circuits where Q and stabil-
ity of capacitance characteristics are not critical. X7R
exhibits a predictable change in capacitance with respect
to time and voltage and boasts a minimal change in capaci-
tance with reference to ambient temperature. Capacitance
change is limited to ±15% from −55°C to +125°C.
These devices offer low leakage current, exhibit low ESR
at high frequencies and find conventional use as snubbers
or filters in applications such as switching power supplies
and in lighting ballasts. Their exceptional performance at
high frequencies has made them a preferred choice of design
engineers worldwide. In addition to their use in power sup-
plies, these capacitors are widely used in industries related to
telecommunications, medical, military, aerospace, semicon-
ductor and test/diagnostic equipment
Radial Leaded Multilayer Ceramic Capacitors
High Voltage Goldmax, 300 Series, Conformally Coated,
X7R Dielectric, 500 – 3,000 VDC (Commercial Grade)
Ordering Information
C
320
C
473
K
C
R
5
T
A
7301
Ceramic
Style/Size
Specification/
Series
Capacitance
Code (pF)
Capacitance
Tolerance1
Rated Voltage
(VDC)
Dielectric Design
Lead
Finish2
Failure
Rate
Packaging
(C-Spec)
315
316
317
318
320
321
322
323
324
325
326
327
328
330
331
333
335
336
340
346
350
356
C =
Standard
First two digits
represent
significant
figures. Third
digit specifies
number of
zeros.
J = ±5%
K = ±10%
M = ±20%
C = 500
B = 630
D = 1,000
F = 1,500
G = 2,000
Z = 2,500
H = 3,000
R =
X7R
5 =
Multilayer
T = 100%
Matte Sn
H = SnPb
(60/40)
A =
N/A
See
"Packaging
C-Spec
Ordering
Options Table"
below
1
Additional capacitance tolerance offerings may be available. Contact KEMET for details.
2
Lead materials:
Standard: 100% matte tin (Sn) with nickel (Ni) underplate and steel core ( “T” designation).
Alternative1:60%tin(Sn)/40%lead(Pb)finishwithcopper-cladsteelcore(“H”designation).
Alternative2:60%tin(Sn)/40%lead(Pb)finishwith100%coppercore(availablewith“H”designationcodewithC-Spec).ContactKEMETfor
C-Specdetails.
Click image above for interactive 3D content
Open PDF in Adobe Reader for full functionality


Similar Part No. - C323C473JCR5HA7301

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C323C473JCR5HA7301 KEMET-C323C473JCR5HA7301 Datasheet
3Mb / 20P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
C323C473JCR5HA7301 KEMET-C323C473JCR5HA7301 Datasheet
1Mb / 19P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 – 3,000 VDC (Commercial Grade)
12/15/2022
More results

Similar Description - C323C473JCR5HA7301

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301 Datasheet
3Mb / 20P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301_V01 Datasheet
1Mb / 19P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 – 3,000 VDC (Commercial Grade)
12/15/2022
C320C332JCG5TA7301 KEMET-C320C332JCG5TA7301 Datasheet
1Mb / 22P
   High Voltage Goldmax, 300 Series, Conformally Coated, C0G Dielectric, 500 ??3,000 VDC (Commercial Grade)
C320C153J5G5TA7301 KEMET-C320C153J5G5TA7301_V01 Datasheet
2Mb / 19P
   Goldmax, 300 Series, Conformally Coated, C0G Dielectric, 25 – 250 VDC (Commercial Grade)
9/29/2020
C1210C154KCRACTU KEMET-C1210C154KCRACTU_V01 Datasheet
816Kb / 24P
   High Voltage X7R Dielectric, 500 – 3,000 VDC (Commercial Grade)
2/23/2023
C1210C154KCRACTU KEMET-C1210C154KCRACTU Datasheet
1Mb / 23P
   High Voltage X7R Dielectric, 500 - 3,000 VDC(Commercial Grade)
C1210C154KCRACAUTO KEMET-C1210C154KCRACAUTO Datasheet
1Mb / 21P
   High Voltage X7R Dielectric, 500 - 3,000 VDC (Automotive Grade)
C1210C154KCRACAUTO KEMET-C1210C154KCRACAUTO_V01 Datasheet
795Kb / 22P
   High Voltage X7R Dielectric, 500 – 3,000 VDC (Automotive Grade)
2/23/2023
C410C105K3R5TA7200 KEMET-C410C105K3R5TA7200 Datasheet
2Mb / 15P
   Aximax, 400 Series, Conformally Coated, X7R Dielectric, 25 - 250 VDC (Commercial Grade)
C1812C102JCGACTU KEMET-C1812C102JCGACTU Datasheet
1Mb / 20P
   High Voltage C0G Dielectric, 500 ??3,000 VDC (Commercial & Automotive Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com