Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C323C473JCR5HA7301 Datasheet(PDF) 10 Page - Kemet Corporation

Part # C323C473JCR5HA7301
Description  High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C323C473JCR5HA7301 Datasheet(HTML) 10 Page - Kemet Corporation

Back Button C323C473JCR5HA7301 Datasheet HTML 6Page - Kemet Corporation C323C473JCR5HA7301 Datasheet HTML 7Page - Kemet Corporation C323C473JCR5HA7301 Datasheet HTML 8Page - Kemet Corporation C323C473JCR5HA7301 Datasheet HTML 9Page - Kemet Corporation C323C473JCR5HA7301 Datasheet HTML 10Page - Kemet Corporation C323C473JCR5HA7301 Datasheet HTML 11Page - Kemet Corporation C323C473JCR5HA7301 Datasheet HTML 12Page - Kemet Corporation C323C473JCR5HA7301 Datasheet HTML 13Page - Kemet Corporation C323C473JCR5HA7301 Datasheet HTML 14Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1055_HV_GOLDMAX_300_X7R • 11/29/2016 10
Radial Leaded Multilayer Ceramic Capacitors
High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 – 3,000 VDC (Commercial Grade)
Table 1D – C33X Style/Size, Capacitance Range Waterfall cont'd
*Capacitorissuppliedwitha"Shoulder-Bend"leadconfigurationinStyle/SizeC330andC331.
Table 1E – C34X Style/Size, Capacitance Range Waterfall
*Capacitorissuppliedwitha"Shoulder-Bend"leadconfigurationinStyle/SizeC340.
C330, C331, C333, C335, C336, Style/Size (0.200" and 0.250" Lead Spacing)
Rated Voltage (VDC)
500
630
1000
1500
2000
2500
3000
Voltage Code
C
B
D
F
G
Z
H
Capacitance Capacitance
Tolerance
Capacitance Code (Available Capacitance)
0.47µF
474
0.50μF
504
Rated Voltage (VDC)
500
630
1000
1500
2000
2500
3000
Voltage Code
C
B
D
F
G
Z
H
C340, C346 Style/Size (0.200" Lead Spacing)
Rated Voltage (VDC)
500
630
1000
1500
2000
2500
3000
Voltage Code
C
B
D
F
G
Z
H
Capacitance Capacitance
Tolerance
Capacitance Code (Available Capacitance)
10pF
J = ±5%
K = ±10%
M = ±20%
100*
100*
100*
100*
100*
100
100
12pF
120*
120*
120*
120*
120*
120
120
15pF
150*
150*
150*
150*
150*
150
150
18pF
180*
180*
180*
180*
180*
180
180
22pF
220*
220*
220*
220*
220*
220
220
27pF
270*
270*
270*
270*
270*
270
270
33pF
330*
330*
330*
330*
330*
330
330
39pF
390*
390*
390*
390*
390*
390
390
47pF
470*
470*
470*
470*
470*
470
470
56pF
560*
560*
560*
560*
560*
560
560
68pF
680*
680*
680*
680*
680*
680
680
82pF
820*
820*
820*
820*
820*
820
820
100pF
101*
101*
101*
101*
101*
101
101
120pF
121*
121*
121*
121*
121*
121
121
150pF
151*
151*
151*
151*
151*
151
151
180pF
181*
181*
181*
181*
181*
181
181
220pF
221*
221*
221*
221*
221*
221
221
270pF
271*
271*
271*
271*
271*
271
271
330pF
331*
331*
331*
331*
331*
331
331
390pF
391*
391*
391*
391*
391*
391
391
470pF
471*
471*
471*
471*
471*
471
471
560pF
561*
561*
561*
561*
561*
561
561
680pF
681*
681*
681*
681*
681*
681
681
820pF
821*
821*
821*
821*
821*
821
821
1000pF
102*
102*
102*
102*
102*
102
102
1200pF
122*
122*
122*
122*
122*
122
122
1500pF
152*
152*
152*
152*
152*
152
152
1800pF
182*
182*
182*
182*
182*
182
182
2200pF
222*
222*
222*
222*
222*
222
222
2700pF
272*
272*
272*
272*
272*
272
272
3300pF
332*
332*
332*
332*
332*
332
332
3900pF
392*
392*
392*
392*
392*
392
392
4700pF
472*
472*
472*
472*
472*
472
472
5600pF
562*
562*
562*
562*
562*
562
562
6800pF
682*
682*
682*
682*
682*
682
682
8200pF
822*
822*
822*
822*
822
822
822
Rated Voltage (VDC)
500
630
1000
1500
2000
2500
3000
Voltage Code
C
B
D
F
G
Z
H


Similar Part No. - C323C473JCR5HA7301

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C323C473JCR5HA7301 KEMET-C323C473JCR5HA7301 Datasheet
3Mb / 20P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
C323C473JCR5HA7301 KEMET-C323C473JCR5HA7301 Datasheet
1Mb / 19P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 – 3,000 VDC (Commercial Grade)
12/15/2022
More results

Similar Description - C323C473JCR5HA7301

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301 Datasheet
3Mb / 20P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301_V01 Datasheet
1Mb / 19P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 – 3,000 VDC (Commercial Grade)
12/15/2022
C320C332JCG5TA7301 KEMET-C320C332JCG5TA7301 Datasheet
1Mb / 22P
   High Voltage Goldmax, 300 Series, Conformally Coated, C0G Dielectric, 500 ??3,000 VDC (Commercial Grade)
C320C153J5G5TA7301 KEMET-C320C153J5G5TA7301_V01 Datasheet
2Mb / 19P
   Goldmax, 300 Series, Conformally Coated, C0G Dielectric, 25 – 250 VDC (Commercial Grade)
9/29/2020
C1210C154KCRACTU KEMET-C1210C154KCRACTU_V01 Datasheet
816Kb / 24P
   High Voltage X7R Dielectric, 500 – 3,000 VDC (Commercial Grade)
2/23/2023
C1210C154KCRACTU KEMET-C1210C154KCRACTU Datasheet
1Mb / 23P
   High Voltage X7R Dielectric, 500 - 3,000 VDC(Commercial Grade)
C1210C154KCRACAUTO KEMET-C1210C154KCRACAUTO Datasheet
1Mb / 21P
   High Voltage X7R Dielectric, 500 - 3,000 VDC (Automotive Grade)
C1210C154KCRACAUTO KEMET-C1210C154KCRACAUTO_V01 Datasheet
795Kb / 22P
   High Voltage X7R Dielectric, 500 – 3,000 VDC (Automotive Grade)
2/23/2023
C410C105K3R5TA7200 KEMET-C410C105K3R5TA7200 Datasheet
2Mb / 15P
   Aximax, 400 Series, Conformally Coated, X7R Dielectric, 25 - 250 VDC (Commercial Grade)
C1812C102JCGACTU KEMET-C1812C102JCGACTU Datasheet
1Mb / 20P
   High Voltage C0G Dielectric, 500 ??3,000 VDC (Commercial & Automotive Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com