Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFN30TS3D Datasheet(PDF) 4 Page - Rohm

Part # RFN30TS3D
Description  Super Fast Recovery Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RFN30TS3D Datasheet(HTML) 4 Page - Rohm

  RFN30TS3D Datasheet HTML 1Page - Rohm RFN30TS3D Datasheet HTML 2Page - Rohm RFN30TS3D Datasheet HTML 3Page - Rohm RFN30TS3D Datasheet HTML 4Page - Rohm RFN30TS3D Datasheet HTML 5Page - Rohm RFN30TS3D Datasheet HTML 6Page - Rohm RFN30TS3D Datasheet HTML 7Page - Rohm RFN30TS3D Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
Data Sheet
RFN30TS3D
lElectrical characteristic curves
AVERAGE RECTIFIED
FORWARD CURRENT : I
o(A)
I
o-Pf CHARACTERISTICS
RATE OF CHANGE OF CURRENT :
-di/dt(A/ms)
di/dt-I
Rp CHARACTERISTICS
RATE OF CHANGE OF CURRENT :
-di/dt(A/ms)
di/dt-trr CHARACTERISTICS
RATE OF CHANGE OF CURRENT :
-di/dt(A/ms)
di/dt-Qrr CHARACTERISTICS
0
10
20
30
40
50
60
70
80
0
5
10 15 20 25 30 35 40 45 50
D = 0.1
D = 0.2
half sin wave
D = 0.5
D.C.
T
j = 150°C
0
2
4
6
8
10
12
14
16
18
20
0
200
400
600
800
1000
1200
I
F=2IO
I
F=IO
I
F=IO /2
V
R = 200V
I
O = 15A
T
j = 100°C
per diode
0
5
10
15
20
25
30
35
40
45
50
0
200
400
600
800
1000
1200
I
F=2IO
I
F=IO
I
F=IO /2
V
R = 200V
I
O = 15A
T
j = 100°C
per diode
0
20
40
60
80
100
120
140
160
180
200
220
240
0
200
400
600
800
1000
1200
I
F=2IO
I
F=IO
I
F=IO /2
V
R = 200V
I
O = 15A
T
j = 100°C
per diode
4/5
2016.09 - Rev.A


Similar Part No. - RFN30TS3D

ManufacturerPart #DatasheetDescription
logo
Rohm
RFN30TS2D ROHM-RFN30TS2D Datasheet
724Kb / 8P
   Super Fast Recovery Diode
RFN30TS6D ROHM-RFN30TS6D Datasheet
492Kb / 8P
   Super Fast Recovery Diode
RFN30TS6S ROHM-RFN30TS6S Datasheet
490Kb / 8P
   Super Fast Recovery Diode
More results

Similar Description - RFN30TS3D

ManufacturerPart #DatasheetDescription
logo
Rohm
RF2L6S ROHM-RF2L6S Datasheet
318Kb / 3P
   Super Fast Recovery Diode
RF505B6S ROHM-RF505B6S Datasheet
447Kb / 4P
   Super Fast Recovery Diode
logo
Shindengen Electric Mfg...
DF10LC30 SHINDENGEN-DF10LC30 Datasheet
558Kb / 2P
   Super Fast Recovery Diode
M2FL20U SHINDENGEN-M2FL20U Datasheet
605Kb / 2P
   Super Fast Recovery Diode
logo
Rohm
RFU20TM5S ROHM-RFU20TM5S_11 Datasheet
1,019Kb / 4P
   Super Fast Recovery Diode
RFUS20TM4S ROHM-RFUS20TM4S_11 Datasheet
993Kb / 4P
   Super Fast Recovery Diode
RFU20TM5S ROHM-RFU20TM5S Datasheet
303Kb / 4P
   Super Fast Recovery Diode
RFN10NS3S ROHM-RFN10NS3S Datasheet
1Mb / 5P
   Super Fast Recovery Diode
RFU02VS6S ROHM-RFU02VS6S Datasheet
1Mb / 5P
   Super Fast Recovery Diode
RFUS10TF4S ROHM-RFUS10TF4S Datasheet
1Mb / 5P
   Super Fast Recovery Diode
RFUS20NS4S ROHM-RFUS20NS4S_11 Datasheet
1Mb / 5P
   Super Fast Recovery Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com