Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V2F109X600Y2FDP Datasheet(PDF) 2 Page - AVX Corporation

Part # V2F109X600Y2FDP
Description  TransFeed
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

V2F109X600Y2FDP Datasheet(HTML) 2 Page - AVX Corporation

  V2F109X600Y2FDP Datasheet HTML 1Page - AVX Corporation V2F109X600Y2FDP Datasheet HTML 2Page - AVX Corporation V2F109X600Y2FDP Datasheet HTML 3Page - AVX Corporation V2F109X600Y2FDP Datasheet HTML 4Page - AVX Corporation V2F109X600Y2FDP Datasheet HTML 5Page - AVX Corporation V2F109X600Y2FDP Datasheet HTML 6Page - AVX Corporation V2F109X600Y2FDP Datasheet HTML 7Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
84
080216
TRANSFEED ELECTRICAL SPECIFICATIONS
TransFeed
AVX Multilayer Ceramic Transient Voltage Suppressors
TVS Protection and EMI Attenuation in a Single Chip
AVX
Working
Working Breakdown Clamping Maximum
Transient
Peak
Typical
DC
Maximum
Part Number
Voltage
Voltage
Voltage
Voltage
Leakage
Energy
Current
Cap
Resistance
Feedthru
(DC)
(AC)
Current
Rating
Rating
Current
V2F105A150Y2E _ _
5.6
4.0
8.5±20%
18
35
0.10
30
800
0.200
0.75
V2F105C150Y1F _ _
5.6
4.0
8.5±20%
18
35
0.30
120
2500
0.150
1.00
V2F109A200Y2E _ _
9.0
6.4
12.7±15%
22
25
0.10
30
575
0.200
0.75
V2F109C200Y1F _ _
9.0
6.4
12.7±15%
22
25
0.30
120
1800
0.150
1.00
V2F114A300Y2E _ _
14.0
10.0
18.5±12%
32
15
0.10
30
300
0.200
0.75
V2F114C300Y1F _ _
14.0
10.0
18.5±12%
32
15
0.30
120
900
0.150
1.00
V2F118A400Y2E _ _
18.0
13.0
25.5±10%
42
10
0.10
30
200
0.200
0.75
V2F118C400Y1F _ _
18.0
13.0
25.5±10%
42
10
0.30
120
500
0.150
1.00
V2F118X500Y3D _ _
18.0
13.0
25.5±10%
50
10
0.05
20
75
0.250
0.50
V2F126C600Y2E _ _
26.0
18.0
34.5±10%
60
10
0.3
80
250
0.2
0.75
Termination Finish Code
Packaging Code
V
W (DC)
DC Working Voltage (V)
V
W (AC)
AC Working Voltage (V)
V
B
Typical Breakdown Voltage (V @ 1mA
DC)
V
B Tol
V
B Tolerance is ± from Typical Value
V
C
Clamping Voltage (V @ 1A 8x20μS )
I
L
Maximum Leakage Current at the Working
Voltage (μA)
E
T
Transient Energy Rating (J, 10x1000μS)
I
P
Peak Current Rating (A, 8x20μS)
Cap
Typical Capacitance (pF) @ 1MHz and 0.5 V
DCR
DC Resistance (Ohms)
I
FT
Maximum Feedthru Current (A)
Y
Capacitance
Tolerance
Y = +100/-50%
2
DC
Resistance
1 = 0.150 Ohms
2 = 0.200 Ohms
3 = 0.250 Ohms
E
Feedthru
Current
D = 500 mA
E = 750 mA
F = 1.0 Amp
D
Packaging
Code
Pcs./Reel
D = 1,000
R = 4,000
T = 10,000
V
Varistor
2
Chip Size
2 = 0805
F
Feedthru
Capacitor
1
No. of
Elements
05
Voltage
05 = 5.6VDC
09 = 9.0VDC
14 = 14.0VDC
18 = 18.0VDC
26 = 26.0VDC
A
Energy
Rating
X = 0.05J
A = 0.1J
C = 0.3J
150
Varistor
Clamping
Voltage
150 = 18V
200 = 22V
300 = 32V
400 = 42V
500 = 50V
600 = 60V
P
Termination Finish
P = Ni/Sn (Plated)
HOW TO ORDER


Similar Part No. - V2F109X600Y2FDP

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
V2F109A200Y2E AVX-V2F109A200Y2E Datasheet
385Kb / 8P
   TransFeed AVX Multilayer Cermic Transient Voltage Suppressors TVS Protection and EMI Attenuation in a Single Chip
V2F109A200Y2E AVX-V2F109A200Y2E Datasheet
385Kb / 8P
   AVX Multilayer Ceramic Transient Voltage Suppressors TVS Protection and EMI Attenuation in a Single Chip
V2F109C200Y1F AVX-V2F109C200Y1F Datasheet
385Kb / 8P
   TransFeed AVX Multilayer Cermic Transient Voltage Suppressors TVS Protection and EMI Attenuation in a Single Chip
V2F109C200Y1F AVX-V2F109C200Y1F Datasheet
385Kb / 8P
   AVX Multilayer Ceramic Transient Voltage Suppressors TVS Protection and EMI Attenuation in a Single Chip
More results

Similar Description - V2F109X600Y2FDP

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
V2AF105A150Y2EDP AVX-V2AF105A150Y2EDP Datasheet
143Kb / 5P
   TransFeed Automotive Series
V2F105A150Y2ERP AVX-V2F105A150Y2ERP Datasheet
385Kb / 8P
   TransFeed AVX Multilayer Cermic Transient Voltage Suppressors TVS Protection and EMI Attenuation in a Single Chip
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com