Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA178M05FP Datasheet(PDF) 11 Page - Rohm

Part # BA178M05FP
Description  Standard 78M series, 3-pin regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA178M05FP Datasheet(HTML) 11 Page - Rohm

Back Button BA178M05FP Datasheet HTML 3Page - Rohm BA178M05FP Datasheet HTML 4Page - Rohm BA178M05FP Datasheet HTML 5Page - Rohm BA178M05FP Datasheet HTML 6Page - Rohm BA178M05FP Datasheet HTML 7Page - Rohm BA178M05FP Datasheet HTML 8Page - Rohm BA178M05FP Datasheet HTML 9Page - Rohm BA178M05FP Datasheet HTML 10Page - Rohm BA178M05FP Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
BA178M!!T / BA178M!!FP series
Regulator ICs
"
"
"
"
External dimensions (Units : mm)
2.54
±0.5
2.54
±0.5
2.6
±0.5
1.3
0.8
BA178MOOFP series
TO252
−3
TO220FP
(1) INPUT
(2) COMMON
(3) OUTPUT
BA178MOOT series
φ3.1±0.1
(1)
(3)
(1) INPUT
(2) COMMON
(3) OUTPUT
10.0 +
0.3
−0.1
7.0 +
0.3
−0.1
4.5 +
0.3
−0.1
2.8 +
0.2
−0.1
0.55 +
0.1
−0.05
6.5
±0.2
(2)
0.65
0.65
2.3
±0.2
2.3
±0.2
0.5
±0.1
2.3
±0.2
0.5
±0.1
5.0−0.1
+0.2
(1) (2) (3)
(1) (2) (3)


Similar Part No. - BA178M05FP

ManufacturerPart #DatasheetDescription
logo
Rohm
BA178M05FP ROHM-BA178M05FP Datasheet
251Kb / 6P
   Three-Terminal Regulator
BA178M05FP ROHM-BA178M05FP Datasheet
391Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA178M05FP-E2 ROHM-BA178M05FP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
More results

Similar Description - BA178M05FP

ManufacturerPart #DatasheetDescription
logo
Rohm
BA17805T ROHM-BA17805T Datasheet
122Kb / 11P
   Standard 78 series, 3-pin regulator
logo
Panasonic Semiconductor
AN6541 PANASONIC-AN6541 Datasheet
25Kb / 3P
   3-pin Positive Voltage Regulator
logo
XP Power Limited
SR10S1V8 XPPOWER-SR10S1V8 Datasheet
86Kb / 1P
   3 Pin SIP 3T Switching Regulator
logo
Analog Intergrations Co...
AIC1721 AIC-AIC1721 Datasheet
208Kb / 6P
   3-pin Low Dropout Linear Regulator
logo
Panasonic Semiconductor
AN79LXX PANASONIC-AN79LXX Datasheet
145Kb / 12P
   3-pin negative output voltage regulator
logo
XP Power Limited
SR05S05 XPPOWER-SR05S05 Datasheet
86Kb / 1P
   3 Pin SIP 3T Switching Regulator
logo
Cherry Semiconductor Co...
CS5208-1 CHERRY-CS5208-1 Datasheet
136Kb / 7P
   8A LDO 3-Pin Adjustable Linear Regulator
logo
Rohm
BA03T ROHM-BA03T_1 Datasheet
185Kb / 9P
   Low saturation voltage type 3-pin regulator
BAOOT ROHM-BAOOT Datasheet
100Kb / 9P
   Low saturation voltage type 3-pin regulator
logo
Cherry Semiconductor Co...
CS5210-1 CHERRY-CS5210-1 Datasheet
142Kb / 8P
   10A LDO 3-Pin Adjustable Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com