Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQ36E-59FA Datasheet(PDF) 2 Page - Phihong USA Inc.

Part # AQ36E-59FA
Description  36 Watt USB Power Delivery 3.0 Adapter with USB-C
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

AQ36E-59FA Datasheet(HTML) 2 Page - Phihong USA Inc.

  AQ36E-59FA Datasheet HTML 1Page - Phihong USA Inc. AQ36E-59FA Datasheet HTML 2Page - Phihong USA Inc. AQ36E-59FA Datasheet HTML 3Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AQ36X-59FA Characteristics
WWW.PHIHONG.COM
Input:
AC Input Voltage Rating
100 to 240V AC
AC Input Voltage Range
90 to 264V AC
AC Input Frequency
50 to 60Hz
Input Current
<0.9A (RMS) maximum at 90Vac @max load
Leakage Current
0.25mA Max.
Inrush Current
90Amax @240Vac/50Hz (Cold start)
Input Power Saving
.075W max @230VAC /50Hz
Output:
Efficiency
US DOE Level VI
CoC V5 Tier 2
Environmental:
Temperature
Operation
0°C to +45°C
Non-operation
-40°C to +85°C
Humidity
90% RH max
DC Output Connector
USB Type C
Emissions
FCC Class B
EN55022 Class B
Immunity
IEC61000-4-2:
Level 2, Contact ±4KV, Criteria B
Level 3, Air ±8KV, Criteria B
Level 4, Contact ±8KV, Criteria C
Level 4, Air ±15KV, Criteria C
IEC61000-4-3, Level 2, Criteria A
IEC61000-4-4, Level 2, Criteria B
IEC61000-4-5, Level 3, Criteria B
IEC61000-4-6, Level 2, Criteria A
IEC61000-4-8, Level 1, Criteria A
Hold-up Time
10.3mS minimum at 110V/60Hz, Output 20V/2.25A
Over-Voltage Protection
<20V, shutdown mode
Over-Temperature Protection
Shutdown mode
Over-Current Protection
Output current shall not exceed 4.5A@5V and 9V;
4A@15V
Short-Circuit Protection
Auto Recover
Dielectric Withstand (Hi-pot) Test
Primary to Secondary: 3000V AC for 1 min., 10mA


Similar Part No. - AQ36E-59FA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
AQ36-01FTG LITTELFUSE-AQ36-01FTG Datasheet
2Mb / 7P
   AQxx Series 450W Discrete Unidirectional TVS Diode
AQ36-01FTG LITTELFUSE-AQ36-01FTG Datasheet
718Kb / 7P
   AQxx-01FTG Series 450W Unidirectional TVS Diode
2018 Littelfuse, Inc
AQ36-02HTG LITTELFUSE-AQ36-02HTG Datasheet
1Mb / 8P
   AQxx-02HTG Series 500W TVS Diode Array
2019 Littelfuse, Inc.
logo
Guangdong Youtai Semico...
AQ36-02HTG UMW-AQ36-02HTG Datasheet
844Kb / 7P
   Industrial Equipment
logo
Littelfuse
AQ36C-01FTG LITTELFUSE-AQ36C-01FTG Datasheet
2Mb / 7P
   AQxxC Series 450W Discrete Bidirectional TVS Diode
More results

Similar Description - AQ36E-59FA

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
AQ45A-59FA PHIHONG-AQ45A-59FA Datasheet
118Kb / 3P
   45 Watt USB Power Delivery 3.0 Adapter with USB-C
logo
Advantech Co., Ltd.
PSA-A45W ADVANTECH-PSA-A45W Datasheet
427Kb / 2P
   45 Watt Power Delivery USB-C Adapter
3-Dec-2019
logo
Coolgear Inc.
CG-UCUSBPD COOLGEAR-CG-UCUSBPD Datasheet
1Mb / 2P
   USB-C to USB-A Power Delivery Adapter with Mounting Kit
Rev 01.200716
logo
Phihong USA Inc.
AQ15A-050A PHIHONG-AQ15A-050A Datasheet
78Kb / 3P
   15 Watt USB Adapter with USB Type-C
AQ15A-050A PHIHONG-AQ15A-050A_18 Datasheet
154Kb / 3P
   15 Watt USB Adapter with USB Type-C
logo
STMicroelectronics
STEVAL-USBPD27S STMICROELECTRONICS-STEVAL-USBPD27S Datasheet
201Kb / 4P
   Compact 27W USB Type-C??Power Delivery 3.0 with PPS adapter reference design
Rev 2 - November 2020
logo
Dialog Semiconductor
IW656P DIALOG-IW656P Datasheet
553Kb / 8P
   USB Power Delivery 3.0 Controller
logo
Coolgear Inc.
CG-UCUSBPDB COOLGEAR-CG-UCUSBPDB Datasheet
125Kb / 3P
   USB-C to USB-B Power Delivery USB 3.1 Adapter w/Mounting Kit
logo
Microchip Technology
UPD301B MICROCHIP-UPD301B Datasheet
1Mb / 45P
   Stand-alone USB Type-C??Power Delivery 3.0 Controller
05/14/19
logo
Silicon Mitus, Inc.
SM5517 SILICONMITUS-SM5517 Datasheet
646Kb / 2P
   USB TYPE-C Controller with Power Delivery
May 2019 Rev. 0.0.9
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com