Electronic Components Datasheet Search |
|
CC1812DPX7RCBN121 Datasheet(PDF) 10 Page - YAGEO Corporation |
|
CC1812DPX7RCBN121 Datasheet(HTML) 10 Page - YAGEO Corporation |
10 / 13 page High-Voltage NP0 /X7R 1 KV to 3 KV www.yageo.com Jan. 16, 2017 V.9 Surface-Mount Ceramic Multilayer Capacitors 10 13 Product specification TEST TEST METHOD PROCEDURE REQUIREMENTS Temperature Coefficient 4.6 Capacitance shall be measured by the steps shown in the following table. The capacitance change should be measured after 5 min at each specified temperature stage. Step Temperature(℃) a 25± 2 b Lower temperature± 3℃ c 25± 2 d Upper Temperature± 2℃ e 25± 2 (1) Class I Temperature Coefficient shall be calculated from the formula as below Temp, Coefficient = 6 10 T x C1 C1 - C2 Δ [ppm/℃] C1: Capacitance at step c C2: Capacitance at 125℃ ∆T: 100℃(=125℃-25℃) (2) Class II Capacitance Change shall be calculated from the formula as below ∆C = C1 C1 - C2 x 100% C1: Capacitance at step c C2: Capacitance at step b or d <General purpose series> Class1: ∆ C/C: ± 30ppm Class2: X7R: ∆ C/C: ±15% Y5V: ∆ C/C: 22~-82% <High Capacitance series> Class2: X7R/X5R: ∆ C/C: ±15% Y5V: ∆ C/C: 22~-82% Adhesion IEC 60384- 21/22 4.7 A force applied for 10 seconds to the line joining the terminations and in a plane parallel to the substrate Force size ≥ 0603: 5N Bending Strength 4.8 Mounting in accordance with IEC 60384-22 paragraph 4.3 No visible damage Conditions: bending 1 mm at a rate of 1 mm/s, radius jig 5 mm ∆C/C Class 1: NP0: within ± 1% or 0.5 pF, whichever is greater Class2: X7R: ± 10% |
Similar Part No. - CC1812DPX7RCBN121 |
|
Similar Description - CC1812DPX7RCBN121 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |