Electronic Components Datasheet Search |
|
VCAS060330H400RP Datasheet(PDF) 4 Page - AVX Corporation |
|
VCAS060330H400RP Datasheet(HTML) 4 Page - AVX Corporation |
4 / 10 page 17 012317 TransGuard ® Automotive Series Multilayer Varistors for Automotive Applications AUTOMOTIVE SERIES – LOAD DUMP TEST According to ISO DP7637 rev 2 Pulse 5 When using the test method indicated below, the amount of Energy dissipated by the varistor must not exceed the Load Dump Energy value specified in the product table. Automotive Load Dump Pulse (According to ISO 7637 Pulse 5) Time (msec) VCAS060316B400 0.5Ω 1Ω 4Ω 100ms 37 38 42 200ms 36 37 41 400ms 35 36 39 VCAS120616K380 0.5Ω 1Ω 4Ω 100ms 42 45 55 200ms 40 43 50 400ms 39 40 45 VCAS121016J390 0.5Ω 1Ω 4Ω 100ms 48 53 74 200ms 46 50 64 400ms 43 46 56 VGAS181216P400 0.5Ω 1Ω 4Ω 100ms 46 52 72 200ms 37 41 59 400ms 32 35 51 VGAS222016Y400 0.5Ω 1Ω 4Ω 100ms 53 60 77 200ms 50 55 73 400ms 47 50 66 VCAS040218X400 0.5Ω 1Ω 4Ω 100ms 38 39 40 200ms 37 37 38 400ms 34 35 36 VCAS060318A400 0.5Ω 1Ω 4Ω 100ms 37 38 42 200ms 36 37 41 400ms 35 36 39 VCAS080518A400 0.5Ω 1Ω 4Ω 100ms 37 39 40 200ms 35 38 39 400ms 33 37 38 VCAS080518C400 0.5Ω 1Ω 4Ω 100ms 40 41 48 200ms 39 40 45 400ms 38 39 42 VCAS120618A400 0.5Ω 1Ω 4Ω 100ms 43 45 55 200ms 41 43 48 400ms 40 41 45 VCAS120618D400 0.5Ω 1Ω 4Ω 100ms 42 45 55 200ms 40 42 50 400ms 39 40 45 VCAS120618E380 0.5Ω 1Ω 4Ω 100ms 42 45 55 200ms 40 43 50 400ms 39 40 45 VCAS121018J390 0.5Ω 1Ω 4Ω 100ms 48 53 74 200ms 46 50 64 400ms 43 46 56 LOAD DUMP LIBRARY Typical max Vz versus Pulse duration and Ri 12V SYSTEMS VCAS060326A580 1Ω 4Ω 8Ω 100ms 51 56 58 200ms 50 54 56 400ms 49 51 53 VCAS080526A580 1Ω 4Ω 8Ω 100ms 51 53 59 200ms 49 51 57 400ms 48 50 51 VCAS080526C580 1Ω 4Ω 8Ω 100ms 51 54 62 200ms 49 51 56 400ms 48 49 51 VCAS120626D580 1Ω 4Ω 8Ω 100ms 52 60 68 200ms 50 57 65 400ms 47 54 61 VCAS121026H560 1Ω 4Ω 8Ω 100ms 61 74 91 200ms 59 69 82 400ms 55 64 70 VCAS060330A650 1Ω 4Ω 8Ω 100ms 57 59 63 200ms 56 58 61 400ms 54 57 58 VCAS080530A650 1Ω 4Ω 8Ω 100ms 58 62 66 200ms 56 61 64 400ms 53 57 61 VCAS080530C650 1Ω 4Ω 8Ω 100ms 58 61 63 200ms 57 58 62 400ms 55 56 59 VCAS120630D650 1Ω 4Ω 8Ω 100ms 61 70 75 200ms 57 66 69 400ms 56 62 64 VCAS121030H620 1Ω 4Ω 8Ω 100ms 70 77 98 200ms 64 70 89 400ms 56 65 70 VGAS181234U770 1Ω 4Ω 8Ω 100ms 87 110 125 200ms 82 97 114 400ms 75 85 95 VGAS222034Y770 1Ω 4Ω 8Ω 100ms 100 125 165 200ms 91 115 155 400ms 84 104 120 24V SYSTEMS |
Similar Part No. - VCAS060330H400RP |
|
Similar Description - VCAS060330H400RP |