Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA178M20FP Datasheet(PDF) 1 Page - Rohm

Part # BA178M20FP
Description  Standard 78M series, 3-pin regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA178M20FP Datasheet(HTML) 1 Page - Rohm

  BA178M20FP Datasheet HTML 1Page - Rohm BA178M20FP Datasheet HTML 2Page - Rohm BA178M20FP Datasheet HTML 3Page - Rohm BA178M20FP Datasheet HTML 4Page - Rohm BA178M20FP Datasheet HTML 5Page - Rohm BA178M20FP Datasheet HTML 6Page - Rohm BA178M20FP Datasheet HTML 7Page - Rohm BA178M20FP Datasheet HTML 8Page - Rohm BA178M20FP Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
BA178M!!T / BA178M!!FP series
Regulator ICs
Standard 78M series, 3-pin regulator
BA178M!!
!!
!!
!!
T / BA178M!!
!!
!!
!!
FP series
The BA178M!!T and BA178M!!FP series are 3-pin, fixed positive output voltage regulators. These regulators are
used to provide a stabilized output voltage from a fluctuating DC input voltage.
There are 11 fixed output voltages, as follows : 5V, 6V, 7V, 8V, 9V, 10V, 12V, 15V, 18V, 20V, and 24V.
The maximum current capacity is 0.5A for each of the above voltages.
"
"
"
"
Application
Constant voltage power supply
"
"
"
"
Features
1) Built-in overcurrent protection circuit and thermal shutdown circuit.
2) Excellent ripple regulation.
3) Available in TO-220FP and TO252-3 packages, to meet wide range of applications.
4) Compatible with other manufacturers' regulators.
5) Richly diverse lineup. (5V, 6V, 7V, 8V, 9V, 10V, 12V, 15V, 18V, 20V, 24 V)
"
"
"
"
Product codes
Output voltage (V)
Product No.
Output voltage (V)
Product No.
512
615
718
820
924
10
−−
BA178M05T / FP
BA178M09T / FP
BA178M10T / FP
BA178M12T / FP
BA178M15T / FP
BA178M18T / FP
BA178M20T / FP
BA178M24T / FP
BA178M06T / FP
BA178M07T / FP
BA178M08T / FP


Similar Part No. - BA178M20FP

ManufacturerPart #DatasheetDescription
logo
Rohm
BA178M20FP ROHM-BA178M20FP Datasheet
251Kb / 6P
   Three-Terminal Regulator
BA178M20FP ROHM-BA178M20FP Datasheet
391Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
More results

Similar Description - BA178M20FP

ManufacturerPart #DatasheetDescription
logo
Rohm
BA17805T ROHM-BA17805T Datasheet
122Kb / 11P
   Standard 78 series, 3-pin regulator
logo
Panasonic Semiconductor
AN6541 PANASONIC-AN6541 Datasheet
25Kb / 3P
   3-pin Positive Voltage Regulator
logo
XP Power Limited
SR10S1V8 XPPOWER-SR10S1V8 Datasheet
86Kb / 1P
   3 Pin SIP 3T Switching Regulator
logo
Analog Intergrations Co...
AIC1721 AIC-AIC1721 Datasheet
208Kb / 6P
   3-pin Low Dropout Linear Regulator
logo
Panasonic Semiconductor
AN79LXX PANASONIC-AN79LXX Datasheet
145Kb / 12P
   3-pin negative output voltage regulator
logo
XP Power Limited
SR05S05 XPPOWER-SR05S05 Datasheet
86Kb / 1P
   3 Pin SIP 3T Switching Regulator
logo
Cherry Semiconductor Co...
CS5208-1 CHERRY-CS5208-1 Datasheet
136Kb / 7P
   8A LDO 3-Pin Adjustable Linear Regulator
logo
Rohm
BA03T ROHM-BA03T_1 Datasheet
185Kb / 9P
   Low saturation voltage type 3-pin regulator
BAOOT ROHM-BAOOT Datasheet
100Kb / 9P
   Low saturation voltage type 3-pin regulator
logo
Cherry Semiconductor Co...
CS5210-1 CHERRY-CS5210-1 Datasheet
142Kb / 8P
   10A LDO 3-Pin Adjustable Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com