Electronic Components Datasheet Search |
|
V2F109X150Y2DRP Datasheet(PDF) 2 Page - AVX Corporation |
|
V2F109X150Y2DRP Datasheet(HTML) 2 Page - AVX Corporation |
2 / 7 page 84 080216 TRANSFEED ELECTRICAL SPECIFICATIONS TransFeed AVX Multilayer Ceramic Transient Voltage Suppressors TVS Protection and EMI Attenuation in a Single Chip AVX Working Working Breakdown Clamping Maximum Transient Peak Typical DC Maximum Part Number Voltage Voltage Voltage Voltage Leakage Energy Current Cap Resistance Feedthru (DC) (AC) Current Rating Rating Current V2F105A150Y2E _ _ 5.6 4.0 8.5±20% 18 35 0.10 30 800 0.200 0.75 V2F105C150Y1F _ _ 5.6 4.0 8.5±20% 18 35 0.30 120 2500 0.150 1.00 V2F109A200Y2E _ _ 9.0 6.4 12.7±15% 22 25 0.10 30 575 0.200 0.75 V2F109C200Y1F _ _ 9.0 6.4 12.7±15% 22 25 0.30 120 1800 0.150 1.00 V2F114A300Y2E _ _ 14.0 10.0 18.5±12% 32 15 0.10 30 300 0.200 0.75 V2F114C300Y1F _ _ 14.0 10.0 18.5±12% 32 15 0.30 120 900 0.150 1.00 V2F118A400Y2E _ _ 18.0 13.0 25.5±10% 42 10 0.10 30 200 0.200 0.75 V2F118C400Y1F _ _ 18.0 13.0 25.5±10% 42 10 0.30 120 500 0.150 1.00 V2F118X500Y3D _ _ 18.0 13.0 25.5±10% 50 10 0.05 20 75 0.250 0.50 V2F126C600Y2E _ _ 26.0 18.0 34.5±10% 60 10 0.3 80 250 0.2 0.75 Termination Finish Code Packaging Code V W (DC) DC Working Voltage (V) V W (AC) AC Working Voltage (V) V B Typical Breakdown Voltage (V @ 1mA DC) V B Tol V B Tolerance is ± from Typical Value V C Clamping Voltage (V @ 1A 8x20μS ) I L Maximum Leakage Current at the Working Voltage (μA) E T Transient Energy Rating (J, 10x1000μS) I P Peak Current Rating (A, 8x20μS) Cap Typical Capacitance (pF) @ 1MHz and 0.5 V DCR DC Resistance (Ohms) I FT Maximum Feedthru Current (A) Y Capacitance Tolerance Y = +100/-50% 2 DC Resistance 1 = 0.150 Ohms 2 = 0.200 Ohms 3 = 0.250 Ohms E Feedthru Current D = 500 mA E = 750 mA F = 1.0 Amp D Packaging Code Pcs./Reel D = 1,000 R = 4,000 T = 10,000 V Varistor 2 Chip Size 2 = 0805 F Feedthru Capacitor 1 No. of Elements 05 Voltage 05 = 5.6VDC 09 = 9.0VDC 14 = 14.0VDC 18 = 18.0VDC 26 = 26.0VDC A Energy Rating X = 0.05J A = 0.1J C = 0.3J 150 Varistor Clamping Voltage 150 = 18V 200 = 22V 300 = 32V 400 = 42V 500 = 50V 600 = 60V P Termination Finish P = Ni/Sn (Plated) HOW TO ORDER |
Similar Part No. - V2F109X150Y2DRP |
|
Similar Description - V2F109X150Y2DRP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |