Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BG2A-NF Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # BG2A-NF
Description  BG2A ??Universal Gate Drive Prototype Board
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

BG2A-NF Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  BG2A-NF Datasheet HTML 1Page - Powerex Power Semiconductors BG2A-NF Datasheet HTML 2Page - Powerex Power Semiconductors BG2A-NF Datasheet HTML 3Page - Powerex Power Semiconductors BG2A-NF Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Publication Date: 09-12-2014
3
Rev. 5
Figure 2: BG2A Schematic and Component Selection Guide
Interface Circuit Requirements: A typical interface circuit for the BG2A is shown in Figure 3. A single +15V
control power supply (+VS) is connected to Pin 5 of CN1 with its ground at Pin 6. This supply provides all of the
gate drive power for both channels via the hybrid gate drivers
’ built in DC-to-DC converters. The current drawn
from the 15V supply will vary from less than 200mA to more than 1A depending on the switching frequency and
size of IGBT being driven. Consult the hybrid gate driver individual datasheets for details on determining the
required supply current. A 5V logic supply is connected at Pin 1 of CN1 and shares the same common ground at
Pin 6 of CN1 as the 15V control supply. The 5V supply is directly connected to Pin 6 of the hybrid gate driver which
is internally connected to the anode of the LED in the high speed opto-coupler. The 5V supply is also used to pull
the output side of the fault isolation opto-couplers high.
Figure 3: BG2A External Wiring Diagram
Component Selection:
Designation
Typical Value
Description
Example: Mfg./PN
D1,D2,D3,D4
0.5 A, 1000V
VCE detection diode – ultra fast recovery
ON Semi/MUR1100E
DZ2, DZ3, DZ5, DZ6
16V, 1W
Gate Voltage Surge Protection
1N4745
DZ1, DZ4
30V, 1W
Detect input pin surge voltage protection
1N4751
C1, C2, C3. C5, C6
1000
μF, 35V
Power supply filter
– Electrolytic, low Impedance
Panasonic EEU-FC1V102
CS
0-1000 pF
Adj. soft shutdown
– Multilayer ceramic or film**
EPCOS B37979---------
CT
0-200 pF
Adj. trip time - Multilayer ceramic or film**
EPCOS B37979---------
R1, R4
4.7k
Ω, 0.25W
Fault sink current limiting resistor
R2, R5
3.3k
Ω, 0.25W
Fault signal noise suppression resistor
R3
4.7K
Ω, 0.25W
Fault feedback pull-up resistor
OP1, OP2
NEC PS2501
Opto-coupler for fault signal isolation
NEC/ PS2501
CN1, CN2, CN3
MTA .100
Input and gate drive connectors*
AMP 641216-6
* Remove the three unused pins on CN2 and CN3 to maintain appropriate high voltage spacing. Recommended mating connector AMP
CST-100 Housing P/N 770602-6 with crimp contact 770666-2.
** CS, CT are only required in certain special applications. Please see VLA500/VLA502 application notes for details.


Similar Part No. - BG2A-NF

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
BG2A POWEREX-BG2A Datasheet
296Kb / 5P
   Universal Gate Drive Prototype Board
More results

Similar Description - BG2A-NF

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
GAU208P-15252 ISAHAYA-GAU208P-15252 Datasheet
564Kb / 8P
   Universal Gate Drive Prototype Board
GAU205P-15252 ISAHAYA-GAU205P-15252 Datasheet
94Kb / 6P
   Universal Gate Drive Prototype Board
GAU205S-15252 ISAHAYA-GAU205S-15252 Datasheet
128Kb / 7P
   Universal Gate Drive Prototype Board
GAU212P-15255 ISAHAYA-GAU212P-15255 Datasheet
93Kb / 6P
   Universal Gate Drive Prototype Board
GAU212S-15255 ISAHAYA-GAU212S-15255 Datasheet
122Kb / 7P
   Universal Gate Drive Prototype Board
GAU205P-15402 ISAHAYA-GAU205P-15402 Datasheet
500Kb / 8P
   Universal Gate Drive Prototype Board
logo
Powerex Power Semicondu...
BG2A POWEREX-BG2A Datasheet
296Kb / 5P
   Universal Gate Drive Prototype Board
logo
Isahaya Electronics Cor...
GAU205P-15252A ISAHAYA-GAU205P-15252A Datasheet
375Kb / 6P
   Universal Gate Drive Prototype Board
logo
Powerex Power Semicondu...
BG2C-5015 POWEREX-BG2C-5015 Datasheet
628Kb / 4P
   BG2C ??Universal Gate Drive Prototype Board
BG2B-5015 POWEREX-BG2B-5015 Datasheet
651Kb / 5P
   BG2B ??Universal Gate Drive Prototype Board
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com