Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VA100048D580TL Datasheet(PDF) 2 Page - AVX Corporation

Part # VA100048D580TL
Description  AVX Axial Multilayer Ceramic Transient Voltage Suppressors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VA100048D580TL Datasheet(HTML) 2 Page - AVX Corporation

  VA100048D580TL Datasheet HTML 1Page - AVX Corporation VA100048D580TL Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
79
V
W (DC)
DC Working Voltage (V)
V
W (AC)
AC Working Voltage (V)
V
B
Typical Breakdown Voltage (V @ 1mA
DC )
V
B Tol
V
B Tolerance is ± from Typical Value
V
C
Clamping Voltage (V @ I
VC )
I
VC
Test Current for V
C (A, 8x20μS)
I
L
Maximum Leakage Current at the
Working Voltage (μA)
E
T
Transient Energy Rating (J, 10x1000μS)
I
P
Peak Current Rating (A, 8x20μS)
Cap
Typical Capacitance (pF) @ frequency specified
and 0.5 VRMS
Freq
Frequency at which capacitance is measured
(K = 1kHz, M = 1MHz)
Axial TransGuard
® and StaticGuard
AVX Axial Multilayer Ceramic Transient Voltage Suppressors
Dimensions: Millimeters
(Inches)
D
Max.
0.51
±0.05
(0.020"
±0.002")
L
Max.
25.4 (1.0")
Min. Lead Length
DIMENSIONS: mm (inches)
AVX Style
VA1000
VA2000
(L) Max Length
mm
4.32
4.83
(in.)
(0.170)
(0.190)
(D) Max Diameter
mm
2.54
3.56
(in.)
(0.100)
(0.140)
Lead Finish: Copper Clad Steel, Solder Coated
AXIAL TRANSGUARD®
AVX PN
VW (DC)
VW (AC)
VB
VC
IVC
IL
ET
IP
Cap
Freq
Case
VA100003A100
3.3
2.3
5.0±20%
12
1
100
0.1
40
1500
K
1000
VA100003D100
3.3
2.3
5.0±20%
12
1
100
0.4
150
4700
K
1000
VA100005A150
5.6
4.0
8.5±20%
18
1
35
0.1
40
1000
K
1000
VA100005D150
5.6
4.0
8.5±20%
18
1
35
0.4
150
2800
K
1000
VA100014A300
14.0
10.0
18.5±12%
32
1
15
0.1
40
325
K
1000
VA100014D300
14.0
10.0
18.5±12%
32
1
15
0.4
150
1100
K
1000
VA100018A400
18.0
13.0
25.5±10%
42
1
10
0.1
40
350
K
1000
VA100018D400
18.0
13.0
25.5±10%
42
1
10
0.4
150
900
K
1000
VA100026D580
26.0
18.0
34.5±10%
60
1
10
0.4
120
650
K
1000
VA100030D650
30.0
21.0
41.0±10%
67
1
10
0.4
120
550
K
1000
VA100048D101
48.0
34.0
62.0±10%
100
1
10
0.4
100
200
K
1000
VA200060K121
60.0
42.0
76.0±10%
120
1
10
2.0
300
400
K
2000
AXIAL STATICGUARD
AVX PN
VW (DC)
VW (AC)
VB
VC
IVC
IL
ET
IP
Cap
Freq
Case
VA10LC18A500
≤18.0
≤14.0
25-40
50
1
10
0.1
30
200
K
1000


Similar Part No. - VA100048D580TL

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VA100048D101 AVX-VA100048D101 Datasheet
496Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VA100048D101 AVX-VA100048D101 Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VA100048D101 AVX-VA100048D101 Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VA100048D101 AVX-VA100048D101 Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VA100048D101 AVX-VA100048D101 Datasheet
418Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
More results

Similar Description - VA100048D580TL

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VC120630D650RP AVX-VC120630D650RP Datasheet
501Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC040205X150WP AVX-VC040205X150WP Datasheet
496Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC080505C150RP AVX-VC080505C150RP Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120630D650DP AVX-VC120630D650DP Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120631M650RP AVX-VC120631M650RP Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120605D150RP AVX-VC120605D150RP Datasheet
418Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120605D150DP AVX-VC120605D150DP Datasheet
518Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VCH4AG100R8MATWA AVX-VCH4AG100R8MATWA Datasheet
235Kb / 2P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC080518C400DP AVX-VC080518C400DP Datasheet
206Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120614D300DP AVX-VC120614D300DP Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com