Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2A-CT6-38E Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # R2A-CT6-38E
Description  clamping force of the clip is not degraded by repeated loading and unloading.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

R2A-CT6-38E Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  R2A-CT6-38E Datasheet HTML 1Page - Ohmite Mfg. Co. R2A-CT6-38E Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
179
hEAT Di SS i P AT i ON
R2 Series
For TO-220, TO-247, and TO-264
D im ENS i ONS
h O w TO ORDER
TO-247 with no thermal
interface material
300
100 200
600
400 500
900
700 800
Heat Dissipated (watts)
0
4
2
0
10
8
6
16
18
14
12
40
20
20
100
120
140
160
0
1000
Air Velocity (ft./min.)
60
80
2.5
1.5
0.5
0
2
1
3
3.5
ø0.05" typ.
(1.3mm)
2x ø0.08"
(2.0mm)
1.38"
(35.2mm)
0.80"
(20.3mm)
0.18"
(4.6mm)
0.87"
(22.0mm)
1.5"
(38.0mm)
0.14"
(3.6mm)
1.44"
(36.5mm)
0.39"
(10.0mm)
CT2: 0.55"
(14mm)
CT4 & CT6:
0.71" (18mm)
CT4 & CT6: 0.69" (17.6mm)
CT2: 0.47" (11.9mm)
CT4 & CT6: 0.69" (17.6mm)
CT2: 0.47" (11.9mm)
R2V-CT2-38E
Series
R2
Clip
C = camming clip
Height
(mm)
Finish
A = black anodized
V = degreased
Package
T2 = TO220
T4 = TO247
T6 = TO264
RoHS
Compliant


Similar Part No. - R2A-CT6-38E

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
R2A-CT6-38E OHMITE-R2A-CT6-38E Datasheet
333Kb / 2P
   Reduced Assembly Cost
More results

Similar Description - R2A-CT6-38E

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
11156 SILABS-11156 Datasheet
442Kb / 1P
   THE INFORMATION HEREIN CONTAINS PROPIETARY INFORMATION OF SULLINS ELECTRONICS AND IS NOT
logo
List of Unclassifed Man...
NV156QUM-N72 ETC2-NV156QUM-N72 Datasheet
964Kb / 33P
   THIS SPECIFICATION IS THE PROPERTY OF BOE BJ AND SHALL NOT BE
logo
Honeywell Solid State E...
SS94A1F HONEYWELL-SS94A1F Datasheet
60Kb / 1P
   CENTERLINE OF NALL CELL ONLY THE LOCATION OF THE CERAMIC COVER IS NOT SPECIFIED
logo
Ohmite Mfg. Co.
SINK-C OHMITE-SINK-C Datasheet
525Kb / 2P
   Maximum Repeatability Constant spring force over repeated assembly/disassembly
logo
Wurth Elektronik GmbH &...
784787120 WURTH-784787120 Datasheet
589Kb / 7P
   It is recommeded that the temperature of the component does not exceed
784787101 WURTH-784787101 Datasheet
589Kb / 7P
   It is recommeded that the temperature of the component does not exceed
logo
PHOENIX CONTACT
CRIMPFOX-25R PHOENIX-CRIMPFOX-25R Datasheet
54Kb / 3P
   Ergonomically designed handles ensure an optimum grip and reduce the amount of force required by 25%
CRIMPFOX-50R PHOENIX-CRIMPFOX-50R Datasheet
58Kb / 2P
   Ergonomically designed handles ensure an optimum grip and reduce the amount of force required by 25%
logo
Japan Aviation Electron...
FO-FC-RS-A2-R JAE-FO-FC-RS-A2-R Datasheet
110Kb / 1P
   THE SHAPE OF INDICATED RADIUS PART IS NOT STRICT REQUIREMENT
logo
PHOENIX CONTACT
CRIMPFOX-16R-TWIN PHOENIX-CRIMPFOX-16R-TWIN Datasheet
55Kb / 2P
   Ergonomically designed handles ensure an optimum grip and reduce the amount of force required by 25%
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com