Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL88 Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # TL88
Description  Modular Heat Sinkable Thick Film Power
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

TL88 Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  TL88 Datasheet HTML 1Page - Ohmite Mfg. Co. TL88 Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
158
TL Series
Modular Heat Sinkable
Thick Film Power
Thermal Resistance
Ultra*
Std**
Nominal Surge Load
Max. Voltage
Ohm
Ultra
Std.
Series
Wattage Wattage
Power
(10 sec.) between terminals
Range
(10% tol.) (3%-5% tol.)
TL54
35
27
18
72
1000
0.3Ω - 1MΩ
1.26
1.67
TL71
96
71
48
192
2000
1.0Ω - 2MΩ
0.53
0.70
TL88
155
114
78
312
2500
1.5Ω - 3MΩ
0.34
0.45
TL104
215
158
108
432
2500
2.0Ω - 4MΩ
0.25
0.33
†TL122
275
202
137
548
2500
2.0Ω - 4MΩ
* For properly heat sinked, untrimmed resistors - see chart
** For properly heat sinked, trimmed resistors - see chart
† Power Ratings are theoretical. Consult Factory for details.
Operating voltage 1200 VAC
Dielectric Withstanding Voltage 2500 VAC
Resistive Element Thick Film on Alumina
Housing Aluminum
Insulators Glass reinforced high temperature Valox®
Terminals Tinned brass
Power Range 27 – 275 watts
Resistance Range 0.3Ω – 4MΩ
Tolerance Ultra Power (U Style): ±10% std.
Standard Power: ±10% std.; 5% and 1% available
Temperature Coefficient ±250 PPM
Test Voltage for 1 Minute 6000 VDC/2500 VAC
Working Voltage 1200 VAC
External Creeping Distance 12mm
Temperature Limits -40°C to +125°C
Insulation >1002 MΩ/500V
Air Distance, Terminal to Ground 7mm
Inductance 50-100 nH
THIS PRODUCT IS
DESIGNED FOR USE WITH
PROPER HEATSINKING.
Maximum base plate temperature of the
resistor must be monitored and kept
within specified limits to establish the
power rating. Best technique is to attach
a thermocouple to the side of the base
plate of the resistor. Temperature of plastic
housing or heat sink cannot be used to
establish rating of the resistor.
The TL Series add heat sinkable options to the
thick film resistor family. The resistor element
is packaged with plastic insulators, and quick-
connect terminals in a symmetrical aluminum
profile for easy heat sink mounting. Special
tapped configurations are offered to reduce on
board component count.
Efficient thermal packaging provides improved
heat conduction to the heat sink. Self-insulating
package design increases voltage withstanding
characteristics when compared to traditional
aluminum housings. The in line mounting profile
makes the TL Series easily adaptable to most
heat sink systems. Thermal compound is always
recommended when heat sinking.
Fea T ure S
• Very low inductance
• Low profile design
• In-Line Mounting
Profile
1/4” Quick connect ter-
minals
• Consult factory for
common, isolated, or
special multiple tap
options.
S er I e S SP e CIFIC aTIONS
aPPLIC a TIONS
• Semiconductor Balancing
• Frequency Converters
• Snubber
• In-Rush Current Limiter
• Bleeder Resistor
• Power Switching
• Voltage Dividers
C hara CT er ISTICS
(continued)


Similar Part No. - TL88

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
TL88 DBLECTRO-TL88 Datasheet
189Kb / 2P
   SPLIT-BOBBIN TRANSFORMER
TL88-025-10 DBLECTRO-TL88-025-10 Datasheet
189Kb / 2P
   SPLIT-BOBBIN TRANSFORMER
TL88-025-12 DBLECTRO-TL88-025-12 Datasheet
189Kb / 2P
   SPLIT-BOBBIN TRANSFORMER
TL88-025-16 DBLECTRO-TL88-025-16 Datasheet
189Kb / 2P
   SPLIT-BOBBIN TRANSFORMER
TL88-025-20 DBLECTRO-TL88-025-20 Datasheet
189Kb / 2P
   SPLIT-BOBBIN TRANSFORMER
More results

Similar Description - TL88

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
TL54FR500E OHMITE-TL54FR500E Datasheet
126Kb / 2P
   Modular Heat Sinkable Thick Film Power
TAP800 OHMITE-TAP800 Datasheet
379Kb / 2P
   800 Watt Heat Sinkable Planar
TAP600K2R0 OHMITE-TAP600K2R0 Datasheet
332Kb / 2P
   600 Watt Heat Sinkable Planar
TAP800J5R0E OHMITE-TAP800J5R0E Datasheet
105Kb / 1P
   800 Watt Heat Sinkable Planar
TAP600 OHMITE-TAP600 Datasheet
370Kb / 2P
   600 Watt Heat Sinkable Planar
TAP600J5R0E OHMITE-TAP600J5R0E Datasheet
100Kb / 1P
   600 Watt Heat Sinkable Planar
TA1K0PH2R50KE OHMITE-TA1K0PH2R50KE Datasheet
102Kb / 1P
   1000 Watt Heat Sinkable Planar
logo
TE Connectivity Ltd
1773308 TEC-1773308 Datasheet
563Kb / 2P
   Thick Film Power Resistors
logo
List of Unclassifed Man...
FCR10 ETC2-FCR10 Datasheet
778Kb / 2P
   Thick Film Power Resistors
FPA1002R2J ETC2-FPA1002R2J Datasheet
362Kb / 2P
   Thick Film Power Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com