Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTB012C04Q8 Datasheet(PDF) 11 Page - Cystech Electonics Corp.

Part # MTB012C04Q8
Description  N- and P-Channel Enhancement Mode MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB012C04Q8 Datasheet(HTML) 11 Page - Cystech Electonics Corp.

Back Button MTB012C04Q8 Datasheet HTML 4Page - Cystech Electonics Corp. MTB012C04Q8 Datasheet HTML 5Page - Cystech Electonics Corp. MTB012C04Q8 Datasheet HTML 6Page - Cystech Electonics Corp. MTB012C04Q8 Datasheet HTML 7Page - Cystech Electonics Corp. MTB012C04Q8 Datasheet HTML 8Page - Cystech Electonics Corp. MTB012C04Q8 Datasheet HTML 9Page - Cystech Electonics Corp. MTB012C04Q8 Datasheet HTML 10Page - Cystech Electonics Corp. MTB012C04Q8 Datasheet HTML 11Page - Cystech Electonics Corp. MTB012C04Q8 Datasheet HTML 12Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
CYStech Electronics Corp.
Spec. No. : C049Q8
Issued Date : 2017.04.24
Revised Date :
Page No. : 11/12
MTB012C04Q8
CYStek Product Specification
Recommended wave soldering condition
Product
Peak Temperature
Soldering Time
Pb-free devices
260 +0/-5
°C
5 +1/-1 seconds
Recommended temperature profile for IR reflow
Profile feature
Sn-Pb eutectic Assembly
Pb-free Assembly
Average ramp-up rate
(Tsmax to Tp)
3
°C/second max.
3
°C/second max.
Preheat
−Temperature Min(TS min)
−Temperature Max(TS max)
−Time(ts min to ts max)
100
°C
150
°C
60-120 seconds
150
°C
200
°C
60-180 seconds
Time maintained above:
−Temperature (TL)
− Time (tL)
183
°C
60-150 seconds
217
°C
60-150 seconds
Peak Temperature(TP)
240 +0/-5
°C
260 +0/-5
°C
Time within 5
°C of actual peak
temperature(tp)
10-30 seconds
20-40 seconds
Ramp down rate
6
°C/second max.
6
°C/second max.
Time 25
°C to peak temperature
6 minutes max.
8 minutes max.
Note :1. All temperatures refer to topside of the package, measured on the package body surface.
2.For devices mounted on FR-4 PCB of 1.6mm or equivalent grade PCB. If other grade PCB is used, care
should be taken to match the coefficients of thermal expansion between components and PCB. If they are
not matched well, the solder joints may crack or the bodies of the parts may crack or shatter as the assembly
cools.


Similar Part No. - MTB012C04Q8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTB012N04J3 CYSTEKEC-MTB012N04J3 Datasheet
401Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
MTB012N04J3-0-T3-G CYSTEKEC-MTB012N04J3-0-T3-G Datasheet
401Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
MTB012N04Q8 CYSTEKEC-MTB012N04Q8 Datasheet
486Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
logo
SHENZHEN DOINGTER SEMIC...
MTB012N04Q8 DOINGTER-MTB012N04Q8 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
Cystech Electonics Corp...
MTB012N04Q8-0-T3-G CYSTEKEC-MTB012N04Q8-0-T3-G Datasheet
486Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - MTB012C04Q8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTC4103N8J CYSTEKEC-MTC4103N8J Datasheet
593Kb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
MTC4503N8J CYSTEKEC-MTC4503N8J Datasheet
594Kb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
MTC7540BDH8 CYSTEKEC-MTC7540BDH8_16 Datasheet
759Kb / 14P
   N- AND P-Channel Enhancement Mode MOSFET
MTBA6C12H8 CYSTEKEC-MTBA6C12H8 Datasheet
1Mb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
MTB20C06KQ8 CYSTEKEC-MTB20C06KQ8 Datasheet
877Kb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
MTBA5C10H8 CYSTEKEC-MTBA5C10H8 Datasheet
535Kb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
logo
FutureWafer Tech Co.,Lt...
FM2058NPK FUTUREWAFER-FM2058NPK Datasheet
1Mb / 9P
   N and P Channel Enhancement Mode MOSFET
13-DEC-2021 V 2.1
logo
Cystech Electonics Corp...
MTC4703H8 CYSTEKEC-MTC4703H8 Datasheet
722Kb / 14P
   N- AND P-Channel Enhancement Mode MOSFET
MTC4603H8 CYSTEKEC-MTC4603H8 Datasheet
729Kb / 14P
   N- and P-Channel Enhancement Mode MOSFET
MTC4203BN8J CYSTEKEC-MTC4203BN8J Datasheet
408Kb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
MTC6601N6 CYSTEKEC-MTC6601N6 Datasheet
514Kb / 12P
   N- AND P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com