Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA1 Datasheet(PDF) 1 Page - Nais(Matsushita Electric Works)

Part # CA1
Description  AUTOMOTIVE POWER RELAYS SMALL SIZE, LIGHT WEIGHT AND COMPLETELY WATER TIGHT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

CA1 Datasheet(HTML) 1 Page - Nais(Matsushita Electric Works)

  CA1 Datasheet HTML 1Page - Nais(Matsushita Electric Works) CA1 Datasheet HTML 2Page - Nais(Matsushita Electric Works) CA1 Datasheet HTML 3Page - Nais(Matsushita Electric Works) CA1 Datasheet HTML 4Page - Nais(Matsushita Electric Works) CA1 Datasheet HTML 5Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
383
CA-RELAYS
AUTOMOTIVE POWER
RELAYS — SMALL SIZE,
LIGHT WEIGHT AND
COMPLETELY WATER TIGHT
FEATURES
1. Small size and light weight
For space saving, the outside dimensions
of the main body are reduced to be 21.5
mm (length)
× 14.4 mm (width) × 37 mm
(height) (.846
× .567 × 1.457 inch). and
the weight is also reduced to be approx.
19 g .67 oz (Direct coupling 1 Form A,
1 Form B type)
2. Water tightness
Since the relays comply with the water
tightness standards, JIS D 0203, water
and dust will not enter the relay even if it is
mounted in the engine area.
3. Low operaing power (1.4W) type is
available (1 Form A, 1 Form B)
4. Since the terminal arrangement
complies with JIS D5011 B4-M1, com-
mercial connectors are available for
these types of relays.
SPECIFICATIONS
Contact
Type
12 V DC
24 V DC
Arrangement
1 Form A
1 Form B
1 Form C
1 Form C
Initial contact resistance, max.
(By voltage drop 6 V DC 1A)
50 m ohm
Contact material
silver alloy
Contact voltage drop, max.
0.3 V
After electrical life test,
by voltage drop
12 V DC 20 A
(1.4 W type),
12 V DC 30 A
(1.8 W type)
0.3 V
After electrical life test,
by voltage drop
12 V DC 20 A
0.4 V
After electrical life test,
by voltage drop
12 V DC 20 A
0.4 V
After electrical life test,
by voltage drop
24 V DC 10 A
Rating
Nominal switching capacity
(resistive load)
20 A 12 V DC
(1.4 W type)
30 A 12 V DC
(1.8 W type)
20 A 12 V DC
10 A 24 V DC
(ON: 2s, OFF: 2s)
Max. switching voltage
16 V
15 V
30 V
Max. switching current
120 A (1.4 W type)
150 A (1.8 W type)
120 A
100 A
50 A (Inrush current)
Max. carrying current
20 A continuous
(1.4 W type)
30 A for 1 min
(1.8 W type)
20 A continuous
20 A continuous
10 A continuous
Nominal operating power
1.4 W / 1.8 W
1.8 W
Expected
life (min.
operations)
Mechanical (at 120 cpm)
106
5
×105
Electrical
20 A
(1.4 W, 1.8 W type)
105
(ON: 2s, OFF: 2s)
105 (ON 2s, OFF 2s)
105
30 A
(1.8 W type)
2
×104
(ON: 3s, OFF: 15s)


Similar Part No. - CA1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CA1 MACOM-CA1 Datasheet
360Kb / 2P
   Cascadable Amplifier 5 to 500 MHz
logo
Panasonic Semiconductor
CA1-12V-C PANASONIC-CA1-12V-C Datasheet
112Kb / 6P
   AUTOMOTIVE POWER RELAYS - SMALL SIZE, LIGHT WEIGHT
CA1-12V-N PANASONIC-CA1-12V-N Datasheet
112Kb / 6P
   AUTOMOTIVE POWER RELAYS - SMALL SIZE, LIGHT WEIGHT
CA1-24V-C PANASONIC-CA1-24V-C Datasheet
112Kb / 6P
   AUTOMOTIVE POWER RELAYS - SMALL SIZE, LIGHT WEIGHT
CA1-24V-N PANASONIC-CA1-24V-N Datasheet
112Kb / 6P
   AUTOMOTIVE POWER RELAYS - SMALL SIZE, LIGHT WEIGHT
More results

Similar Description - CA1

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
CA1A-12V-A-5 PANASONIC-CA1A-12V-A-5 Datasheet
112Kb / 6P
   AUTOMOTIVE POWER RELAYS - SMALL SIZE, LIGHT WEIGHT
logo
HuaXinAn Electronics CO...
NVF4-1C HUAXINAN-NVF4-1C Datasheet
1Mb / 1P
   Small size and light weight
NVF4-8 HUAXINAN-NVF4-8 Datasheet
518Kb / 1P
   Small size and light weight.
logo
CIT Relay & Switch
A51AS12VDC1.6U CIT-A51AS12VDC1.6U Datasheet
117Kb / 3P
   Small size and light weight
logo
HuaXinAn Electronics CO...
NVF4-2U HUAXINAN-NVF4-2U Datasheet
1Mb / 1P
   Small size and light weight
NVF4-1U HUAXINAN-NVF4-1U Datasheet
1Mb / 1P
   Small size and light weight
NVF4-2A HUAXINAN-NVF4-2A Datasheet
1Mb / 1P
   Small size and light weight
logo
CIT Relay & Switch
A16 CIT-A16 Datasheet
110Kb / 2P
   Small size and light weight
J107E3 CIT-J107E3 Datasheet
96Kb / 3P
   Small size and light weight
logo
HuaXinAn Electronics CO...
NVF4-2C HUAXINAN-NVF4-2C Datasheet
1Mb / 1P
   Small size and light weight
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com